Part Number Hot Search : 
20M000 DDTC124 AZ7805D BT3904 C559C CMF211 S1500 UF5400
Product Description
Full Text Search
 

To Download ITR9702-F09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  everlight electronics co., ltd. http://www.ev erlight.com rev 2 page: 1 of 7 device no drx-0000010 prepared date 2007/6/4 prepared by wangyinsheng technical data sheet opto interrupter itr9702-f features ? fast response time ? high analytic ? cut-off visible wavelength p=940nm ? high sensitivity ? pb free ? this product itself will remain within rohs compliant version descriptions ? the itr9702-f consist of an infrared emitting diode and an npn silicon phototransistor, encased side-by-side on converging optical axis in a black thermoplastic housing, ? the phototransistor receives radiation from the ir led only .this is the normal situation. ? but when an object is in between , phototransistor could not receives the radiation. ? for additional component information , please refer to ir928-6c-f and pt928-6c-f applications ? mouse copier ? switch scanner ? floppy disk driver ? non-contact switching ? for direct board device selection guide device no. chip material lens color ir928-6c-f gaalas water clear pt928-6c-f silicon water clear
everlight electronics co., ltd. http://www.ev erlight.com rev 2 page: 2 of 7 device no drx-0000010 prepared date 2007/6/4 prepared by wangyinsheng itr9702-f package dimensions notes: 1.all dimensions are in millimeters 2.tolerances unless dimensions 0.2mm 3.lead spacing is measured where the lead emerge from the package 4.above specification may be changed without notice. everlight will reserve authority on material change for above specification 5.these specification sheets include material s protected under copyright of everlight corporation . please don?t reproduce or cause a nyone to reproduce them without everlight?s consent 6.when using this product , please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. everight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets.
everlight electronics co., ltd. http://www.ev erlight.com rev 2 page: 3 of 7 device no drx-0000010 prepared date 2007/6/4 prepared by wangyinsheng itr9702-f absolute maximum ratings (ta=25 ) parameter symbol ratings unit power dissipation at(or below) 25 free air temperature pd 75 mw reverse voltage v r 5 v forward current i f 50 ma input peak forward current (*1) pulse width Q 100 s, duty cycle=1% i fp 1 a collector power dissipation p c 75 mw collector current i c 20 ma collector-emitter voltage b v ceo 30 v output emitter-collector voltage b v eco 5 v operating temperature topr -25~+85 storage temperature tstg -40~+100 lead soldering temperature (*2) (1/16 inch form body for 5 seconds) tsol 260 (*1) tw=100 sec. , t=10 msec. (*2) t=5 sec electro-optical characteristics (ta=25 ) parameter symbol min. typ. max. unit conditions forward voltage v f --- 1.2 1.5 v i f =20ma reverse current i r --- --- 10 a v r =5v peak wavelength p --- 940 --- nm i f =20ma input view angle 2 1/2 --- 40 --- deg i f =20ma dark c urrent i ceo --- --- 100 na v ce =20v,ee=0mw/cm 2 output c-e saturation voltage v ce (sat) --- 0.15 0.4 v i c =2ma ,ee=1mw/cm 2 i c (on) 0.5 --- --- ma collect current ic(off) --- --- 20 a v ce =5v i f =20ma rise time t r --- 15 --- sec transfer characteristics fall time t f --- 15 --- sec v ce =5v i c =1ma r l =1k ?
everlight electronics co., ltd. http://www.ev erlight.com rev 2 page: 4 of 7 device no drx-0000010 prepared date 2007/6/4 prepared by wangyinsheng 0 -40 -20 40 20 060100 80 10 20 30 40 50 60 70 -20 0.6 0.9 0.7 0.8 1.0 0.2 0.4 0 0.2 0.4 0.6 50 70 80 60 40 30 -10 020 10 0 20 40 60 80 100 i f =20ma ta=25c 25 1 1.1 1.2 1.3 50 75 100 120 i f =20ma 75 -25 0 25 50 100 900 920 940 960 980 0 10 10 1 10 2 3 10 4 1234 itr9702-f typical electrical/optical/chara cteristics curves for ir fig.1 forward current vs. fig.2 spectral distribution ambient temperature fig.3 peak emission wavelength vs. fig.4 forward current vs. ambient temperature forward voltage fig.5 forward voltage vs fig.6 relative radiant intensity vs. ambient temperature( c) angular displacement
everlight electronics co., ltd. http://www.ev erlight.com rev 2 page: 5 of 7 device no drx-0000010 prepared date 2007/6/4 prepared by wangyinsheng 0 -25 20 40 50 0 25 85 75 100 60 80 100 20 0 0 40 10 20 30 60 50 70 100 60 40 80 140 120 160 2 0.01 0.5 1 1.5 2 3 0.1 1 10 100 c 100 0 0.2 0.4 500 300 700 ta=25 1.0 0.6 0.8 c 1100 900 130 0 10 10 0 10 10 10 25 50 75 100 10 4 0 0 2 1 6 8 2 3 14 12 4 itr9702-f typical electrical/optical/chara cteristics curves for pt fig.1collector power dissipation vs. fig.2 spectral sensitivity ambient temperature fig.3 relative collector current vs. fig.4 collector current vs. ambient temperature irradiance fig.5 collector dark current vs. fig.6 collector current vs. ambient temperature collector-emitter voltage
everlight electronics co., ltd. http://www.ev erlight.com rev 2 page: 6 of 7 device no drx-0000010 prepared date 2007/6/4 prepared by wangyinsheng itr9702-f reliability test item and condition the reliability of products shall be satisfied with items listed below. confidence level 90% ltpd 10% no. item test condition test hours/ cycle sample size failure judgement criteria ac/re 1 solder heat temp : 260 5 10 sec 22 pcs 0/1 2 temperature cycle h : +100 15 min 5 min l : -40 15 min 300 cycle 22 pcs (ir)attenuation of power brightness or electrical value>20% 0/1 3 thermal shock h : +100 5 min 10 sec l : -10 5 min 300 cycle 22 pcs (pt) attenuation of light current >20% 0/1 4 high temperature storage temp. : +100 1000 hrs 22 pcs 0/1 5 low temperature storage temp. : -40 1000 hrs 22 pcs 0/1 6 dc operating life v ce =5v i f =20ma 1000 hrs 22 pcs 0/1 7 high temperature / high humidity 85 / 85% r.h. 1000 hrs 22 pcs 0/1
everlight electronics co., ltd. http://www.ev erlight.com rev 2 page: 7 of 7 device no drx-0000010 prepared date 2007/6/4 prepared by wangyinsheng itr9702-f packing quantity specification 1. 80pcs/1plate,5plates/1boxe, 10boxes/1carton label form specification p/n : production number cpn: customer?s production number qty: packing quantity cat: ranks hue: peak wavelength ref: reference lot no: lot number x: month reference: identify label number notes 1. above specification may be changed without notice. everlight will reserve authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. these specification sheets include materials prot ected under copyright of everlight corporation. please don?t reproduce or cause anyone to reproduce them without everlight?s consent. everlight electronics co., ltd. tel: 886-2-2267-2000, 2267-9936 office: no 25, lane 76, sec 3, chung yang rd, fax: 886-2267-6244, 2267-6189, 2267-6306 tucheng, taipei 236, taiw an, r.o.c http://www.everlight.com pb rohs everlight x itr9702-f


▲Up To Search▲   

 
Price & Availability of ITR9702-F09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X