Part Number Hot Search : 
TCLT1007 103J25 P6KE250A HWS2352 ZX84C10E EP600I LM370 2015R
Product Description
Full Text Search
 

To Download GBU6005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GBU6005 ~ gbu610 voltage 50v ~ 1000v 6.0amp glass passivited bridge rectifiers elektronische bauelemente 11-oct-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  surge overload rating -175 amperes peak  ideal for printed circuit board  reliable low cost construction utilizing molded plastic technique  plastic material has underwriters laboratory flammability classification 94v-0  mounting position: any maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol part number unit gbu 6005 gbu 601 gbu 602 gbu 604 gbu 606 gbu 608 gbu 610 maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward (with heat sink) 2 i (av) 6 a rectified current t c =100 c (without heat sink) 2.8 peak forward surge current 8.3 ms single half sine-wave super imposed on rated load (jedec method) i fsm 175 a maximum forward voltage @ 3.0a v f 1.1 v maximum reverse current at rated dc blocking voltage t j =25 c i r 10 a t j =125 c 500 i 2 t rating for fusing (t<8.3ms) i 2 t 127 a 2 s typical junction capacitance per element 1 c j 50 pf typical thermal resistance r jc 2.2 c/w operating and storage temperature range t j ,t stg -55~150 c notes 1. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 2. device mounted on 75mm*75mm*1.6mm cu plate heat sink. gbu ref. millim eter ref. millimeter min. max. min. max. a 21.80 22.20 i 0.9 1.2 b 18.30 19.10 j 0.46 0.56 c 3.37 3.53 k 4.80 5.30 d 17.27 18.29 l 2.16 2.54 e 3.2 x 45 m 1.65 2.03 f 3.40 4.10 n 1.45 1.85 g 5.40 5.90 p 9.80 10.20 h 2.30 2.70 q 10.90 11.10
GBU6005 ~ gbu610 voltage 50v ~ 1000v 6.0amp glass passivited bridge rectifiers elektronische bauelemente 11-oct-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of GBU6005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X