Part Number Hot Search : 
2SB75 DC12V 91SMOPB 3386C253 91SMOPB MC333 3PX15 2001825
Product Description
Full Text Search
 

To Download FDR4410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  april 1998 f dr4410 n -channel enhancement mode field effect transistor general description features absolute maximum ratings t a = 25 o c unless otherwise noted symbol parameter f dr4410 units v dss drain-source voltage 30 v v gss gate-source voltage 20 v i d drain t current - continuous (note 1a) 9.3 a - pulsed 40 p d maximum power dissipation (note 1a) 1.8 w (note 1b) 1 (note 1c) 0.9 t j ,t stg operating and storage temperature range -55 to 150 c thermal characteristics r q ja thermal resistance, junction-to-ambient (note 1a) 70 c/w r q jc thermal resistance, junction-to-case (note 1) 20 c/w fdr 4410 rev.c 9.3 a, 30 v. r ds(on ) = 0.013 w @ v gs = 10 v r ds(on ) = 0.020 w @ v gs = 4.5 v. high density cell design for extremely low r ds(on) . proprietary supersot tm -8 small outline surface mount package with high power and current handling capability . the FDR4410 has been designed as a smaller, low cost alternative to the popular si4410dy. the supersot tm -8 package is 40% smaller than the so-8 package. the supersot tm -8 advanced package design and optimiz ed pinout allow the typical power dissipation to be similar to the bigger so-8 package . sot-23 supersot t m -8 soic-16 so-8 sot-223 supersot t m -6 d s d d s d d g supersot -8 tm pin 1 4410 1 5 6 7 8 4 3 2 ? 1998 fairchild semiconductor corporation
electrical characteristics (t a = 25 o c unless otherwise noted ) symbol parameter conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 a 30 v d bv dss / d t j breakdown voltage temp. coefficient i d = 250 a , referenced to 25 o c 35 mv/ o c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v 1 a t j = 5 5c 25 a i gss gate - body leakage current v gs = 20 v, v ds = 0 v 100 na i gss gate - body leakage, reverse v gs = -20 v, v ds = 0 v -100 na on characteristics (note 2) v gs (th) gate threshold voltage v ds = v gs , i d = 250 a 1 1.5 2 v d v gs(th) / d t j gate threshold voltage temp.coefficient i d = 250 a , referenced to 25 o c -4.4 mv/ o c r ds(on) static drain-source on-resistance v gs = 10 v, i d = 9.3 a 0.011 0.013 w t j =12 5c 0.017 0.02 v gs = 4.5 v, i d = 5 a 0.016 0.02 i d(on) on-state drain current v gs = 10 v, v ds = 5 v 20 a g fs forward transconductance v ds = 10 v, i d = 9.3 a 25 s dynamic characteristics c iss input capacitance v ds = 15 v, v gs = 0 v, f = 1.0 mhz 1170 pf c oss output capacitance 627 pf c rss reverse transfer capacitance 180 pf switching ch aracteristics (note 2 ) t d(on ) turn - on delay time v dd = 25 v, i d = 1 a, v gs = 10 v, r gen = 6 w 12 22 ns t r turn - on rise time 11 20 ns t d(off) turn - off delay time 41 66 ns t f turn - off fall time 34 55 ns q g total gate charge v ds = 15 v, i d = 9.3 a, v gs = 10 v 36 50 nc q gs gate-source charge 4.5 nc q gd gate-drain charge 10 nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current 1.5 a v sd drain-source diode forward voltage v gs = 0 v, i s = 1.5 a (note 2 ) 0.72 1.2 v notes: 1 . r q ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. r q ja shown below for single device operation on fr-4 board in still air. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. fdr 4410 rev.c b. 125 o c/w on a 0.026 in 2 of pad of 2oz copper. a . 70 o c/w on a 1 in 2 pad of 2oz copper. c . 135 o c/w on a 0.005 in 2 of pad of 2oz copper.
fdr 4410 rev.c 0 0.5 1 1.5 2 2.5 3 0 10 20 30 40 50 v , drain-source voltage (v) i , drain-source current (a) v = 10v gs ds d 6.0 4.5 3.5 4.0 3.0 5.0 0 10 20 30 40 50 0.5 1 1.5 2 2.5 3 i , drain current (a) drain-source on-resistance v = 3.5v gs d r , normalized ds(on) 10 4.5 5.0 4.0 6.0 typical electrical characteristics figure 1. on-region characteristics . figure 2. on-resistance variation with drain current and gate voltage . -50 -25 0 25 50 75 100 125 150 0.6 0.8 1 1.2 1.4 1.6 t , junction temperature (c) drain-source on-resistance j r , normalized ds(on) v =10v gs i =9.3a d figure 3. on-resistance variation with temperature . 1 1.5 2 2.5 3 3.5 4 4.5 5 0 10 20 30 40 50 v , gate to source voltage (v) i , drain current (a) v = 10v ds gs d t = -55c j 125c 25c figure 5 . transfer characteristics. 0 0.3 0.6 0.9 1.2 1.5 0.0001 0.001 0.01 0.1 1 10 50 v , body diode forward voltage (v) i , reverse drain current (a) t = 125c j 25c -55c v = 0v gs sd s 2 4 6 8 10 0 0.01 0.02 0.03 0.04 0.05 0.06 v , gate to source voltage (v) i = 5a d gs r , on-resistance (ohm) ds(on) t = 25c a t = 125c a figure 4 . on-resistance variation with gate-t o -source voltage. figure 6 . body diode forward voltage varia tion with source current and temperature.
fdr 4410 rev.c typical electrical characteristics (continued) figure 9 . maximum safe operating area. 0 10 20 30 40 0 2 4 6 8 10 q , gate charge (nc) v , gate-source voltage (v) v =10v ds g gs 20v i = 9.3a d 15v figure 7 . gate charge characteristics . 0.1 0.2 0.5 1 3 5 10 30 50 0.01 0.03 0.1 0.5 1 5 20 80 v , drain-source voltage (v) i , drain current (a) rds(on) limit d a dc ds 1s 100ms 10ms 1ms 10s v = 10v single pulse r = see note 1c t = 25c q ja gs a 100s figure 10 . single pulse maximum power dissipation. 0.0001 0.001 0.01 0.1 1 10 100 300 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1 t , time (sec) transient thermal resistance 1 single pulse d = 0.5 0.1 0.05 0.02 0.01 0.2 duty cycle, d = t / t 1 2 r (t) = r(t) * r r = see note 1c q ja q ja q ja t - t = p * r (t) q ja a j p(pk) t 1 t 2 r(t), normalized effective figure 11 . transient thermal response curve . thermal characterization performed using the conditions described in note 1c . transient thermal response will change depending on the circuit board design. 0.1 0.2 0.5 1 2 5 10 20 30 100 200 300 500 1000 2000 3000 v , drain to source voltage (v) capacitance (pf) ds c iss f = 1 mhz v = 0 v gs c oss c rss figure 8 . capacitance characteristics . 0.0001 0.001 0.01 0.1 1 10 100 300 0 10 20 30 40 50 single pulse time (sec) power (w) single pulse r =see note 1c t = 25c q ja a


▲Up To Search▲   

 
Price & Availability of FDR4410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X