Part Number Hot Search : 
DS016 TA1281F AZP9212 IC16C58 IRFP150A 8097JF 03515 BLF245B
Product Description
Full Text Search
 

To Download EC3SMD-4800M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ec3smd-4.800m ec3sm d -4.800m series 4.0mm epoxy base smd crystal frequency tolerance/stability 30ppm at 25c, 50ppm over -20c to +70c mode of operation at-cut fundamental nominal frequency 4.800mhz load capacitance 18pf parallel resonant electrical specifications nominal frequency 4.800mhz frequency tolerance/stability 30ppm at 25c, 50ppm over -20c to +70c aging at 25c 5ppm/year maximum load capacitance 18pf parallel resonant shunt capacitance (c0) 7pf maximum equivalent series resistance 200 ohms maximum mode of operation at-cut fundamental drive level 1mwatts maximum storage temperature range -40c to +85c insulation resistance 500 megaohms minimum at 100vdc environmental & mechanical specifications fine leak test mil-std-883, method 1014 condition a gross leak test mil-std-883, method 1014 condition c mechanical shock mil-std-202, method 213 condition c resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010 vibration mil-std-883, method 2007 condition a mechanical dimensions (all dimensions in millimeters) pin connection 1 crystal 2 connected to pin 3 3 connected to pin 2 4 crystal line marking 1 e4.800 e=ecliptek designator www.ecliptek.com | specification subject to change without notice | rev r 8/12/2010 | page 1 of 3 marking orient a tion 4.95 max 12.5 max 1.3 0.1 (x4) 9.0 0.1 4.0 max 1.2 0.1 2.0 ref 1 2 4 3
ec3smd-4.800m 6.7 1.3 2.2 (x4) 2.3 (x4) www.ecliptek.com | specification subject to change without notice | rev r 8/12/2010 | page 2 of 3 all t oler ances are 0.1 sug g ested solder p ad la y out solder land (x4) all dimensions in millimeters
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods ec3smd-4.800m low temperature infrared/convection 225c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 30 - 60 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 225c maximum target peak temperature (tp target) 225c maximum 2 times time within 5c of actual peak (tp) 80 seconds maximum 2 times ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev r 8/12/2010 | page 3 of 3


▲Up To Search▲   

 
Price & Availability of EC3SMD-4800M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X