Part Number Hot Search : 
4MTCX MSK186HU 4MTCX MCP451 MAX481 PM9109BF D391K 5802U
Product Description
Full Text Search
 

To Download DTC143ZUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc143ze / DTC143ZUA dtc143zca / dtc143zsa / dtc143zm npn digital transistors (built-in resistors) elektronische bauelemente 09-nov-2011 rev.c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit).  the bias resistors consist of thin-film resistors w ith complete isolation to allow positive biasing of the input. they also have the advantage of almost completely eliminating parasitic effects.  only the on/off conditions need to be set for operation, making device design easy. equivalent circuit absolute maximum ratings (t a =25 c unless otherwise noted) parameter symbol limits (dtc143z ) unit m e ua ca sa collector-base voltage v cc 50 v input voltage v in -5~30 v output current i o 100 ma i c(max) 100 power dissipation p d 100 150 200 300 mw junction & storage temperature t j , t stg 150, -55~150 c dtc143ze (sot-523) addreviated symbol e23 DTC143ZUA (sot-323) addreviated symbol e23 dtc143zm (sot-723) addreviated symbol e23 dtc143zca (sot-23) addreviated symbol e23 dta143zsa (to-92s)
dtc143ze / DTC143ZUA dtc143zca / dtc143zsa / dtc143zm npn digital transistors (built-in resistors) elektronische bauelemente 09-nov-2011 rev.c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25 c unless otherwise noted) parameter symbol min. typ. max. unit test conditions input voltage v i(off) 0.5 - - v v cc =5v, i o =100 a v i(on) - - 1.3 v o =0.3v, i o =5ma output voltage v o(on) - 0.1 0.3 v i o /i i =5ma/0.25ma input current i i - - 1.8 ma v i =5v output current i o(off) - - 0.5 a v cc =50v, v i =0 dc current gain g i 80 - - v o =5v, i o =10ma input resistance r 1 3.29 4.7 6.11 k  resistance ratio r 2 /r 1 8 10 12 transition frequency f t - 250 - mhz v ce =10v, i e = -5ma, f=100mhz characteristic curves


▲Up To Search▲   

 
Price & Availability of DTC143ZUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X