Part Number Hot Search : 
1N959A CHEMF4PT P1300 88X3140 C1005CH1 C74VHC1 UPC2905T H1417
Product Description
Full Text Search
 

To Download CDRR127NP-220MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power inductor < smd type : cdrr series > type: cdrr 127 please refer to the sales offices on our website for a representative near you www.sumida.com 1 / 1 12.5 max. 12.5 max. 8.5 max. 7.2 5.0 terminal 13.2 5.6 7.0 ?? product description ?e 1 2.5 12.5 mm max . (l w) , 8.5 mm max. height . ?e inductance r ange: 22 ? h . ?e rated current range: 4.45 a . ?e custom design is available. ?? feature ?e magnetically shielded construction. ?e ideally used in engine control modle . ?e rohs compliance . ?? dimensions (mm) ?? land pattern (mm) ?? specification ?| 1. saturation current: the dc current at which the inductance decreases to 75 % of it's initial value . (ta ?? 20 ?? ) ?| 2 temperature rise current: the dc current at which the temperature rise is ? t ?? 40 ?? .(ta ?? 20 ?? ) note: this spec is n ot the final issue. and maybe some parts will be changed bef ore production. part name ?| stamp inductance ?m within ?n 100khz/1v d.c.r. ( m ?? ) max. (at 20 ?? ) saturation current max. (t yp.) ?i a ?j?| 1 temperatur e rise current max. (typ.) (a) ?| 2 cdrr 127 np - 220 m c 220 22 ? h ?} 20% 37(29) 4.88(6.10) 4.45(5.02)


▲Up To Search▲   

 
Price & Availability of CDRR127NP-220MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X