Part Number Hot Search : 
74AVC N82005MT PEB3268 CXXXW 74LS17 VW6754 C3216X5R IRG4P
Product Description
Full Text Search
 

To Download BYG10K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  byg10d thru byg10y vishay general semiconductor document number: 88957 revision: 03-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 standard avalanche smd rectifier features ? low profile package ? ideal for automated placement ? controlled avalanche characteristics ? glass passivated junction ? low reverse current ? high surge current capability ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? solder dip 260 c, 40 s ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in generell purpose rectification of power supplies, inverters, converters and freewheeling diodes for consumer, automotive and telecommunication. mechanical data case: do-214ac (sma) epoxy meets ul 94 v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test, he3 suffix for high reliability grade (aec-q101 qualified), meets jesd 201 class 2 whisker test note: ? byg10y for commercial grade only polarity: color band denotes the cathode end primary characteristics i f(av) 1.5 a v rrm 200 v to 1600 v i fsm 30 a i r 1.0 a v f 1.15 v e r 20 mj t j max. 150 c do-214ac (sma) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol byg10d byg10g byg10j BYG10K byg10m byg10y unit device marking code byg10d byg10g byg10j BYG10K byg10m byg10y maximum repetitive peak reverse voltage v rrm 200 400 600 800 1000 1600 v average forward current i f(av) 1.5 a peak forward surge current 10 ms single half sine-wave superimposed on rated load i fsm 30 a pulse energy in avalanche mode, non repetitive (inductive load switch off) i (br)r = 1 a, t j = 25 c (for byg10d-byg10m) e r 20 mj operating junction and storage temperature range t j , t stg - 55 to + 150 c
byg10d thru byg10y vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88957 revision: 03-jun-09 2 note: (1) pulse test: 300 s pulse width, 1 % duty cycle notes: (1) mounted on epoxy-glass hard tissue (2) mounted on epoxy-glass hard tissue, 50 mm 2 35 m cu (3) mounted on al-oxide-ceramic (al 2 o 3 ), 50 mm 2 35 m cu note: (1) aec-q101 qualified electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol byg10d byg10g byg10j BYG10K byg10m byg10y unit maximum instantaneous forward voltage (1) i f = 1 a i f = 1.5 a t j = 25 c v f 1.1 1.15 v maximum dc reverse current v r = v rrm t j = 25 c t j = 100 c i r 1 10 a maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 4s thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol byg10d byg10g byg10j BYG10K byg10m byg10y unit typical thermal resistance, junction to lead r jl 25 c/w typical thermal resistance, junction to ambient r ja 150 (1) 125 (2) 100 (3) c/w ordering information (example) preferred p/n unit weight (g) package code base quantity delivery mode byg10d-e3/tr 0.064 tr 1800 7" diameter plastic tape and reel byg10d-e3/tr3 0.064 tr3 7500 13" diameter plastic tape and reel byg10dhe3/tr (1) 0.064 tr 1800 7" diameter plastic tape and reel byg10dhe3/tr3 (1) 0.064 tr3 7500 13" diameter plastic tape and reel
byg10d thru byg10y vishay general semiconductor document number: 88957 revision: 03-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 ratings and characteristics curves (t a = 25 c unless otherwise noted) figure 1. forward current vs. forward voltage figure 2. max. average forward cu rrent vs. ambient temperature figure 3. reverse current vs. junction temperature 0.001 0.01 0.1 1 10 100 0 0.5 1.0 1.5 2.0 2.5 3.0 for w ar d v oltage ( v ) for w ard c u rrent (a) t j = 150 c t j = 25 c 0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 0 204060 8 0 100 120 140 160 am b ient temperat u re (c) a v erage for w ard c u rrent (a) r ja 125 k/ w r ja 150 k/ w v r = v rrm half sine- w a v e r ja 25 k/ w 1 10 100 1000 25 50 75 100 125 150 re v erse c u rrent ( a) j u nction temperat u re (c) v r = v rrm figure 4. max. reverse power dissi pation vs. junction temperature figure 5. diode capacitance vs. reverse voltage figure 6. reverse recovery time vs. forward current 0 50 100 150 200 250 300 350 400 25 50 75 100 125 150 v r = v rrm p r - limit at 100 % v r re v erse po w er dissipation (m w ) j u nction temperat u re (c) p r - limit at 8 0 % v r 0 5 10 15 20 25 30 0.1 1 10 100 f = 1 mhz re v erse v oltage ( v ) diode capac itance (pf) 0 0 1000 2000 3000 4000 5000 0.2 0.4 0.6 0. 8 re v erse reco v ery time (ns) for w ard c u rrent (a) 1.0 t a = 100 c t a = 125 c t a = 25 c t a = 75 c t a = 50 c i r = 0.5 a, i r = 0.125 a
byg10d thru byg10y vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88957 revision: 03-jun-09 4 package outline dimensions in inches (millimeters) figure 7. reverse recovery charge vs. forward current 0 0 400 8 00 1200 1600 2000 0.2 0.4 0.6 0. 8 re v erse reco v ery charge (nc) for w ard c u rrent (a) 1.0 t a = 100 c t a = 125 c t a = 25 c t a = 75 c t a = 50 c i r = 0.5 a, i r = 0.125 a 0.030 (0.76) 0.060 (1.52) 0.00 8 (0.203) 0.194 (4.93) 0.20 8 (5.2 8 ) 0.157 (3.99) 0.177 (4.50) 0.100 (2.54) 0.110 (2.79) 0.07 8 (1.9 8 ) 0.090 (2.29) 0.006 (0.152) 0.012 (0.305) 0.049 (1.25) 0.065 (1.65) cathode band 0 (0) do-214ac (sma) mountin g pad layout 0.074 (1. 88 ) max. 0.20 8 (5.2 8 ) ref. 0.066 (1.6 8 ) mi n . 0.060 (1.52) mi n .
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of BYG10K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X