Part Number Hot Search : 
5GLZ47A OP400EY UF204 0200CT 0200CT 29LV64 MB10S HD66002
Product Description
Full Text Search
 

To Download BAS21T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAS21T 0.4a , 250v plastic-encapsulated diode elektronische bauelemente 21-jul-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. top view a l c b d g h j f k e 1 2 3 1 2 3 rohs compliant product a suffix of -c specifies halogen & lead-free features  fast switching speed  for general purpose switching applications  high conductance marking t3 package information package mpq leader size sot-523 3k 7 inch absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol value unit maximum repetitive peak reverse voltage v rrm 250 v working peak reverse voltage v rwm reverse voltage v r peak forward continuous current i fm 400 ma maximum average forward rectified current i f(av) 200 ma peak forward surge current 8.3 ms single half sine-wave super imposed on rated load (jedec method) t=1.0 s i fsm 2.5 a t=1.0s 0.5 power dissipation p d 150 mw typical thermal resistance junction to ambient r ja 833 c / w operating junction and storage temperature range t j ,t stg 150, -65~150 c sot - 52 3 ref. millimeter ref. millimeter mi n. max. min. max. a 1.5 1.7 g - 0.1 b 1.45 1.75 h 0.55 ref. c 0.75 0.85 j 0.1 0.2 d 0.7 0.9 k - e 0.9 1.1 l 0.5 typ. f 0.15 0.25 m 0.25 0.325
BAS21T 0.4a , 250v plastic-encapsulated diode elektronische bauelemente 21-jul-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test condition reverse breakdown voltage v (br)r 250 - - v i r =100a forward voltage v f1 - - 1 v i f =100ma v f2 - - 1.25 i f =200ma reverse voltage leakage current i r - - 0.1 a v r =200v total capacitance c t - - 5 pf v r =0 , f=1mhz reverse recovery time t rr - - 50 ns i f =i r =30ma, i rr =0.1 x i r , r l =100  ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of BAS21T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X