Part Number Hot Search : 
P1107 MOB62DR MC34063S ISL6144 2SB668 B28DPBE B2567 41200
Product Description
Full Text Search
 

To Download 87803-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/09/2010 please check www.molex.com for latest part information part number: 0878030002 status: active description: 1.00mm (.039") pitch ddr-2 dimm socket, 25 degree angle, through hole, 1.8v voltage key, 2.79mm (.110") tail length, 0.38m (15") gold (au) plating, 240 circuits, lead-free documents: 3d model product specification ps-87803-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family memory module sockets series 87803 comments
  • no lubricant at the contact|
  • latches in off- white color component type socket jedec outline mo-237 product name ddr2 dimm physical circuits (loaded) 240 color - resin black, natural durability (mating cycles max) 25 entry angle 25 angle flammability 94v-0 keying to mating part yes material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pc tail length (in) 0.110 in pc tail length (mm) 2.79 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 100 plating min: termination (m) 2.54 temperature range - operating -55c to +85c termination interface: style through hole electrical current - maximum per contact 0.5a voltage - maximum 30v ac (rms)/dc voltage key 1.8v, center solder process data duration at max. process temperature (seconds) 5 lead-free process capability smc & wave capable (th only) series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 87803 series mates with jedec standard 1.27mm modules
    max. cycles at max. process temperature 2 process temperature max. c 260 material info reference - drawing numbers product specification ps-87803-003 sales drawing sd-87803-010 this document was generated on 04/09/2010 please check www.molex.com for latest part information






  • ▲Up To Search▲   

     
    Price & Availability of 87803-0002

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X