Part Number Hot Search : 
BA6956AN ISD111 02243 AON3402 2SK35 SMA6501 STRRP DEZP66D4
Product Description
Full Text Search
 

To Download 67803-0031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0678030031 status: active overview: usb_otg_onthego description: universal serial bus (usb) on-the-go (otg) mini-ab receptacle, right angle, smt, with shell tabs and plastic pegs, color gray, without cover tape, lead free documents: 3d model product specification ps-67503-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 67803 application wire-to-board component type receptacle overview usb_otg_onthego product name usb, usb otg (on-the-go) type mini-ab (otg) physical boot color n/a circuits (loaded) 5 circuits (maximum) 5 color - resin gray lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin material - resin nylon number of rows 1 orientation right angle pcb locator yes pcb retention yes packaging type embossed tape on reel panel mount no pitch - mating interface (in) 0.031 in pitch - mating interface (mm) 0.80 mm pitch - term. interface (in) 0.031 in pitch - term. interface (mm) 0.80 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 150 plating min: termination (m) 3.80 polarized to mating part yes polarized to pcb yes ports 1 temperature range - operating 0c to +50c termination interface: style surface mount waterproof / dustproof no wire size awg n/a electrical current - maximum per contact 1a shielded yes voltage - maximum 30v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67803 series mates with usb otg mini-a plug, usb otg mini-b plug, 88753 cable assembly
material info reference - drawing numbers packaging specification pk-67503-001 product specification ps-67503-001 sales drawing sd-67803-003 this document was generated on 05/19/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 67803-0031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X