Part Number Hot Search : 
1017A CDSS355 MAX16 TST1284 BD4148 L6416 M317T 14B101
Product Description
Full Text Search
 

To Download 3VD212800YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3VD212800YL hangzhou?silan?microelectronics?co.,ltd rev:1.0??????2008.05.30 http:?www.silan.com.cn???????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?1?of?1 3VD212800YL?high?voltage?mosfet?chips description ? ? 3VD212800YL?is?a?high?voltage?n-channel enhancement?mode?power?mos-fet?chip?fabricated in?advanced?silicon?epitaxial?planar?technology. ? ? advanced?termination?scheme?to?provide?enhanced voltage-blocking?capability. ? ? avalanche?energy?specified ? ? source-to-drain?diode?recovery?time?comparable?to a?discrete?fast?recovery?diode ? ? the?chips?may?packaged?in?to-220?type?and?the typical?equivalent?product?is?1n80. ? ? the?packaged?product?is?widely?used?in?ac-dc power?suppliers,?dc-dc?converters?and?h-bridge pwm?motor?drivers. ? ? die?size:?2.12mm*2.02mm. ? ? chip?thickness:?30020 m m. ? top?metal?:?al,??backside?metal?:?ag. pad 1: gate pad 3: source 1 3 chip?topography absolute?maximum?ratings??(t amb =25 c) parameter symbol ratings unit drain-source?voltage v ds 800 v gate-source?voltage v gs 30 v drain?current i d 1.0 a power?dissipation?(to-220?package) p d 45 w operation?junction?temperature t j -55  +150 c storage?temperature tstg -55  +150 c electrical?characteristics?(t amb =25 c) parameter symbol test?conditions min typ max unit drain?-source?breakdown?voltage b vdss v gs =0v,?i d =250 a 800 - - v gate?threshold?voltage v th v gs =?v ds ,?i d =250a 3 - 4.5 v drain-source?leakage?current i dss v ds =800v,?v gs =0v - - 1 a static?drain-?source?on?state resistance r ds(on) v gs =10v,?i d =0.5a - - 16 w gate-source?leakage?current i gss ?v gs =20v,?v ds =0v - - 10 a source-drain?diode?forward?on voltage v fsd ?i s =1a,??v gs =0v - - 1.6 v


▲Up To Search▲   

 
Price & Availability of 3VD212800YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X