Part Number Hot Search : 
00051 HIROSE 15T1G MP801 AT17F080 LC75834W D4538 PC120FI
Product Description
Full Text Search
 

To Download 2SD1785 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor isc product specification isc silicon npn darlington power transistor 2SD1785 description collector-emitter breakdown voltage- : v (br)ceo = 120v(min) collector-emitter saturation voltage- : v ce(sat) = 1.5v(max) @i c = 2a high dc current gain : h fe = 2000(min) @ i c = 3a, v ce = 2v complement to type 2sb1258 applications driver for solenoid, relay and motor, series regulator, and general purpose applications. absolute maximum ratings(t a =25 ) symbol parameter value unit v cbo collector-base voltage 120 v v ceo collector-emitter voltage 120 v v ebo emitter-base voltage 6 v i c collector current-continuous 6 a i cm collector current-peak 10 a i b b base current-continuous 1 a p c collector power dissipation @ t c =25 30 w t j junction temperature 150 t stg storage temperature range -55~150 isc website www.iscsemi.cn
inchange semiconductor isc product specification isc silicon npn darlington power transistor 2SD1785 electrical characteristics t c =25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c = 10ma; i b = 0 120 v v ce( sat ) collector-emitter saturation voltage i c = 2a; i b = 3ma b 1.5 v i cbo collector cutoff current v cb = 120v; i e = 0 10 a i ebo emitter cutoff current v eb = 6v; i c = 0 10 ma h fe dc current gain i c = 3a; v ce = 2v 2000 c ob output capacitance i e = 0; v cb = 10v; f test = 1.0mhz 70 pf f t current-gain?bandwidth product i e = 0.1a; v ce = 12v 100 mhz switching times t on turn-on time 0.5 s t stg storage time 5.5 s t f fall time i c = 3a; i b1 = -i b2 = 3ma; v cc = 30v; r l = 10 1.5 s isc website www.iscsemi.cn 2


▲Up To Search▲   

 
Price & Availability of 2SD1785

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X