Part Number Hot Search : 
SJA1000T BZX84C16 UF4003 HZK7C C5886A LTC24 C4630 N70A15
Product Description
Full Text Search
 

To Download 2SB1412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sb1386 / 2SB1412 / 2sb1326 transistors low frequency transistor ( ? 20v, ? 5a) 2sb1386 / 2SB1412 / 2sb1326 ! ! ! ! features 1) low v ce(sat) . v ce(sat) = ? 0.35v (typ.) (i c /i b = ? 4a / ? 0.1a) 2) excellent dc current gain characteristics. 3) complements the 2sd2098 / 2sd2118 / 2sd2097. ! ! ! ! structure epitaxial planar type pnp silicon transistor ! ! ! ! external dimensions (units : mm) (1) base (2) collector (3) emitter rohm : cpt3 eiaj : sc-63 2sb1386 2sb1326 2SB1412 (1) base (2) collector (3) emitter rohm : mpt3 eiaj : sc-62 (1) emitter (2) collector (3) base rohm : atv 1.0 6.8 0.2 2.5 0.2 1.05 0.45 0.1 2.54 2.54 0.5 0.1 0.9 4.4 0.2 14.5 0.5 (1) (2) (3) 0.65max. 0.3 ? 0.1 + 0.2 ? 0.05 + 0.1 ? 0.1 + 0.2 + 0.2 ? 0.1 (3) (2) (1) 4.0 1.0 0.2 0.5 0.1 2.5 3.0 0.2 1.5 0.1 1.5 0.1 0.4 0.1 0.5 0.1 0.4 0.1 0.4 1.5 4.5 1.6 0.1 ? 0.1 + 0.2 ? 0.1 + 0.2 + 0.3 ? 0.1 2.3 0.2 2.3 0.2 0.65 0.1 0.9 0.75 1.0 0.2 0.55 0.1 9.5 0.5 5.5 1.5 0.3 2.5 1.5 2.3 0.5 0.1 6.5 0.2 5.1 c0.5 (3) (2) (1) 0.9 ? denotes h fe abbreviated symbol: bh ?
2sb1386 / 2SB1412 / 2sb1326 transistors ! ! ! ! absolute maximum ratings (ta=25 c) collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature ? 1 single pulse, pw=10ms ? 2 when mounted on a 40 40 0.7 mm ceramic board. ? 3 printed circuit board glass epoxy board 1.6 mm thick with copper plating 100mm 2 or larger. parameter v cbo v ceo v ebo p c tj tstg ? 30 v v v a(dc) c c ? 20 ? 6 ? 5 i c a(pulse) ? 10 ? 1 ? 3 ? 2 0.5 2w w w 1 10 w(t c = 25 c) 1w 2sb1386 2SB1412 2sb1326 150 ? 55 ~ + 150 symbol limits unit ! ! ! ! electrical characteristics (ta=25 c) collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio collector-emitter saturation voltage output capacitance ? measured using pulse current. parameter symbol bv cbo bv ceo bv ebo i cbo i ebo h fe v ce(sat) f t cob min. ? 30 ? 20 ? 6 ? ? 82 2sb1386,2SB1412 2sb1326 ? ? ? ? ? ? ? ? ? ? ? ? ? 120 60 ? ? ? ? 0.5 ? 0.5 390 ? 1.0 ? ? v i c =? 50 a i c =? 1ma i e =? 50 a v cb =? 20v v eb =? 5v v ce =? 2v, i c =? 0.5a i c /i b =? 4a/ ? 0.1a v ce =? 6v, i e = 50ma, f = 30mhz v cb =? 20v, i e = 0a, f = 1mhz v v a a ? 120 ? 390 ? v mhz pf typ. max. unit conditions transition frequency ! ! ! ! packaging specifications and h fe package code taping basic ordering unit (pieces) t100 tl 1000 2500 ? pqr h fe 2sb1386 ? tv2 2500 ? ? pqr 2SB1412 ?? qr 2sb1326 type h fe values are classified as follows : item p q r h fe 82 ~ 180 120 ~ 270 180 ~ 390
2sb1386 / 2SB1412 / 2sb1326 transistors ! ! ! ! electrical characteristic curves fig.1 grounded emitter propagation characteristics collector current : i c (a) base to emitter voltage : v be (v) 0 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 -1m -2m -5m -10m -20m -200m -100m -50m -500m -1 -2 -10 -5 v ce = ? 2v 25 c ? 25 c ta = 100 c fig.2 grounded emitter output characteristics collector current : i c (a) collector to emitter voltage : v ce (v) 0 -0.4 -0.8 -1.2 -1.6 -2.0 -1 -2 -3 -5 -4 0 i b = 0a ? 20ma ? 25ma ? 30ma ? 10ma ? 5ma ? 15ma ta = 25 c ? 50ma ? 45ma ? 40ma ? 35ma fig.3 dc current gain vs. collector current ( ) dc current gain : h fe collector current : i c (a) ta = 25 c ? 2v v ce =? 5v ? 1v -1m -5m-0.01 -0.05 -1 -2 -5 -10 -2m 100 200 500 1k 2k 5k 50 20 10 5 -0.02 -0.1 -0.5 -0.2 fig.4 dc current gain vs. collector current ( ? ) dc current gain : h fe collector current : i c (a) v ce =? 1v -1m -5m -0.01 -0.05 -1 -2 -5 -10 -2m 100 200 500 1k 2k 5k 50 20 10 5 -0.02 -0.1 -0.5 -0.2 25 c ? 25 c ta = 100 c fig.5 dc current gain vs. collector current ( ?? ) dc current gain : h fe collector current : i c (a) -1m -5m-0.01 -0.05 -1 -2 -5 -10 -2m 100 200 500 1k 2k 5k 50 20 10 5 -0.02 -0.1 -0.5 -0.2 25 c ? 25 c ta = 100 c v ce =? 2v fig.6 collector-emitter saturation voltage vs. collector current ( ) i c /i b = 50/1 /1 ta = 25 c 40/1 30/1 10/1 collector saturation voltage : v ce(sat) (v) collector current : i c (a) -1 -2 -5 -10 -0.01-0.02 -0.1 -0.2 -0.5 -0.05 -2m -5m -0.01 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -5 fig.7 collector-emitter saturation voltage vs. collector current ( ? ) ta = 100 c 25 c l c /l b = 10 ? 25 c collector saturation voltage : v ce(sat) (v) collector current : i c (a) -1 -2 -5 -10 -0.01-0.02 -0.1 -0.2 -0.5 -0.05 -2m -5m -0.01 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -5 fig.8 collector-emitter saturation voltage vs. collector current ( ?? ) ta = 100 c ? 25 c 25 c l c /l b = 30 collector saturation voltage : v ce(sat) (v) collector current : i c (a) -1 -2 -5 -10 -0.01-0.02 -0.1 -0.2 -0.5 -0.05 -2m -5m -0.01 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -5 fig.9 collector-emitter saturation voltage vs. collector current (iv) ta = 100 c ? 25 c 25 c l c /l b = 40 collector saturation voltage : v ce(sat) (v) collector current : i c (a) -1 -2 -5 -10 -0.01-0.02 -0.1 -0.2 -0.5 -0.05 -2m -5m -0.01 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -5
2sb1386 / 2SB1412 / 2sb1326 transistors collector saturation voltage : v ce(sat) (v) collector current : i c (a) -1 -2 -5 -10 -0.01-0.02 -0.1 -0.2 -0.5 -0.05 -2m -5m -0.01 -2 -1 -0.5 -0.2 -0.1 -0.05 -0.02 -5 ? 25 c 25 c ta = 100 c l c /l b = 50 fig.10 collector-emitter saturation voltage vs. collector current (v) fig.11 gain bandwidth product vs. emitter current emitter current : i e (ma) transeition frequency : f t (mhz) 1 2 5 10 50 100 200 500 20 20 50 100 200 500 1 000 10 5 2 1 1000 ta = 25 c v ce =? 6v fig.12 collector output capacitance vs. collector-base voltage collector output capacitance : cob ( pf) collector to base voltage : v cb (v) -0.1 -0.2 -0.5 -1 -2 -5 -10 -20 -50 1000 500 200 100 50 10 20 ta = 25 c f = 1mhz i e = 0a fig.13 emitter input capacitance vs. emitter-base voltage emitter intput capacitance : cib ( pf) emitter to base voltage : v eb (v) 10 20 50 100 200 500 1000 -0.1 -0.2 -0.5 -1 -2 -5 -10 ta = 25 c f = 1mhz i c = 0a collector to emitter voltage : ? v ce (v) collector current : i c (a) 0.2 0.5 1 2 5 10 20 50 100 500 200 50 5 20 2 10 1 200m 100m 50m 20m 10m 500m 100 fig.14 safe operation area (2SB1412) dc ta = 25 c ? single nonrepetitive pulse pw = 10ms pw = 100ms


▲Up To Search▲   

 
Price & Availability of 2SB1412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X