Part Number Hot Search : 
5KP75A 250NS C1310 LV5609LP MJE13002 CURA101 MJD122 LA4585M
Product Description
Full Text Search
 

To Download 2N7002K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N7002K n-channel mosfet features unit v ds drain-source voltage 60 v i d drain current 340 ma p d total power dissipation 350 mw t j operating junction temperature -55 to +150  t stg storage temperature -55 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units v (br)dss drain-source breakdown voltage (v gs =0vdc, i d =10 adc) 60 --- --- vdc v gs(th) gate-threshold voltage (v ds =v gs , i d =1m adc) 1.0 --- --- vdc i gss gate-body leakage (v ds =0vdc, v gs =  10vdc) --- ---  200 nadc i dss zero gate voltage drain current (v ds =48vdc, v gs =0vdc) --- --- 1 uadc r ds(on) drain-source on-resistance (v gs =4.5vdc, i d =200madc) (v gs =10vdc, i d =500madc) --- --- --- --- 5.3 5.0 ? v sd diode forward voltage (v gs =0vdc, i s =300madc) --- --- 1.5 vdc c iss input capacitance --- --- 40 c oss output capacitance --- --- 30 c rss reverse transfer capacitance v ds =10vdc, v gs =0vdc f=1mhz --- --- 10 pf switching t d(on) turn-on time --- --- 10 t d(off) turn-off time --- --- 15        sot-23 suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 in c h es mm . 03 1 .800 .035 .900 . 03 7 .950 .037 .950 k 2 3 1 1.gate 2. source 3. drain  
 omp onents 20736 marilla street chatsworth       
     mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 1 of 7 ? high density cell design for low rds(on) ? voltage controlled small signal switch ? rugged and reliable ? high saturation current capability ? marking : 72k (v ds =0vdc, v gs =  5vdc) --- ---  100 nadc (dl s /dt=-100a/s) qr (v gs =0v, i s =300ma,v r =25v,) recovered charge --- --- 30 nc v dd =50 v, r l =250 , r gs =50,v gs =10 v, r g =50 v gs =0v, i s =300ma, ns v r =25v, dl s /dt=-100a/s t rr reverse recovery time 30 --- --- ns symbol rating maximum ratings @ 25 o c unless otherwise specified rating esd protected up to 2kv (hbm) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
2N7002K mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 7
2N7002K revision: a 2011/01/01 tm micro commercial components mcc www. mccsemi .com 3 of 7
2N7002K mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 7
2N7002K mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 5 of 7
2N7002K mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 6 of 7
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 7 of 7 3 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of 2N7002K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X