Part Number Hot Search : 
RE1201 LC401 MPSA44 1000W ACM1601H ALE12B12 20121 LTC248
Product Description
Full Text Search
 

To Download 2N7002K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N7002K 0.3a , 60v , r ds(on) 4 ? n-ch small signal mosfet with esd protection elektronische bauelemente 30-mar-2011 rev. a page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. top view a l c b d g h j f k e 1 2 3 1 2 3 so t -23 rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? r ds(on) , v gs @10v, i ds @500ma=3 ? ? r ds(on) , v gs @4.5v, i ds @200ma=4 ? ? advanced trench process technology ? high density cell design for ultra low on-resistance ? very low leakage current in off condition ? specially designed for battery operated systems, solid-state relays drivers relays, displays, lamps, solenoids, memories, etc. ? esd protected 2kv hbm ? in compliance with eu rohs 2002/95/ec directives mechanical data ? case: sot-23 package ? terminals: solderable per mil-std-750, method 2026 ? approx. weight: 0.008 gram marking k72 package information package mpq leader size sot-23 3k 7? inch absolute maximum ratings (t a = 25 c unless otherwise specified) parameter symbol rating unit drain-source voltage v ds 60 v gate-source voltage v gs 20 v continuous drain current i d 300 ma pulsed drain current 1 i dm 2000 ma maximum power dissipation t a =25 c p d 0.35 w t a =75 c 0.21 thermal resistance junction-ambient (pcb mounted) 2 r ? ja 357 c/w operating junction and storage temperature t j , t stg -55 ~ +150 c notes: 1. maximum dc current limited by the package. 2. surface mounted on fr4 board, t < 5sec. ref. millimete r ref. millimete r min. max. min. max. a 2.80 3.04 g 0.09 0.18 b 2.10 2.55 h 0.45 0.60 c 1.20 1.40 j 0.08 0.177 d 0.89 1.15 k 0.6 ref. e 1.78 2.04 l 0.89 1.02 f 0.30 0.50 ? ? gate ? ? source drain ??
2N7002K 0.3a , 60v , r ds(on) 4 ? n-ch small signal mosfet with esd protection elektronische bauelemente 30-mar-2011 rev. a page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions static drain-source breakdown voltage bv dss 60 - - v v gs =0, i d =10 a gate-threshold voltage v gs(th) 1 - 2.5 v v ds = v gs , i d =250 a drain-source on-resistance r ds(on) - - 4 ? v gs =4.5v, i d =200ma - - 3 v gs =10v, i d =500ma zero gate voltage drain current i dss - - 1 a v ds =60v, v gs =0 gate-body leakage current i gss - - 10 a v ds = 0, v gs = 20v forward transconductance g fs 100 - - ms v ds = 15v, i d =250 ma dynamic total gate charge q g - - 0.8 nc v ds =15v, v gs =5v, i d =200ma turn-on time t (on) - - 20 ns v dd =30v, r l =150 ? , i d =200ma, v gen =10v, r g =10 ? turn-off time t (off) - - 40 input capacitance c iss - - 35 pf v ds =25v, v gs =0, f=1mhz output capacitance c oss - - 10 reverse transfer capacitance c rss - - 5 source-drain diode diode forward voltage v sd - 0.82 1.3 v i s =200ma, v gs =0 continuous diode forward current i s - - 300 ma pulse diode forward current i sm - - 2000 ma
2N7002K 0.3a , 60v , r ds(on) 4 ? n-ch small signal mosfet with esd protection elektronische bauelemente 30-mar-2011 rev. a page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve fig.1 \ ouput ? characteristic ? fig.2 \ transfer ? characteristic fig.3 \ on ? resistance ? vs ? drain ? current ? fig.5 \ on ? resistance ? vs ? junction ? temperature fig.4 \ on ? resistance ? vs ? gate ? to ? source ? voltage
2N7002K 0.3a , 60v , r ds(on) 4 ? n-ch small signal mosfet with esd protection elektronische bauelemente 30-mar-2011 rev. a page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve fig.6 \ gate ? charge ? waveform ? fig.10 \ source \ drain ? diode ? forward ? voltage fig.9 \ breakdown ? voltage ? vs ? junction ? temperature fig.8 \ threshold ? voltage ? vs ? temperature fig.7 \ gate ? charge ?


▲Up To Search▲   

 
Price & Availability of 2N7002K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X