Part Number Hot Search : 
FRM450H V140LA2 A102J 42100 PST573D HF21FF WH2002A 20FIB
Product Description
Full Text Search
 

To Download 1017A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vip sensors california , usa ph (949) 429 3558 fx (949) 528 0126 info@vipsensors.com www.vipsensors.com vip sensors reserves the right to modify these specifications without notice. v01 quality innovations customer satisfaction model 1017A piezoelectric accelerometer description the vip sensors model 1017A is a small piezoelectric accelerometer for vibration measurement on small structures and objects . its light weight of 2.8 grams (without the low-noise cable) effectively minimizes mass loading. the accelerometer is a self-generating device that requires no external power source for operation. the model 1017A exhibits a broad frequency response range and a high resonance frequency. low-noise, flexible coaxial cables are used for error-free operation . vip sensors signal conditioner models 5002 and 5005 are recommended for use with this high impedance accelerometer. actual size ? small size, light weight (2.8 grams) ? frequency response to 5 khz ? resonance frequency at 21 khz ? good for shock measurements ? no external power required ? adhesive mounting typical temperature response -10 -5 0 5 10 15 20 25 -50 50 150 250 350 temperature f (c) % deviation (-46) (10) (66) (121) (177) mm 0.36 (9.14) s=0.37 (9.5) ?=0.43 (11) 10-32 ( out ) typical amplitude response -5.00 0.00 5.00 10.00 15.00 1 10 100 1000 10000 100000 frequency (hz) % deviation in (mm)
vip sensors california , usa ph (949) 429 3558 fx (949) 528 0126 info@vipsensors.com www.vipsensors.com vip sensors reserves the right to modify these specifications without notice. v01 quality innovations customer satisfaction model 1017A piezoelectric accelerometer units dynamic characteristics axial sensitivity pc/g 2 transverse sensitivity % 5 frequency response see typical amplitude response resonance frequency hz 21,000 amplitude response [1] + 5 % hz 1 to 5000 + 1 db hz 0.5 to 7000 temperature response see typical temperature response amplitude linearity % < 1 electrical characteristics output polarity acceleration directed from the base into the transducer is defined as positive resistance g ? >1 capacitance pf 300 grounding signal ground connected to case environmental characteristics temperature range -40 f to 302 f (-40 c to +150 c) humidity epoxy sealed shock limit g pk 2000 base strain equiv. g pk/ strain 0.002 magnetic field sensitivity equiv. g rms/gauss (/t) 1e-5 (1) thermal transient sensitivity equiv. g pk/f (/c) 0.018 (0.01) physical characteristics weight oz (grams) 0.1 (2.8) case material stainless steel mounting adhesive [2] piezoelectric material pzt-5 structure annular shear output connector 10-32 receptacle, top mounting accessories included: optional: 9006-120 cable, low noise 10-32/10-32, 10 ft (3.3 m) 9604 cable adapter 10-32/10-32 (extend cable length) calibration certificate notes 1. low end response of the transducer is a function of its electronics. 2. adhesives such as cyanoacrylate epoxy (super glue), petro-wax and hot-melt glue and may be used to mount the accelerometer. specifications the following performance specifications conf orm to isa-rp-37.2 (1964) and are typical values, referenced at +75f (+24c) and 100 hz, unless otherwise noted. calibration data, traceable to na tional institute of standards and technology (nist), is suppli ed.


▲Up To Search▲   

 
Price & Availability of 1017A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X