Part Number Hot Search : 
698115KB WSR5LDTA EN8953 PN4391 UMZ27N08 EN8953 BZM55C56 C74LV
Product Description
Full Text Search
 

To Download WBR13003B2D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . w w w w br13003b br13003b br13003b br13003b 2d 2d 2d 2d rev.a mar .20 11 high voltage fast -switching npn power transistor features very high switching speed high voltage capability wide reverse bias soa b uilt-in freewheeling diode general description this device is designed for high voltage, high speed switching characteristics required such as lighting system,switching mode power supply. absolute maximum ratings symbol parameter test conditions value units v ces collector -emitter voltage v be =0 600 v v ceo collector -emitter voltage i b =0 400 v v ebo emitter-bade voltage i c =0 9.0 v i c collector current 1. 2 a i cp collector pulse current 2.4 a i b base current 0.75 a i bm base peak current t p =5ms 1.5 a p c total dissipation at tc=25 20 w t j operation junction temperature -40~150 t stg storage temperature -40~150 thermal characteristics symbol parameter value units r ? jc thermal resistance junction to case 6.25 /w r ? ja thermal resistance junction to ambient 89 /w
w w w w br13003b br13003b br13003b br13003b 2d 2d 2d 2d 2 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance electrical characteristics (tc=25 unless otherwise noted) symbol parameter test conditions value units min typ max v ceo(sus) collector-emitter breakdown voltage ic=1 0 ma,ib=0 400 - - v v ce(sat) collector -emitter saturation voltage ic=0. 2 a,ib= 40m a - - 0. 3 v v be(sat) base -emitter saturation voltage ic=0. 2 a,ib= 40m a - - 1. 2 v i cbo collector -base cutoff current vcb= 600 v i e =0 - - 0.1 ma i ceo collector -emittercutoff current vce=400v ib=0 - - 0.25 ma i ebo emitter -base cutoff current veb=7v ic=0 - - 0.1 ma hfe dc current gain vce= 10 v,ic= 10m a 10 - 30 f t c haracteristic frequency vce=10v ic=50ma f=1mhz 5 - - mhz ton ts tf turn -on time storage time fall time vcc=5v, ic=0.25a 1.5 0.2 - 0 .15 1.0 4.0 0.4 s v f diode forward voltage i f =0.6a 1.8 v note : pulse test : pulse width 300,duty cycle 2%
w w w w br13003b br13003b br13003b br13003b 2d 2d 2d 2d 3 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance
w w w w br13003b br13003b br13003b br13003b 2d 2d 2d 2d 4 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance resistive load switching test circuit inductive load switching & rbsoa test circuit
w w w w br13003b br13003b br13003b br13003b 2d 2d 2d 2d 5 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance to-126 to-126 to-126 to-126 package package package package dimension dimension dimension dimension unit:mm


▲Up To Search▲   

 
Price & Availability of WBR13003B2D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X