Part Number Hot Search : 
TF321M 00101 2CC450 BR106 B2300 PF6806D 79L15ACZ EN8966
Product Description
Full Text Search
 

To Download STA371A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  160 characteristic curves (t a =25 c) symbol ratings unit v cbo 60 10 v v ceo 60 10 v v ebo 6v i c 2a i cp 4 (pw 1ms, d u 25%) a i b 0.5 a 3 (t a =25 c) 15 (t c =25 c) t j 150 c t stg C 40 to +150 c (t a =25 c) symbol unit conditions i cbo 10 av cb =50v i ebo 5ma v eb =6v v ceo 50 60 70 v i c =10ma h fe 2000 5000 12000 v ce =4v, i c =1a v ce (sat) 1.1 1.5 v v be (sat) 1.8 2.2 v v fec 1.3 1.8 v i fec =1a t on 0.5 sv cc 30v, t stg 4.0 si c =1a, t f 1.0 si b1 = C i b2 =2ma f t 50 mhz v ce =12v, i e = C 0.1a c ob 25 pf v cb =10v, f=1mhz specification min typ max p t w STA371A i c =1a, i b =2ma r 1 : 3.5k ? typ r 2 : 200 ? typ 2 1 3 r 1 r 2 4 5 6 7 8 0 1 2 3 4 i c (a) 0123 v ce (v) 5 46 0.3ma 0.4ma 0.6ma 2.0ma 5.0ma 1.0m a i b =10.0ma 0.02 i c (a) 0.1 0.05 1 0.5 4 30 50 1000 100 500 10000 5000 h fe (v ce =4v) typ (v ce =4v ) 20000 10000 5000 1000 500 100 50 30 0.02 0.05 0.1 0.5 14 i c (a ) h fe 7 5 c 25 c C 30 c t a =125 c (i c / i b =1000) 3 2 0 0.2 0.5 1 i c (a ) v ce (sat) (v ) 1 4 75 c 25 c C 30 c t a =125 c 0.1 i b (ma) 3 1 0.5 0 1 3 2 v ce (sat) (v) (i c =1a) t a =125 c C 3 0 c 75 c 25 c v be (v) 02 13 0 3 2 1 4 i c (a) (v ce =4v) t a =125 c 75 c 25 c C 30 c pw (ms) 0.5 100 1000 500 50 10 5 1 5 1 0.5 10 30 j C a ( c / w) 0.2 C 40 0 p t (w) 2 4 6 8 10 12 14 16 0 50 100 150 t a ( c) with silicone grease natural cooling heatsink: aluminum in mm with infinite heatsink without heatsink 25 50 2 5 0 5 0 2 5 1 0.5 0.1 0.05 3 5 10 50 100 v ce (v ) i c (a) single pulse without heatsink t a =25 c 1m s 1 0 m s 100 s npn darlington with built-in avalanche diode external dimensions c sta (8-pin) absolute maximum ratings  equivalent circuit diagram electrical characteristics i c -v ce characteristics (typical) h fe -i c characteristics (typical) h fe -i c temperature characteristics (typical) v ce (sat)-i c temperature characteristics (typical) v ce (sat)-i b temperature characteristics (typical) i c -v be temperature characteristics (typical) j-a -pw characteristics p t -t a characteristics safe operating area (soa)


▲Up To Search▲   

 
Price & Availability of STA371A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X