Part Number Hot Search : 
EP3042 2SB17 E003081 74C90 1N5239B 4L8XX WG12864D 47M35
Product Description
Full Text Search
 

To Download SRR3011-101YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. inductance 100 khz q test srf rdc i rms i sat bourns part no. (h) tol. % typ. frequency min. max. max. typ. (mhz) (mhz) ( ? ) (a) (a) srr3011-1r5yl 1.50 30 11 7.96 124 0.055 1.60 1.30 srr3011-2r5yl 2.50 30 7 7.96 112 0.085 1.20 1.00 srr3011-3r3yl 3.30 30 8 7.96 101 0.090 1.00 0.85 srr3011-4r7yl 4.70 30 9 7.96 69 0.125 0.90 0.75 srr3011-6r8yl 6.80 30 10 7.96 49 0.210 0.72 0.62 srr3011-100yl 10.0 30 18 2.52 42 0.280 0.65 0.50 srr3011-150yl 15.0 30 16 2.52 37 0.420 0.48 0.38 srr3011-220yl 22.0 30 11 2.52 31 0.680 0.38 0.32 srr3011-330yl 33.0 30 14 2.52 25 0.860 0.32 0.27 srr3011-470yl 47.0 30 16 2.52 18 1.800 0.27 0.23 srr3011-680yl 68.0 30 14 2.52 15 2.250 0.22 0.18 SRR3011-101YL 100.0 30 39 0.796 13 3.600 0.18 0.15 srr3011 series - shielded smd power inductors features available in e6 values mounting height of only 1.15 mm inductance value to 1.5 h rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications 100 product dimensions recommended layout 100 3.80 0.30 (.150 .012) typ. 3.80 0.30 (.150 .012) 1.15 0.15 (.045 .006) 1.30 (.051) typ. 1.30 (.051) typ. 1.20 (.047) general specifications test voltage.....................................0.1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core ............................ferrite dr and ri wire .............enameled copper wire 130 terminal.....................................ag/ni/sn rated current ....................ind. drop 35 % typ. at isat temperature rise ..................30 ? max. at rated irms packaging ..................1200 pcs. per reel electrical schematic dimensions: mm (inches) 4.30 (.169) ref. ref. 1.30 (.051) ref. 1.60 (.063) ref. 1.60 (.063) ref. 1.10 (.043) *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. srr3011 series - shielded smd power inductors rev. 07/10 14 (.551) 18.4 (.724) 2.0 0.5 (.079 .020) 50.0 (1.969) 178 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. packaging specifications start 4 (.157) 4 (.157) user direction of feed 160 (6.299) no component no component components 390 (15.354) end 5.3 (.209) 12 (.472) 100 100 qty: 1200 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of SRR3011-101YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X