Part Number Hot Search : 
C4468 DS1012 ADN4662 CP4725 DL6NC FSP33035 1450C CS536608
Product Description
Full Text Search
 

To Download SF1010-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  max. reverse recovery time ( note 2) reverse v oltage: 50 to 600 v olts forward current: 10 amp rohs device features -low power loss,high ef ficiency . -high surge capacity . -low power voltage,high current capability . -super fast recouery time, high voltage. -in compliance with eu rohs 2002/95/ec directives. mechanical data -epoxy: ul 94-v0 rated flame retardant. -t erminals: lead solderable per mil-std-750, method 2026. -polarity: as marked -w eight: 1.56 grams approx. sf1005-g thru. sf1060-g page 1 qw -bs006 smd super fast recovery rectifiers rev :a comchip t echnology co., l td. t rr 35 p f -exeeds environmental standards of mil-s-19500/228 -case: it o-220ac molded plastic. -standard packaging: any d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) i t o - 2 2 0 a b 0. 11 8( 3. 00 ) 0. 10 6( 2. 70 ) 0. 17 3( 4. 40 ) 0. 18 9( 4. 80 ) 0. 53 1( 13 .5 0) 0. 57 1( 14 .5 0) 0. 61 0( 15 .5 0) 0. 57 1( 14 .5 0) 0. 10 2( 2. 60 ) 0. 11 8( 3. 00 ) 0. 13 8( 3. 50 ) 0. 12 2( 3. 10 ) 0. 38 6( 9 .8 0) 0. 40 6( 10 .3 0) 0. 03 0( 0. 76 ) 0. 02 0( 0. 51 ) 0 . 0 5 9 ( 1 . 5 0 ) 0 . 0 3 0 ( 0 . 7 6 ) 0 . 0 2 0 ( 0 . 5 1 ) 0 . 1 1 2 ( 2 . 8 4 ) 0 . 0 8 8 ( 2 . 2 4 ) 0. 11 4( 2. 90 ) 0. 09 8( 2. 50 ) 0 . 0 4 3 ( 1 . 1 0 ) 0 . 0 4 m a x ( 1 . 0 ) 0. 14 2( 3. 60 ) 0. 15 7( 4. 00 ) pa ra m et er sy mb ol un it maximum reverse peak repetitive v oltage maximum rms bridge input v oltage maximum dc blocking v oltage maximum a verage forward rectified current @t c=75c peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load (jedec method) operating t emperature range storage t emperature range 50 35 50 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 150 0.95 1 -55 to +150 -55 to +150 v v v a a v a c 100 70 100 150 105 150 200 140 200 300 210 300 400 280 400 600 420 600 10 3 c maximum dc reverse current at rate dc blodking voltage @t j =25c sf 1005-g sf 1010-g sf 1020-g sf 1030-g sf 1040-g sf 1050-g sf 1060-g maximun ratings and electrical characteristics (at t a =25c unless otherwise noted) ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum peak forward v oltage at 10.0a , per element t ypical junction capacitance (note 1) c j t ypical thermal resistance r jc ns c/w 1.30 1.70 500 25 62 @t j =100c c o m c h i p s m d d i o d e s p e c i a l i s t notes: 1. measured at 1.0 mhz and applied reverse voltage of 4.0vdc. 2. reverse recovery test conditions: i f =0.5a, i r =1a, i rr =0.25a 3. both bonding and chip structure available.
page 2 qw -bs006 rev :a comchip t echnology co., l td. rating and characteristic curves (ef1005 -g thru. ef1060-g) smd super fast recovery rectifiers 0 1 0 0 1 5 0 0 4 1 0 c a s e t e m p e r a t u r e , ( c ) a v e r a g e f o r w a r d c u r r e n t , ( a ) 6 f i g . 1 - t y p i c a l f o r w a r d c u r r e n t d e r a t i n g 2 8 5 0 f i g . 5 - t y p i c a l j u n c t i o n c a p a c i t a n c e 0 . 1 1 0 . 0 1 0 0 r e v e r s e v o l t a g e , ( v ) j u n c t i o n c a p a c i t a n c e , ( p f ) 1 1 0 f i g . 3 - t y p i c a l r e v e r s e c h a r a c t e r i s t i c s 2 0 p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( % ) 1 0 0 1 0 0 0 0 . 1 1 0 1 . 0 4 0 6 0 8 0 1 0 0 i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) t j = 1 2 5 c t j = 7 5 c t j = 2 5 c 1 . 0 f i g . 4 - t y p i c a l i n s t a n t a e o u s f o r w a r d 0 . 6 1 . 0 2 . 0 1 . 8 i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0 . 1 1 . 0 1 0 1 . 4 0 . 8 1 . 2 1 . 6 1 0 0 2 0 0 t j = 2 5 c pul se w idth 300 us t j = 2 5c 50 -2 00 v 1 2 0 1 4 0 0 1 2 c u r v e f i g . 2 - m a x i m u m n o n - r e p e t i t i v e f o r w a r d n u m b e r o f c y c l e s a t 6 0 h z s u r g e c u r r e n t 1 1 0 1 0 0 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 2 5 5 0 1 2 5 1 0 0 1 5 0 7 5 (je dec me thod ) 8.3 ms sing le h alf-s ine- wav e c h a r a c t e r i s t i c s 30 0- 40 0v 60 0v c o m c h i p s m d d i o d e s p e c i a l i s t
page 3 rev :a comchip t echnology co., l td. qw -bs006 marking code xxxx = product type marking code standard packaging sf1005-g part number marking code SF1010-G sf1020-g c a s e t y p e t u b e p a c k 5 0 i t o - 2 2 0 a b 2 , 0 0 0 t u b e ( e a ) 8 , 0 0 0 c a r t o n ( e a ) b o x ( e a ) smd super fast recovery rectifiers sf1030-g sf1040-g sf1050-g sf1060-g ef1005 ef1010 ef1020 ef1030 ef1040 ef1050 ef1060 efxxxx c o m c h i p s m d d i o d e s p e c i a l i s t


▲Up To Search▲   

 
Price & Availability of SF1010-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X