Part Number Hot Search : 
250BZX 1N5246 P4202 LUS65C D5641AK ADC08 130FT501 ILC7080
Product Description
Full Text Search
 

To Download SBR13003B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . SBR13003B SBR13003B SBR13003B SBR13003B rev.a aug.2010 high voltage fast -switching npn power transistor features ? very high switching speed ? high voltage capability ? wide reverse bias soa general description this device is designed for high voltage, high speed switching characteristics required such as lighting system,switching mode power supply. absolute maximum ratings symbol parameter test conditions value units v ces collector -emitter voltage v be =0 700 v v ceo collector -emitter voltage i b =0 400 v v ebo emitter-bade voltage i c =0 9.0 v i c collector current 1.5 a i cp collector pulse current 3.0 a i b base current 0.75 a i bm base peak current t p =5ms 1.5 a p c total dissipation at tc=25 30 w t j operation junction temperature -40~150 t stg storage temperature -40~150 thermal characteristics symbol parameter value units r ? jc thermal resistance junction to case 4.16 /w r ? ja thermal resistance junction to ambient 89 /w
SBR13003B SBR13003B SBR13003B SBR13003B 2 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance electrical characteristics (tc=25 unless otherwise noted) symbol parameter test conditions value units min typ max v ceo(sus) collector-emitter breakdown voltage ic=10ma,ib=0 400 - - v v ce(sat) collector -emitter saturation voltage ic=0.5a,ib=0.1a ic=1.0a,ib=0.25a ic=1.5a,ib=0.5a - - 0.3 0.5 1.0 v v be(sat) base -emitter saturation voltage ic=0.5a,ib=0.1a ic=1.0a,ib=0.25a - - 1.0 1.2 v i cbo collector -base cutoff current (vbe= -1.5v) vcb=700v vcb=700v,tc=100 - - 1.0 5.0 ma hfe dc current gain vce=2v,ic=0.5a vce=2v,ic=1.0a 10 5 - - 30 25 ton ts tf resistive load turn -on time storage time fall time v cc =125v,ic=1a i b1 =0.2a,i b2 = -0.5a t p =25 s - 0.2 1.5 0.15 1.0 3.0 0.4 s ts tf inductive load storage time fall time v cc =15v,ic=1a i b1 =0.2a,i b2 = -0.5a l=0.35mh,vclamp= 300v - - 1.2 0.12 4.0 0.3 s ts tf inductive load storage time fall time v cc =15v,ic=1a i b1 =0.2a,i b2 = -0.5a l=0.35mh,vclamp= 300v tc=100 - - 2.4 0.15 5.0 0.4 s note : pulse test : pulse width 300,duty cycle 2%
SBR13003B SBR13003B SBR13003B SBR13003B 3 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance fig.1 dc current gain fig.2 saturation voltage fig.3 switching time fig.4 safe operation area fig.5 power perating
SBR13003B SBR13003B SBR13003B SBR13003B 4 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance resistive load switching test circuit inductive load switching & rbsoa test circuit
SBR13003B SBR13003B SBR13003B SBR13003B 5 / 5 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance to-126 to-126 to-126 to-126 package package package package dimension dimension dimension dimension dim mm inch min. typ. max. min. typ. max. a 7.5 7.9 0.295 0.311 b 10.8 11.2 0.425 0.441 c 14.2 14.7 0.559 0.579 d 2.7 2.9 0.106 0.114 e 3.8 0.150 f 2.5 0.098 g 1.2 1.5 0.047 0.059 h 2.3 0.091 i 4.6 0.181 j 0.48 0.62 0.019 0.024 k 0.7 0.86 0.028 0.034 l 1.4 0.055 3.2 0.126


▲Up To Search▲   

 
Price & Availability of SBR13003B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X