Part Number Hot Search : 
30120 2800A GPDN5113 A5800742 16244 16244 0GA12 GPDN5113
Product Description
Full Text Search
 

To Download SB1R5-4812S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 1 . 5 wat t m o d u l a r d c / d c c o n v e r t e r s s b 1 r 5 s e r i e s www.ast rodyne.com astrodyne usa: 1-800-823-8082 astr odyne pacific: 886-2-26983458 low ripple and noise regulated outputs 500v isolation short circuit protection standard pinouts input pi filter model number output voltage output amps input range single output sb1r5-55s 5 vdc 300 4.5-5.5 vdc sb1r5-125s 300 10.8-13.2 vdc sb1r5-245s 300 21.6-26.4 vdc sb1r5-485s 300 43.2-52.8 vdc sb1r5-512s 12 vdc 125 4.5-5.5 vdc sb1r5-1212s 125 10.8-13.2 vdc sb1r5-2412s 125 21.6-26.4 vdc SB1R5-4812S 125 43.2-52.8 vdc sb1r5-515s 15 vdc 100 4.5-5.5 vdc sb1r5-1215s 100 10.8-13.2 vdc sb1r5-2415s 100 21.6-26.4 vdc sb1r5-4815s 100 43.2-52.8 vdc sb1r5-524s 24vdc 63 4.5-5.5 vdc sb1r5-1224s 63 10.8-13.2 vdc sb1r5-2424s 63 21.6-26.4 vdc sb1r5-4824s 63 43.2-52.8 vdc unit measures 0.8w x 1.25l x 0.4h
i s o l a t e d a n d r e g u l a t e d 1 . 5 wat t m o d u l a r d c / d c c o n v e r t e r s s b 1 r 5 s e r i e s www.ast rodyne.com astrodyne usa: 1-800-823-8082 astr odyne pacific: 886-2-26983458 low ripple and noise regulated outputs 500v isolation short circuit protection standard pinouts input pi filter model number output voltage output amps input range dual output sb1r5-55d +/-5 vdc +/-150 4.5-5.5 vdc sb1r5-125d +/-150 10.8-13.2 vdc sb1r5-245d +/-150 21.6-26.4 vdc sb1r5-485d +/-150 43.2-52.8 vdc sb1r5-512d +/-12 vdc +/-60 4.5-5.5 vdc sb1r5-1212d +/-60 10.8-13.2 vdc sb1r5-2412d +/-60 21.6-26.4 vdc sb1r5-4812d +/-60 43.2-52.8 vdc sb1r5-515d +/-15 vdc +/-50 4.5-5.5 vdc sb1r5-1215d +/-50 10.8-13.2 vdc sb1r5-2415d +/-50 21.6-26.4 vdc sb1r5-4815d +/-50 43.2-52.8 vdc unit measures 0.8w x 1.25l x 0.4h
i s o l a t e d a n d r e g u l a t e d 1 . 5 wat t m o d u l a r d c / d c c o n v e r t e r s s b 1 r 5 s e r i e s www.ast rodyne.com astrodyne usa: 1-800-823-8082 astr odyne pacific: 886-2-26983458 input specifications input voltage ranges: 5 vdc nominal 4.5-5.5 vdc 12 vdc nominal 10.8-13.2 vdc 24 vdc nominal 21.6-26.4 vdc 48 vdc nominal 43.2-52.8 vdc output specifications voltage and current see selection chart load regulation 10% to fl +/- 0.5% line regulation (hl-ll) +/- 0.3% temperature coefficient +/-0.02%/c ripple/noise(single/dual) 0.7% +40mvp-p max. voltage accuracy +/- 3% short circuit protection continuous efficiency 55d, 125d, 245d, 485d 52% 512s, 512d, 515d, 1212s, 1212d, 1215d, 2412s, 2412d, 2415d, 4812s, 4812d, 4815d 54% 55s, 515s, 524s, 125s, 1215s, 1224s, 245s, 2415s, 2424s, 485s,4815s, 4824s 55% gener al specifications input-out isolation 500vdc isolation resistance 10-9nth ohm min. switching frequency 20khz envir onmental specifications oper. temperature -25 to +71c(fl) storage temperature -55 to +105c * cooling free air convection mtbf 568,608 hrs physical specifications case material non-conductive black plastic construction fully encapsulated weight 0.5 oz, (13g) * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25degc unless otherwise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d r e g u l a t e d 1 . 5 wat t m o d u l a r d c / d c c o n v e r t e r s s b 1 r 5 s e r i e s www.ast rodyne.com astrodyne usa: 1-800-823-8082 astr odyne pacific: 886-2-26983458 mechanical dimensions pin # single outputs dual outputs 1 + input + input 2 no pin - output 3 no pin common 10 - output common 11 + output + output 12 - input - input 13 - input - input 14 + output + output 15 - output common 22 nc common 23 nc - output 24 + input + input output der ating cur ve


▲Up To Search▲   

 
Price & Availability of SB1R5-4812S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X