Part Number Hot Search : 
BUV41 XBXXX 0430452 NT1J33 20012 20012 PI74FCT MC68HC
Product Description
Full Text Search
 

To Download RL622-1R5K-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.62 (.024) dia. 5.0 (.197) 11.0 (.433) max. 5.0 (.197) 8.5 (.335) max. features formerly model current rating up to 10 a inductance range: 1 ? to 100,000 ? rohs compliant* applications dc/dc converters power supplies desktop notebooks output chokes rl622 series - radial lead rf choke *rohs directive 2002/95/ec jan 27 2003 including annex. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications j.w. miller electrical speci cations (@ 25 ?) test frequency srf dcr part inductance q (mhz) ( ) i dc number (?) tol. (min.) l q typ. max. (a) rl622-1r0k-rc 1.0 10 % 20 7.96 mhz 7.96 mhz 150 0.013 10 RL622-1R5K-RC 1.5 10 % 20 7.96 mhz 7.96 mhz 130 0.016 8.5 rl622-2r2k-rc 2.2 10 % 20 7.96 mhz 7.96 mhz 100 0.021 6.5 rl622-3r3k-rc 3.3 10 % 20 7.96 mhz 7.96 mhz 79 0.025 5.5 rl622-4r7k-rc 4.7 10 % 20 7.96 mhz 7.96 mhz 51 0.030 4.3 rl622-6r8k-rc 6.8 10 % 20 7.96 mhz 7.96 mhz 29 0.035 3.7 rl622-100k-rc 10 10 % 50 2.52 mhz 2.52 mhz 14 0.045 3.0 rl622-120k-rc 12 10 % 50 2.52 mhz 2.52 mhz 13 0.050 2.7 rl622-150k-rc 15 10 % 40 2.52 mhz 2.52 mhz 12 0.056 2.3 rl622-180k-rc 18 10 % 40 2.52 mhz 2.52 mhz 11 0.061 2.2 rl622-220k-rc 22 10 % 40 2.52 mhz 2.52 mhz 9.2 0.070 2.0 rl622-270k-rc 27 10 % 30 2.52 mhz 2.52 mhz 8.5 0.080 1.7 rl622-330k-rc 33 10 % 30 2.52 mhz 2.52 mhz 7.8 0.090 1.6 rl622-390k-rc 39 10 % 30 2.52 mhz 2.52 mhz 6.9 0.10 1.5 rl622-470k-rc 47 10 % 30 2.52 mhz 2.52 mhz 6.5 0.16 1.4 rl622-560k-rc 56 10 % 30 2.52 mhz 2.52 mhz 5.4 0.18 1.3 rl622-680k-rc 68 10 % 30 2.52 mhz 2.52 mhz 4.9 0.21 1.2 rl622-820k-rc 82 10 % 30 2.52 mhz 2.52 mhz 4.1 0.23 1.1 rl622-101k-rc 100 10 % 20 796 khz 796 khz 3.7 0.28 0.91 rl622-121k-rc 120 10 % 20 796 khz 796 khz 3.4 0.32 0.84 rl622-151k-rc 150 10 % 20 796 khz 796 khz 3.2 0.37 0.75 rl622-181k-rc 180 10 % 20 796 khz 796 khz 2.8 0.58 0.69 rl622-221k-rc 220 10 % 20 796 khz 796 khz 2.7 0.65 0.64 rl622-271k-rc 270 10 % 20 796 khz 796 khz 2.4 0.75 0.57 rl622-331k-rc 330 10 % 20 796 khz 796 khz 2.3 0.85 0.54 rl622-391k-rc 390 10 % 20 796 khz 796 khz 2.1 1.0 0.48 rl622-471k-rc 470 10 % 20 796 khz 796 khz 1.9 1.1 0.46 rl622-561k-rc 560 10 % 20 796 khz 796 khz 1.8 1.4 0.41 rl622-681k-rc 680 10 % 20 796 khz 796 khz 1.6 1.6 0.38 rl622-821k-rc 820 10 % 20 796 khz 796 khz 1.5 1.8 0.38 rl622-102k-rc 1000 10 % 50 252 khz 252 khz 1.3 2.9 0.29 rl622-122k-rc 1200 10 % 50 252 khz 252 khz 1.1 4.0 0.13 rl622-152k-rc 1500 10 % 20 252 khz 252 khz 1.0 6.1 0.08 rl622-182k-rc 1800 10 % 20 252 khz 252 khz 1.0 6.4 0.08 rl622-222k-rc 2200 10 % 20 252 khz 252 khz 0.9 6.8 0.08 rl622-272k-rc 2700 10 % 20 252 khz 252 khz 0.9 7.7 0.08 rl622-332k-rc 3300 10 % 20 252 khz 252 khz 0.7 9.0 0.08 rl622-392k-rc 3900 10 % 20 252 khz 252 khz 0.6 14 0.08 rl622-472k-rc 4700 10 % 20 252 khz 252 khz 0.5 16 0.05 rl622-562k-rc 5600 10 % 20 252 khz 252 khz 0.4 18 0.05 rl622-682k-rc 6800 10 % 20 252 khz 252 khz 0.4 19 0.05 rl622-822k-rc 8200 10 % 20 252 khz 252 khz 0.3 21 0.05 rl622-103k-rc 10,000 10 % 40 79.6 khz 79.6 khz 0.3 25 0.05 rl622-123k-rc 12,000 10 % 40 79.6 khz 79.6 khz 0.3 33 0.04 rl622-153k-rc 15,000 10 % 40 79.6 khz 79.6 khz 0.2 37 0.04 rl622-183k-rc 18,000 10 % 30 79.6 khz 79.6 khz 0.2 40 0.04 rl622-223k-rc 22,000 10 % 30 79.6 khz 79.6 khz 0.1 56 0.03 rl622-273k-rc 27,000 10 % 30 79.6 khz 79.6 khz 0.1 62 0.03 dimensions: mm (inches) general speci cations rated current .....inductance drop 10 % operating temperature ............................... -55 c to +105 c storage temperature ............................... -55 c to +105 c materials core material ................................ferrite wire .......................... enameled copper terminal coating .................................sn marking ........... value code on side of inductor packaging standard ......................100 pcs. per bag product dimensions electrical schematic ~ continued on page 2 ~ *rohs compliant
how to order rl622 - 102k - rc model value/tolerance code (see table) compliance code rc = rohs compliant example: rl622-102k-rc = 1000 h, 10 % speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. rl622 series - radial lead rf choke electrical speci cations (@ 25 ?) - continued rev. 08/10 test frequency srf dcr part inductance q (mhz) ( ) i dc number (?) tol. (min.) l q typ. max. (a) rl622-333k-rc 33,000 10 % 30 79.6 khz 79.6 khz 0.1 70 0.03 rl622-393k-rc 39,000 10 % 30 79.6 khz 79.6 khz 0.1 80 0.03 rl622-473k-rc 47,000 10 % 20 79.6 khz 79.6 khz 0.1 99 0.03 rl622-563k-rc 56,000 10 % 20 79.6 khz 79.6 khz 0.1 135 0.02 rl622-683k-rc 68,000 10 % 20 79.6 khz 79.6 khz 0.1 150 0.02 rl622-823k-rc 82,000 10 % 20 79.6 khz 79.6 khz 0.1 212 0.02 rl622-104k-rc 100,000 10 % 20 25.2 khz 25.2 khz 0.1 235 0.02


▲Up To Search▲   

 
Price & Availability of RL622-1R5K-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X