Part Number Hot Search : 
LTC1726 26416LLE C2002 S10K75 3802A UM6008 MAX3002E 0110407
Product Description
Full Text Search
 

To Download RJK6024DPE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r07ds0424ej0200 rev.2.00 page 1 of 6 feb 27, 2012 preliminary datasheet RJK6024DPE 600v - 0.4a - mos fet high speed power switching features ? low on-resistance r ds(on) = 28 ? typ. (at i d = 0.2 a, v gs = 10 v, ta = 25 ? c) ? low leakage current ? high speed switching outline 1 2 3 4 renesas package code: prss0004ae-b (package name: ldpak(s)-(1) ) 1. gate 2. drain 3. source 4. drain d g s absolute maximum ratings (ta = 25c) item symbol ratings unit drain to source voltage v dss 600 v gate to source voltage v gss ? 30 v drain current i d 0.4 a drain peak current i d (pulse) note1 0.6 a body-drain diode reverse drain current i dr 0.4 a body-drain diode reverse drain peak current i dr (pulse) note1 0.6 a channel dissipation pch note2 20 w channel to case thermal impedance ? ch-c 6.25 ?c/w channel temperature tch 150 ?c storage temperature tstg ?55 to +150 ?c notes: 1. pw ? 10 ? s, duty cycle ? 1% 2. value at tc = 25 ?c r07ds0424ej0200 rev.2.00 feb 27, 2012
RJK6024DPE preliminary r07ds0424ej0200 rev.2.00 page 2 of 6 feb 27, 2012 electrical characteristics (ta = 25c) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 600 ? ? v i d = 10 ma, v gs = 0 zero gate voltage drain current i dss ? ? 1 ? a v ds = 600 v, v gs = 0 gate to source leak current i gss ? ? 0.1 ? a v gs = ? 30 v, v ds = 0 gate to source cutoff voltage v gs(off) 3 ? 5 v v ds = 10 v, i d = 1 ma static drain to source on state resistance r ds(on) ? 28 42 ? i d = 0.2 a, v gs = 10 v note3 input capacitance ciss ? 37.5 ? pf output capacitance coss ? 7.5 ? pf reverse transfer capacitance crss ? 0.9 ? pf v ds = 25 v v gs = 0 f = 1 mhz turn-on delay time t d(on) ? 30 ? ns rise time t r ? 14.5 ? ns turn-off delay time t d(off) ? 48 ? ns fall time t f ? 77 ? ns i d = 0.2 a v gs = 10 v r l = 1500 ? rg = 10 ? total gate charge qg ? 4.3 ? nc gate to source charge qgs ? 0.5 ? nc gate to drain charge qgd ? 3.2 ? nc v dd = 480 v v gs = 10 v i d = 0.4 a body-drain diode forward voltage v df ? 0.85 1.45 v i f = 0.4 a, v gs = 0 note3 body-drain diode reverse recovery time t rr ? 230 ? ns i f = 0.4 a, v gs = 0 di f /dt = 50 a/? s notes: 3. pulse test 4. since this device is equipped with high voltage fet chip (v dss ?? 600 v), high voltage may be supplied. therefore, please be sure to confirm about electr ic discharge between drain terminal and other terminal. 5. this device is sensitive to electrostatic discharge. it is recommended to adopt appropriate cautions when handling this product.
RJK6024DPE preliminary r07ds0424ej0200 rev.2.00 page 3 of 6 feb 27, 2012 main characteristics 0 0.6 0.5 0.4 0.3 0.2 0.1 0 4 8 12 16 20 drain to source voltage v ds (v) drain current i d (a) typical output characteristics gate to source voltage v gs (v) drain current i d (a) typical transfer characteristics drain current i d (a) drain to source on state resistance r ds(on) () static drain to source on state resistance vs. drain current (typical) drain to source voltage v ds (v) drain current i d (a) maximum safe operation area case temperature tc (c) static drain to source on state resistance r ds(on) () static drain to source on state resistance vs. temperature (typical) ta = 25c pulse test 5.4 v v gs = 5 v 5.2 v 5.6 v 5.8 v 6 v 8, 10 v reverse drain current i dr (a) reverse recovery time t rr (ns) body-drain diode reverse recovery time (typical) 0.001 0.01 0.1 1 10 0.1 1 10 100 1000 tc = 25c 1 shot operation in this area is limited by r ds(on) 10 s pw = 100 s 0.01 1 0.1 100 1000 10 v gs = 10 v ta = 25c pulse test 0.1 1 0.01 02 468 10 v ds = 10 v pulse test tc = ?25c 25c 75c 0 20 40 60 80 -25 0 50 25 75 100 125 150 v gs = 10 v pulse test 0.1 a i d = 0.4 a 0.2 a 0.1 1 10 1000 100 10 di / dt = 50 a / s v gs = 0, ta = 25c
RJK6024DPE preliminary r07ds0424ej0200 rev.2.00 page 4 of 6 feb 27, 2012 5.0 4.5 4.0 3.5 3.0 2.5 2.0 0.6 0.5 0.4 0.3 0.2 0.1 800 0 16 600 12 400 8 200 0 4 24 6810 0 capacitance c (pf) drain to source voltage v ds (v) typical capacitance vs. drain to source voltage (typical) gate charge qg (nc) drain to source voltage v ds (v) gate to source voltage v gs (v) dynamic input characteristics (typical) 0 0.4 0.8 1.2 1.6 source to drain voltage v sd (v) reverse drain current vs. source to drain voltage (typical) reverse drain current i dr (a) case temperature tc (c) gate to source cutoff voltage vs. case temperature (typical) gate to source cutoff voltage v gs(off) (v) 0 -25 0 25 50 75 100 125 150 v ds v gs v dd = 480 v 300 v 100 v v dd = 480 v 300 v 100 v v ds = 10 v 1 ma 0.1 ma i d = 0.4 a ta = 25 c v gs = 0 v ta = 25 c pulse test 02 0 0 100 50 150 300 250 100 1 10 0.1 v gs = 0 f = 1 mhz ta = 25c ciss coss crss i d = 10 ma
RJK6024DPE preliminary r07ds0424ej0200 rev.2.00 page 5 of 6 feb 27, 2012 normalized transient thermal impedance s (t) t r t d(on) vin 90% 90% 10% 10% vout t d(off) 90% 10% t f switching time test circuit waveform vin monitor d.u.t. vin 10 v r l v dd = 300 v vout monitor 10 tc = 25c 10 1 0.1 100 1m 10m 100m 1 10 10 normalized transient thermal impedance vs. pulse width pulse width pw (s) p dm pw t d = pw t ch ? c (t) = s (t) ? ch ? c ch ? c = 6.25 c/w, tc = 25 c d = 1 0.5 0.2 0.1 0.05 1 shot pulse 0.02 0.01
RJK6024DPE preliminary r07ds0424ej0200 rev.2.00 page 6 of 6 feb 27, 2012 package dimensions 10.2 0.3 1.37 0.2 (1.5) (1.4) 8.6 0.3 10.0 + 0.3 ? 0.5 4.44 0.2 1.3 0.15 0.1 + 0.2 ? 0.1 0.4 0.1 2.49 0.2 0.86 + 0.2 ? 0.1 2.54 0.5 2.54 0.5 1.3 0.2 3.0 + 0.3 ? 0.5 (1.5) 7.8 6.6 2.2 1.7 7.8 7.0 sc-83 1.30g mass[typ.] ldpak(s)-(1) / ldpak(s)-(1)v prss0004ae-b renesas code jeita package code previous code unit: mm package name ldpak(s)-(1) ordering information orderable part number quan tity shipping container RJK6024DPE-00#j3 1000 pcs taping
notice 1. all information included in this document is current as of the date this document is issued. such information, however, is subject to change without any prior notice. before purchasing or using any renesas electronics products listed herein, please confirm the latest product information with a renesas electronics sales office. also, please pay regular and careful attention to additional and different information to be disclosed by renesas electronics such as that disclosed through our website. 2. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property rights of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any patents, copyrights or other intellectual property rights of renesas electronics or others. 3. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . 4. descriptions of circuits, software and other related information in this document are provided only to illustrate the operation of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 5. when exporting the products or technology described in this document, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. you should not use renesas electronics products or the technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. 6. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information included herein. 7. renesas electronics products are classified according to the following three quality grades: "standard", "high quality", and "specific". the recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. you must check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application categorized as "specific" without the prior written consent of renesas electronics. further, you may not use any renesas electronics product for any application for which it is not intended without the prior written consent of renesas electronics. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for an application categorized as "specific" or for which the product is not intended where you have failed to obtain the prior written consent of renesas electronics. the quality grade of each renesas electronics product is "standard" unless otherwise expressly specified in a renesas electronics data sheets or data books, etc. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; anti-crime systems; safety equipment; and medical equipment not specifically designed for life support. "specific": aircraft; aerospace equipment; submersible repeaters; nuclear reactor control systems; medical equipment or systems for life support (e.g. artificial life support devices or systems), surgical implantations, or healthcare intervention (e.g. excision, etc.), and any other applications or purposes that pose a direct threat to human life. 8. you should use the renesas electronics products described in this document within the range specified by renesas electronics, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas electronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 9. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance design. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measures. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 10. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatibility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 11. this document may not be reproduced or duplicated, in any form, in whole or in part, without prior written consent of renesas electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this document or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-owned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-585-100, fax: +44-1628-585-900 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 204, 205, azia center, no.1233 lujiazui ring rd., pudong district, shanghai 200120, china tel: +86-21-5877-1818, fax: +86-21-6887-7858 / -7898 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 1 harbourfront avenue, #06-10, keppel bay tower, singapore 098632 tel: +65-6213-0200, fax: +65-6278-8001 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 11f., samik lavied' or bldg., 720-2 yeoksam-dong, kangnam-ku, seoul 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2012 renesas electronics corporation. all rights reserved. colophon 1.1


▲Up To Search▲   

 
Price & Availability of RJK6024DPE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X