Part Number Hot Search : 
RERA16D AO3401 350019 A102J W2CBW003 CONDUCT C3842 CA307
Product Description
Full Text Search
 

To Download R1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  low leakage  high surge capability  high current capability  high temperature soldering guaranteed: at 5lbs. (2.3kg) tension. mechanical data  case: transfer molded plastic  epoxy: ul94v - 0 rate flame retardant  polarity: color band denotes cathode end.  lead: plated slug, solderable per mil - std 202 e method 208c  mounting position: any  weight: 0.012 ounce, 0.33grams (do-41) 0.014 ounce, 0.39 grams (do-15) maximum ratings and electrical characteristics  ratings at 25  ambient temperature unless otherwise specified  single phase, half wave, 60hz, resistive or inductive load.  for capacitive load derate current by 20% symbols r1200 R1500 r1800 r200 0 r2500 r3000 r4000 r5000 unit maximum repetitive peak reverse voltage v rrm 1200        volts maximum rms voltage v rms 840  
        volts maximum dc blocking voltage v dc 1200        volts maximum average forward rectified current, 0.375" (9.5mm) lead length at t a = 50  peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method ) maximum instantaneous forward volts voltage drop at 0.5a / 0.2a maximum dc reverse current at rated t a = 25  dc blocking voltage t   maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length at t l = 75  operating and storage temperature range t j , t stg  i r(av)  500  v f     voltage range 1200 to 5000 volts current 0.2 - 0.5 amperes (r1200 - r 20 00 ) (r2500 - r5000) 30 a    i fsm amps 260  /10 seconds. 0.375" (9.5mm) lead length ma high voltage silicon rectifier r1200 thru r5000 mic investments (china) company limited (-65 to +150)    i r i (av)
ratings and characteristic curves r1200 thru r5000 reverse voltage,(%) percent of rated peak 60 0 20 40 80 100 140 120 fig.3-typical reverse characteristics ambient temperature, ( c) 75 t =25 c instantaneous reverse current, 1.0 0.1 0.01 (ua) j 0 10 25 50 125 100 150 175 dertaing curve fig.1-typical forward current average forward current, 500 200 0 (ma) single phase falf wave 60 hz resistive or inductive r 12 00 - r 20 00 lead length load 0.375"(9.5mm) r 2500 - r 5000 number of cycles at 60 hz 1 0 2 6 4 8 20 10 40 100 60 forward surge current fig.2-maximum non-repetitive peak 8.3ms single half sine-wave (jedec method) =t j 30 20 10 current, (a) peak forward surge 1 cycle t j max


▲Up To Search▲   

 
Price & Availability of R1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X