Part Number Hot Search : 
GBP005 AC100 90BYFWG 90BYFWG A19430 90BYFWG SMAJ33 AD8544AR
Product Description
Full Text Search
 

To Download MJE13007D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd MJE13007D npn silicon transistor www.unisonic.com.tw 1 of 6 copyright ? 2012 unisonic technologies co., ltd qw-r203-042.a npn bipolar power transistor for switching power supply applications ? description the utc MJE13007D is designed for high-voltage, high-speed power switching inductive circuits where fall time is critical. it is particularly suited for 115 and 220 v switch mode applications. ? features * v ceo(sus) 400v * 700v blocking capability ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 MJE13007Dl-ta3-t MJE13007Dg-ta3-t to-220 b c e tube (1)t: tube (2) ta3: to-220 (3) g: halogen free, l: lead free MJE13007Dl -ta3 -t (1)packing type (2)package type (3)lead free
MJE13007D npn silicon transistor unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r203-042.a ? absolute maximum rating parameter symbol ratings unit collector-emitter sustaining voltage v ceo 400 v collector-emitter breakdown voltage v cbo 700 v emitter-base voltage v ebo 9.0 v collector current continuous i c 8.0 a peak (1) i cm 16 a base current continuous i b 4.0 a peak (1) i bm 8.0 a emitter current continuous i e 12 a peak (1) i em 24 a power dissipation t c = 25c p d 80 w junction temperature t j +150 c storage temperature t stg -55~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data parameter symbol ratings unit junction to ambient ja 62.5 c/w junction to case jc 1.56 c/w note 1: pulse test: pulse width = 5.0 ms, duty cycle 10%. measurement made with thermocouple contacting the bottom insulated mounting surface of the package (in a location beneath the die), t he device mounted on a heatsink with thermal grease applied at a mounting torque of 6 to 8?lbs. ? electrical characteristics (t c =25c, unless otherwise noted) parameter symbol test conditions min typ max unit collector-emitter sustaining voltage v ceo ( sus ) i c =10ma, i b =0 400 v collector cutoff current i cbo v ces =700v 0.1 ma v ces =700v, t c =125c 1.0 ma emitter cutoff current i ebo v eb =9.0v, i c =0 100 a dc current gain h fe1 i c =2.0a, v ce =5.0v 8.0 40 h fe2 i c =5.0a, v ce =5.0v 5.0 30 collector-emitter satu ration voltage v ce(sat) i c =2.0a, i b =0.4a 1.0 v i c =5.0a, i b =1.0a 2.0 v i c =8.0a, i b =2.0a 3.0 v i c =5.0a, i b =1.0a, t c =100c 3.0 v base-emitter satura tion voltage v be(sat) i c =2.0a, i b =0.4a 1.2 v i c =5.0a, i b =1.0a 1.6 v i c =5.0a, i b =1.0a, t c =100c 1.5 v current-gain-bandwidth product f t i c =500ma, v ce =10v, f=1.0 mhz 4.0 14 mhz output capacitance c ob v cb =10v, i e =0, f=0.1mhz 80 pf resistive load (table 1) delay time t d v cc =125v, i c =5.0a, i b1 =i b2 =1.0a, t p =25 s, duty cycle 1.0% 0.025 0.1 s rise time t r 0.5 1.5 s storage time t s 1.8 3.0 s fall time t f 0.23 0.7 s note: pulse test: pulse width 300 s, duty cycle 2.0%
MJE13007D npn silicon transistor unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r203-042.a ? typical thermal response transient thermal resistance, r(t) (normalized) there are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown. safe operating area curves indicate i c -v ce limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. the data of fig. 7 is based on t c = 25c; t j(pk) is variable depending on power level. second breakdown pulse limits are valid for duty cycles to 10% but must be debated when t c 25c. second breakdown limitations do not debate the same as thermal lim itations. allowable current at the voltages shown on fig. 7 may be found at any case temperature by using the appr opriate curve on fig. 9. at high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown. use of reverse biased safe operating area data (fig. 8) is discussed in the applications information section.
MJE13007D npn silicon transistor unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r203-042.a ? typical thermal response(cont.) table 1. test conditions for dynamic performance test circuits reverse bias safe operating ar ea and inductive switching resistive switching circuit values v cc =125v r c =25 ? d1=1n5820 or equiv
MJE13007D npn silicon transistor unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r203-042.a ? typical characteristics 1.4 0.02 0.01 0.1 0.05 0.4 0.8 1.2 1 1 0.6 0.5 2 fig. 2 base-emitter saturation voltage collector current, i c (a) base-emitte saturation voltage, v be(sat) (v) 10 5 i c /i b =5 i c =-40c 25c 100c 0.2 10 0.02 0.01 0.1 0.05 0.01 0.1 0.5 1 0.2 0.05 0.5 2 fig. 3 collector-emitter saturation voltage collector current, i c (a) collector-emitte saturation voltage, v ce(sat) (v) 10 5 i c /i b =5 0.2 i c =-40c 25c 100c 5 2 1 0.02 collector-emitter voltage, v ce (v) dc current gain, h fe 10000 0.1 10 1 10 100 1000 100 fig. 6 capacitance reverse voltage,v r (v) capacitance, c (pf) 1000 t j =25c c ib c ob 100 20 10 50 30 0.02 0.5 5 200 2 0.1 100 300 fig. 7 maximum forward bias safe operating area collector-emitter voltage, v ce (v) collector current, i c (a) 1000 500 70 50 20 10 0.05 5ms 10 s 1 s extended soa@1 s,10 s 1 0.2 0.01 t c =25c dc 1ms bonding wire limit thermal limit second breakdown limit curves apply below rated vceo
MJE13007D npn silicon transistor unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r203-042.a ? typical characteristics collector current, i c (a) power derating factor time, t (ns) time, t (ns) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of MJE13007D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X