Part Number Hot Search : 
NJM2263 MIP2E3D ZMM5254B SMF100A BZM55C56 LM270 DS3102GN W1T1G
Product Description
Full Text Search
 

To Download FDCC1602B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feature 1. 5x8 dots with cursor 3. +5v power supply (also available for +3.0v) 4. 1/16 duty cycle 5. bkl to be driven by pin1,pin2,or pin15,pin16 or a,k 6. n.v. optional FDCC1602B item power supply (logic) power supply (lcd) input voltage symbol vdd v0 vin min -0.3 vdd -13.5 -0.3 max 7.0 vdd +0.3 vdd +0.3 unit v v v absolute maximum ratings supply current recommended lcd driving voltage fornormaltemp version module led forward voltage led forward current input voltage el power supply current item symbol condition standard unit min typ max vdd +5v 4.7 5.0 5.5 v +3.3v 2.7 3.0 v vdd=5v --- 1.5 4.0 ma ---- --- --- ma idd vdd-v0 v f i f el electronical characteristics v =110v ac 400hz el v 4.7 4.3 4.1 5.0 4.5 4.3 5.5 4.7 4.5 0 25 50 25 c c c c c 25 4.2 120 4.6 --- --- --- ma v mechanical specifications character number overall size viewing area hole - hole 16w x 2h 85.00w x 36.00h 63.00w x 16.40h 80.00w x 31.00h character size character pitch dot size dot pitch 3.00w x 5.23h 0.51w x 0.52h 0.56w x 0.61h mm mm mm mm mm mm mm 0.05w x 0.05h pin assignment pin assignment pin 1 2 3 4 5 6 7-14 15(a) 16(k) symbol vss vdd v0 rs r/w e db0-db7 led+ led- function gnd power supply contrast adjust register select signal data read/write enable signal data bus line power supply for bkl(+) power supply for bkl(-) fordata electronic co.,ltd professional lcd supplier from china display character address code display character address code dbo 7 db : e r/w rs vss vdd v0 a k controller com 16 seg 40 lcd panel led back light seg 40 driver 1 2 345678910111213141516 ddram address 00 01 02 -- -- -- -- -- 0f ddram address 40 41 42 -- -- -- -- -- 4f display position 3.3 t1 () t2 max 1.6 1 2 15 16 16.4 0.1 v.a. 26.3 0.2 31.0 0.2 h.h. 36.0 0.5 o.s. 85 0.5 o.s. 80 0.2 h.h. 63.0 0.1 v.a. 71.3 0.2 56.21 0.2 10.98 p2.54x7 01.0 16pl 02.5 4pl 2.54 2.50 45.0 0.3 a k 0.61 0.05 5.23 5.75 0.05 3.51 3.00 0.56 9.6 14.5 item t2 t1 led backlight el / without backlight 4.6 9.5 2. built- in controller (splc780d or equivalent)


▲Up To Search▲   

 
Price & Availability of FDCC1602B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X