Part Number Hot Search : 
2SK354 ICX434AQ N5392A MMSZ5226 TDA3303 MC74LVX BC857BT TF1001A
Product Description
Full Text Search
 

To Download CDBA1200-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d s c h o t t k y b a r r i e r r e c t i f i e r s page 1 rev : b features -ultra high-speed switching. mechanical data -case: molded plastic, do-214ac / sma -t erminals: solderable per mil-std-750, method 2026. -polarity: indicated by cathode band. -weight: 0.055 grams cdba1 150-hf thru. CDBA1200-HF qw -jb023 comchip t echnology co., l td. -low profile surface mount applications in order to optimize board space. -low power loss, high ef ficiency . -high current capability , low forward voltage drop. -high surge capability . -guardring for overvoltage protection. -epoxy: ul94-v0 rate flame retardant. -silicon epitaxial planar chip,metal silicon junction. reverse v oltage: 150 to 200 v olts forward current: 1.0 amp rohs device halogen free maximum ratings and electrical characteristics forward surge current reverse current storage temperature a a ma parameter conditions on rate load (jedec method) 8.3ms single half sine-wave superimposed forward rectified current see fig.1 thermal resistance diode junction capacitance v r =v rrm t a =25c v r =v rrm t a =100c f=1mh z and applied 4v dc reverse v oltage junction to ambient symbol i o i fsm i r r ja c j t stg i r min. typ . max. ma c/w pf c 1.0 30 0.5 20 88 120 -50 +175 ratings at t a=25c unless otherwise noted. single phase, half wave, 60hz, resistive or inductive loaded. for capacitive load, derate current by 20% . units max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage cdba 1 150-hf units symbol parameter v rrm v dc v rms 150 150 105 v v v cdba 1200-hf 200 200 140 max. instantaneous forward voltage @ 1.0a, t a =25c v f 0.87 v 0.90 operating t emperature t j -50 to +175 c d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a c ( s m a ) 0 . 0 6 7 ( 1 . 7 0 ) 0 . 0 4 7 ( 1 . 2 0 ) 0 . 1 1 4 ( 2 . 9 0 ) 0 . 0 8 3 ( 2 . 1 0 ) 0 . 1 8 1 ( 4 . 6 0 ) 0 . 1 5 7 ( 4 . 0 0 ) 0 . 0 0 8 ( 0 . 2 0 ) 0 . 0 0 4 ( 0 . 1 0 ) 0 . 0 1 2 ( 0 . 3 0 ) t y p . 0 . 2 0 9 ( 5 . 3 0 ) 0 . 1 8 5 ( 4 . 7 0 ) 0 . 0 6 1 ( 1 . 5 5 ) 0 . 0 3 0 ( 0 . 7 5 ) 0 . 0 9 8 ( 2 . 5 0 ) 0 . 0 6 7 ( 1 . 7 0 )
qw -jb023 ra ting and characteristic cur ves (cdba1 150-hf thru. CDBA1200-HF) percent of rated peak reverse v oltage, (%) fig.5 - t ypical reverse characteristics forward v oltage, (v) fig.2 - t ypical forward characteristics reverse v oltage, (v) 0.01 fig.4 - t ypical junction capacitance 0 100 350 1 10 100 ambient t emperature, (c) fig.1 - t ypical forward current derating curve 0 0.6 0.8 comchip t echnology co., l td. page 2 rev : b 0 100 175 0.2 1.2 0.4 s m d s c h o t t k y b a r r i e r r e c t i f i e r s number of cycles at 60hz fig.3 - maximum non-repetitive forward 0 p a f r a d u g c u r e t , ) e k o w r s r e r n ( a 18 30 1 10 100 6 24 12 o t j =25 c 8.3ms single half sine wave, jedec method 25 50 75 150 125 1.0 0.1 50 200 150 300 250 a v e r a g e f o r w a r d c u r r e n t , ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) r e v e r s e l e a k a g e c u r r e n t , ( m a ) j u n c t i o n c a p a c i t a n c e , ( p f ) surge current 0 0.5 1.5 1.3 0.3 0.7 0.9 1.1 0.1 1.0 50 p u l s e w i d t h 3 0 0 u s 1 % d u t y c y c l e t = 2 5 j o c 10 140 80 60 120 0 0.1 10 100 20 0.01 40 100 t j = 1 2 5 c t j = 2 5 c 1.0
s m d s c h o t t k y b a r r i e r r e c t i f i e r s qw -jb023 comchip t echnology co., l td. page 3 rev : b b c d d d 2 d 1 s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 5 0 . 0 m i n . 1 3 . 5 0 0 . 5 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 1 0 1 2 . 0 0 . 3 0 1 8 . 4 1 . 0 0 3 3 0 2 . 0 0 0 . 0 5 9 0 . 0 0 4 1 2 . 9 9 0 . 0 7 9 0 . 5 3 1 0 . 0 2 0 s y m b o l ( m m ) ( i n c h ) 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 7 2 4 0 . 0 4 0 e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 0 6 9 0 . 0 0 4 5 . 5 0 0 . 1 0 0 . 2 1 7 0 . 0 0 4 2 . 7 0 0 . 1 0 0 . 1 0 6 0 . 0 0 4 5 . 3 0 0 . 1 0 0 . 2 0 9 0 . 0 0 4 2 . 6 6 0 . 1 0 0 . 1 0 5 0 . 0 0 4 0 . 6 0 0 . 1 0 0 . 0 2 4 0 . 0 0 4 t 0 . 4 7 2 0 . 0 1 2 ( s m a ) d o - 2 1 4 a c ( s m a ) d o - 2 1 4 a c reel t aping specification o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start t c direction of feed i n d e x h o l e d e f b w p p 0 p 1 a d 1 d 2 d w 1
qw -jb023 comchip t echnology co., l td. page 4 rev : b s m d s c h o t t k y b a r r i e r r e c t i f i e r s marking code suggested p ad layout size (inch) 0.157 (mm) 4.00 2.50 1.70 0.100 0.068 6.50 0.256 e 1.50 0.060 a b c d d o - 2 1 4 a c ( s m a ) part number cdba1 150-hf marking code marking code CDBA1200-HF sk1 15 sk120 a b c e d standard packaging c a s e t y p e 5 , 0 0 0 r e e l ( p c s ) reel size (inch) 1 3 r e e l p a c k d o - 2 1 4 a c ( s m a ) xxxxx = product type marking code x x x x x cathod band


▲Up To Search▲   

 
Price & Availability of CDBA1200-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X