Part Number Hot Search : 
XN06112 SA399 HT7963 MK23H2 AC180 5C6V2 OP599 BSX62
Product Description
Full Text Search
 

To Download BP5061-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100vac input/ ?5v (500ma) output non-isolated ac/dc converter bp5062a5 data sheet absolute maximum ratings input voltage output current esd endurance operating temperature range storage temperature range parameter symbol limits unit vi io vsurge topr tstg v mapk kv c c ?2 ?1 unit conditions v v ma v v vp-p % dc (80 to 137vac) vi=? 141v, io=500ma vi=?141v vi= ? 113v to ? 195v, io=500ma vi=? 141v, io=0 to 500ma vi=? 141v, io=500ma vi=? 141v, io=500ma ? 1 maximum output current varies depending on ambient temperature ; please refer to derating curve. ? 2 spike noise is not included in output ripple voltage. electrical characteristics input voltage range output voltage output current line regulation load regulation output ripple voltage power conversion efficiency parameter symbol typ. max. min. vi vo io vr vl vp ?141 ?5.0 ? 0.05 0.07 0.15 69 ?195 ?5.3 500 0.2 0.3 0.3 ? ?113 ?4.7 0 ? ? ? 60 conversion efficiency conversion efficiency 100 90 80 70 60 50 40 30 20 10 0 1000 200 500 400 300 (ta=25 c , vi= ? 141 v) output current io(ma) conversion efficiency (%) dimensions (unit : mm ) external component specifications fuse: fuse use a quick-acting fuse of 2.0a. rated voltage : more than 250v, capacity : 22 to 100 f c1: input capacitor resistance : 4.7 to 10 ? , power : more than 1/4w r1: noise removal resistor a varistor is required to protect against lightning surges and static electricity. znr: varistor please verify operation and characteristics in the customer's circuit before actual usage. ensure that the load current does not exceed the maximum rating. 21.5max. mark side 4 1.0 34.5max. 9.9max. 5.05max. 4.85max. 2.54 ? 11=27.94 1 3 5 7 8 10 12 0.5 0.1 p=5.08 0.2 1.3 0.2 0.250.05 3.3max derating curve derating curve operation range 600 500 400 300 200 100 0 0 10 -30 -20 -10 20 4030 80706050 90 ambient temperature ta( c ) output current io(ma) application circuit pin no. 1 2 3 4 5 6 7 8 9 10 11 12 function output terminal vo( ?5v) not used coil connect not used coil connect not used common common not used n.c. not used input terminal vi( ? 141vdc ) bp5062a5 please note that pin no.12 side is input. be sure to use fuse for safety. ?5v output input 470f/25v ac100v 220v 50hz/60hz 0.22f c2 fuse 2a 1 12 7810 5 3 + ? + ? 22f/200v c1 znr r1 4.7?1/4w d1 1sr139-400 c3 220h l1 c2: noise removal capacitor rated voltage : more than 16v, capacitance : 220 to 820 f low impedance type, esr : less than 0.25 ? rated ripple current : more than 0.4arms evaluate under actual conditions since it affects the output ripple voltage. c3: output capacitor rated voltage : more than 250v film or ceramic capacitor capacitance : 0.1 to 0.22 f inductance : 220 h, rated current : more than 1.3a l1: choke coil peak reverse voltage : more than 400v mean rectifying current : more than 1.0a peak forward surge current : more than 40a full-wave rectification can be used. d1: rectifier diode temperature rising ?t( c ) surface temperature increase surface temperature increase 1000 300 400 500 600 700 800 200 (ta=25 c , vi= ?141v) output current io(ma) load regulation load regulation 0 1 2 3 4 5 6 0 10 20 30 40 50 60 1000 200 300 400 500 600 700 800 (ta=25 c , vi= ? 141v) output current io(ma) output voltage vo(v) ?195 500 2 ?20 to +80 ?25 to +105 100vac input/ ?5vdc (350ma) output non-isolated ac/dc converter BP5061-5 data sheet absolute maximum ratings input voltage output current esd endurance operating temperature range storage temperature range parameter symbol limits unit vi io vsurge topr tstg ?180 350 2 ?25 to +80 ?25 to +105 v mapk kv c c unit ?2 ?1 conditions v v ma v v vp-p % dc (80 to 120vac) vi=? 141v, io=200ma vi=?141v vi= ? 113v to ? 180v, io=200ma vi=? 141v, io=0 to 200ma vi=? 141v, io=200ma vi=? 141v, io=350ma ? 1 maximum output current varies depending on ambient temperature ; please refer to derating curve. ? 2 spike noise is not included in output ripple voltage. electrical characteristics input voltage range output voltage output current line regulation load regulation output ripple voltage power conversion effciency parameter symbol typ. max. min. vi vo io vr vl vp ?141 ?5.0 ? 0.04 0.05 0.07 62.1 ?180 ?5.3 350 0.15 0.15 0.2 ? ?113 ?4.7 0 ? ? ? 50 conversion efficiency conversion efficiency 100 90 80 70 60 50 40 30 20 10 0 100 0 200 400 300 (ta=25 c , vi= ? 141 v) output current io(ma) conversion efficiency (%) dimensions (unit : mm ) external component specifications fuse: fuse use a quick-acting fuse of 1a capacitance : 33 to 100 f rated voltage : 200v or higher ripple current is 0.13arms or above. capacitance : 0.1 to 0.22 f rated voltage : 250v or higher use a film or ceramic capacitor. evaluate under actual operating conditions. c1: input smoothing capacitor c2: noise reduction resistor capacitance : 220 to 470 f rated voltage : 16v or higher, esr is 0.4? max. ripple current is 0.25arms or above. evaluate under actual operating conditions. c3: output smoothing capacitor in the absolute maximum ratings the reverse peak voltage should be 400v or higher, the average rectifying current should be 0.5a or higher, and the peak surge current should be 20a or higher. (full-wave rectification can be used.) d1: rectifier diode 10 to 22? 1/4w determine the ideal value through actual testing. r1: noise reduction resistor a varistor is required to protect against lightning surges and static electricity. znr: varistor please verify operation and characteristics in the customer's circuit before actual usage. ensure that the load current does not exceed the maximum rating. 19.5max. mark side 41.0 35.0max. 9.1max. 4.85max. 4.25max. 2.54?11=27.94 1 3 5 7 10 12 0.50.2 p=5.080.2 1.30.2 0.250.05 7.62 0.3 3.6max derating curve derating curve operation range 400 350 300 250 200 150 100 50 0 0 10 -30 -20 -10 20 4030 80706050 90 ambient temperature ta( c) output current io(ma) application circuit BP5061-5 please note that pin no.12 side is input. be sure to use fuse for safety. ?5v output input 220f/50v ac100v 220v 50hz/60hz 0.1f c2 fuse 1a 1 12 7 5 3 + ? + ? 33f/200v c1 znr r1 10?1/4w d1 1sr35-400 c3 470h l1 coil for switching regulator. the inductance should be 470 h, the rated direct current should be 0.9a or above in order to prevent overheating and abnormal oscillation. l1: choke coil temperature rising ?t( c ) surface temperature increase surface temperature increase 50 45 40 35 30 25 20 15 10 5 0 100500 200 250 300 350 400 150 (ta=25 c , vi= ?141v) output current io(ma) output current output current 5.3 5.2 5.1 5.0 4.9 4.8 4.7 500 100 150 200 250 300 350 400 (ta=25 c , vi= ? 141v) output current io(ma) output voltage vo(v) pin no. 1 2 3 4 5 6 7 8 9 10 11 12 function output terminal vo( ?5v) not used coil connect not used coil connect not used common not used not used n.c. not used input voltage vi( ? 141vdc ) 1/1 2010.01 - rev.a www.rohm.com ?2010 rohm co., ltd. all rights reserved.


r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BP5061-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X