Part Number Hot Search : 
A4UOABAU BTLV3 17435E BR808 BD101 1N825 SFH6156 3S250E
Product Description
Full Text Search
 

To Download 2N7002ZWG-AL3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 2n7002zw power mosfet www.unisonic.com.tw 1 of 3 copyright ? 2012 unisonic technologies co., ltd qw-r502-539.c 300m a , 60v dual n-channel enhancement mode mosfet ? description the utc 2n7002zw uses advanced technology to provide excellent r ds(on) , low gate charge and low gate voltages during operation. this device is suitable fo r use as a load switch or in pwm applications. ? features * low reverse transfer capacitance (c rss = typical 3.0 pf) * esd protected * fast switching capability * avalanche energy specified * improved dv/dt capability, high ruggedness ? symbol 2.gate 1.sourc e 3.drai n ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 2n7002zwl-al3-r 2N7002ZWG-AL3-R sot-323 s g d tape reel ? marking
2n7002zw power mosfet unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r502-539.c ? absolute maximum ratings (t a = 25 c, unless otherwise specified.) parameter symbol ratings unit drain-source voltage v dss 60 v gate-source voltage v gss 20 v drain current continuous i d 300 ma pulse(note 2) 800 power dissipation p d 200 mw derating above t a =25c 1.6 mw/c junction temperature t j +150 c storage temperature t stg -55 ~ +150 c note: absolute maximum ratings are those values beyo nd which the device could be permanently damaged. absolute maximum ratings are stress ratings only an d functional device operat ion is not implied. ? electrical characteristics (t a =25c, unless otherwise specified.) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v, i d =10a 60 v drain-source leakage current i dss v ds =60v, v gs =0v 1.0 a gate-source leakage current i gss v ds =0v, v gs =20v 10 a on characteristics gate threshold voltage v gs ( th ) v ds =10v, i d =1ma 1.0 1.85 2.5 v static drain-source on-resistance (note) r ds(on) v gs =10v, i d =0.3a, t j =125c 13.5 ? v gs =5v, i d =0.05a 7.5 dynamic parameters input capacitance c iss v ds =25v, v gs =0v, f=1.0mhz 25 50 pf output capacitance c oss 10 25 pf reverse transfer capacitance c rss 3.0 5.0 pf switching parameters turn-on delay time t d ( on ) i d =0.2 a, v dd =30v, v gs =10v, r l =150 ? , r g =10 ? 12 20 ns turn-off delay time t d ( off ) 20 30 ns drain-source diode characteristics and maximum ratings drain-source diode forward voltage v sd v gs =0v, is=300ma (note ) 0.88 1.5 v maximum pulsed drain-source diode forward current i sm 0.8 a maximum continuous drain-source diode forward current is 300 ma note: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch. minimum land pad size. 2. pulse width Q 300 s, duty cycle Q 1%
2n7002zw power mosfet unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r502-539.c ? test circuits and waveforms switching test circuit switching waveforms utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior writ ten consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 2N7002ZWG-AL3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X