91 notes: capacitors with x7r dielectrics are not intended for applications across ac supply mains or ac line filtering with polar ity reversal. contact plant for recommendations. contact factory for availability of termination and tolerance options for specific part numbers. *** avx offers nonstandard chip sizes. contact factory for details. high voltage mlc chips flexiterm ? for 600v to 3000v applications how to order size 0805 1206 1210* 1808* 1812* 1825* 2220* 2225* (l) length 2.01 0.20 3.20 0.20 3.20 0.20 4.57 0.25 4.50 0.30 4.50 0.30 5.7 0.40 5.72 0.25 (0.079 0.008) (0.126 0.008) (0.126 0.008) (0.180 0.010) (0.177 0.012) (0.177 0.012) (0.224 0.016) (0.225 0.010) (w) width 1.25 0.20 1.60 0.20 2.50 0.20 2.03 0.25 3.20 0.20 6.40 0.30 5.0 0.40 6.35 0.25 (0.049 0.008) (0.063 0.008) (0.098 0.008) (0.080 0.010) (0.126 0.008) (0.252 0.012) (0.197 0.016) (0.250 0.010) (t) thickness 1.30 1.52 1.70 2.03 2.54 2.54 3.30 2.54 max. (0.051) (0.060) (0.067) (0.080) (0.100) (0.100) (0.130) (0.100) (t) terminal min. 0.50 0.25 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) 0.25 (0.010) max. (0.020 0.010) 0.75 (0.030) 0.75 (0.030) 1.02 (0.040) 1.02 (0.040) 1.02 (0.040) 1.02 (0.040) 1.02 (0.040) high value, low leakage and small size are difficult parameters to obtain in capacitors for high voltage systems. avx special high voltage mlc chips capacitors meet these performance characteristics and are designed for applications such as snubbers in high frequency power converters, resonators in smps, and high voltage coupling/dc blocking. these high voltage chip designs exhibit low esrs at high frequencies. to make high voltage chips, larger physical sizes than are normally encountered are necessary. these larger sizes require that special pre- cautions be taken in applying these chips in surface mount assemblies. in response to this, and to follow from the success of the flexiterm ? range of low voltage parts, avx is delighted to offer a flexiterm ? high voltage range of capacitors, flexiterm ? . the flexiterm ? layer is designed to enhance the mechanical flexure and temperature cycling performance of a standard ceramic capacitor, giving customers a solution where board flexure or temperature cycle damage are concerns. *reflow soldering only w l t t 1808 avx style 0805 1206 1210 1808 1812 1825 2220 2225 *** a voltage 600v/630v = c 1000v = a 1500v = s 2000v = g 2500v = w 3000v = h c temperature coefficient c0g = a x7r = c 272 capacitance code (2 significant digits + no. of zeros) examples: 10 pf = 100 100 pf = 101 1,000 pf = 102 22,000 pf = 223 220,000 pf = 224 1 f = 105 k capacitance tolerance c0g: j = 5% k = 10% m = 20% x7r: k = 10% m = 20% z = +80%, -20% a test level z termination* z = flexiterm ? 100% tin (rohs compliant) 1 packaging 1 = 7" reel 3 = 13" reel 9 = bulk a special code a = standard dimensions millimeters (inches)
92 voltage 0805 1206 1210 1808 1812 1825 2220 2225 600/630 min. 10pf 10 pf 100 pf 100 pf 100 pf 1000 pf 1000 pf 1000 pf max. 330pf 1200 pf 2700 pf 3300 pf 5600 pf 0.012 f 0.012 f 0.018 f min. 10pf 10 pf 10 pf 100 pf 100 pf 100 pf 1000 pf 1000 pf 1000 max. 180pf 560 pf 1500 pf 2200 pf 3300 pf 8200 pf 0.010 f 0.010 f min. 10 pf 10 pf 10 pf 10 pf 100 pf 100 pf 100 pf 1500 max. 270 pf 680 pf 820 pf 1800 pf 4700 pf 4700 pf 5600 pf min. 10 pf 10 pf 10 pf 10 pf 100 pf 100 pf 100 pf 2000 max. 120 pf 270 pf 330 pf 1000 pf 1800 pf 2200 pf 2700 pf min. 10 pf 10 pf 10 pf 100 pf 100 pf 2500 max. 180 pf 470 pf 1200 pf 1500 pf 1800 pf min. 10 pf 10 pf 10 pf 10 pf 10 pf 3000 max. 120 pf 330 pf 820 pf 1000 pf 1200 pf min. 10 pf 10 pf 10 pf 10 pf 10 pf 4000 max. 47 pf 150 pf 330 pf 470 pf 560 pf min. 10 pf 10 pf 5000 max. 220 pf 270 pf high voltage c0g capacitance values high voltage x7r maximum capacitance values x7r dielectric performance characteristics capacitance range 10 pf to 0.018 f (25c, 1.0 0.2 vrms at 1khz, for 1000 pf use 1 mhz) capacitance tolerances 5%, 10%, 20% dissipation factor 0.1% max. (+25c, 1.0 0.2 vrms, 1khz, for 1000 pf use 1 mhz) operating temperature range -55c to +125c temperature characteristic 0 30 ppm/c (0 vdc) voltage ratings 600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 vdc (+125c) insulation resistance (+25c, at 500 vdc) 100k m min. or 1000 m - f min., whichever is less insulation resistance (+125c, at 500 vdc) 10k m min. or 100 m - f min., whichever is less dielectric strength minimum 120% rated voltage for 5 seconds at 50 ma max. current capacitance range 10 pf to 0.33 f (25c, 1.0 0.2 vrms at 1khz) capacitance tolerances 10%; 20%; +80%, -20% dissipation factor 2.5% max. (+25c, 1.0 0.2 vrms, 1khz) operating temperature range -55c to +125c temperature characteristic 15% (0 vdc) voltage ratings 600, 630, 1000, 1500, 2000, 2500, 3000, 4000 & 5000 vdc (+125c) insulation resistance (+25c, at 500 vdc) 100k m min. or 1000 m - f min., whichever is less insulation resistance (+125c, at 500 vdc) 10k m min. or 100 m - f min., whichever is less dielectric strength minimum 120% rated voltage for 5 seconds at 50 ma max. current high voltage mlc chips flexiterm ? for 600v to 5000v applications voltage 0805 1206 1210 1808 1812 1825 2220 2225 600/630 min. 100pf 1000 pf 1000 pf 1000 pf 1000 pf 0.010 f 0.010 f 0.010 f max. 6800pf 0.022 f 0.056 f 0.068 f 0.120 f 0.270 f 0.270 f 0.330 f min. 100pf 100 pf 1000 pf 1000 pf 1000 pf 1000 pf 1000 pf 1000 pf 1000 max. 1500pf 6800 pf 0.015 f 0.018 f 0.039 f 0.100 f 0.120 f 0.150 f min. 100 pf 100 pf 100 pf 100 pf 1000 pf 1000 pf 1000 pf 1500 max. 2700 pf 5600 pf 6800 pf 0.015 f 0.056 f 0.056 f 0.068 f min. 10 pf 100 pf 100 pf 100 pf 100 pf 1000 pf 1000 pf 2000 max. 1500 pf 3300 pf 2300 pf 8200 pf 0.022 f 0.027 f 0.033 f min. 10 pf 10 pf 100 pf 100 pf 100 pf 2500 max. 2200 pf 5600 pf 0.015 f 0.018 f 0.022 f min. 10 pf 10 pf 100 pf 100 pf 100 pf 3000 max. 1800 pf 2200 pf 0.010 pf 0.012 f 0.015 f c0g dielectric performance characteristics
|