Part Number Hot Search : 
MAX354 M41T81S PE4512 A106R XN5601 TM128 G1402P1T NTE5496
Product Description
Full Text Search
 

To Download 1N4148WSQ-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4148ws / bav16ws document number: ds30097 rev. 20 - 2 1 of 4 www.diodes.com march 2012 ? diodes incorporated 1n4148ws / bav16ws surface mount fast switching diode features ? fast switching speed ? small surface mount package ? for general purpose switching applications ? lead free by design/rohs compliant (note 1) ? halogen and antimony free "green" device (notes 2 & 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sod323 ? case material: molded plas tic, ?green? molding compound (notes 2 & 3). ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over alloy 42 leadframe (lead free plating). solderable per mil-std-202, method 208 ? polarity: cathode band ? weight: 0.006 grams (approximate) ordering information (notes 4 & 5) part number qualification case packaging 1n4148ws-7-f commercial sod323 3,000/tape & reel 1N4148WSQ-7-F automotive sod323 3,000/tape & reel 1n4148ws-13-f commercial sod323 10,000/tape & reel bav16ws-7-f commercial sod323 3,000/tape & reel notes: 1. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. no purposely added lead. 2. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 3. diodes inc.'s "green" policy can be found on our website at http://www.diodes.com. 4. product manufactured with date code ow (week 42, 2009) and newer are built with green molding compound. product manufactured prior to date code ow are built with non-green molding compound and may contain halogens or sb 2 o 3 fire retardants. 5. for packaging details, go to our website at http://www.diodes.com. marking information top view sod323 xx = product type marking code, t4 or t6 xx
1n4148ws / bav16ws document number: ds30097 rev. 20 - 2 2 of 4 www.diodes.com march 2012 ? diodes incorporated 1n4148ws / bav16ws maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit non-repetitive peak reverse voltage (note 7) v rm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 75 v rms reverse voltage v r ( rms ) 53 v forward continuous current i fm 300 ma average rectified output current i o 150 ma non-repetitive peak forward surge current @ t = 1.0 s @ t = 1.0s i fsm 2.0 1.0 a thermal characteristics characteristic symbol value unit power dissipation (note 6) p d 200 mw thermal resistance junction to ambient air (note 6) r ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 7) v ( br ) r 75 ? v i r = 1.0 a forward voltage v fm ? 0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma peak reverse current (note 7) i rm ? 1.0 50 30 25 a a a na v r = 75v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v total capacitance c t ? 2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 notes: 6. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website http://www.diodes.com. 7. short duration pulse test used to minimize self-heating effect. 0 100 0 25 50 75 125 100 150 p , p o we r dissi p a t i o n (mw) d t , ambient temperature ( c) fig. 1 power derating curve a 300 200 note 6 250 150 50 0.1 1 0.01 0.001 01 . 5 1.0 0.5 i, ins t an t ane o u s f o r wa r d c u r r en t (a) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f
1n4148ws / bav16ws document number: ds30097 rev. 20 - 2 3 of 4 www.diodes.com march 2012 ? diodes incorporated 1n4148ws / bav16ws 0.1 1 10 100 1,000 10,000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) fig. 3 typical reverse characteristics r i, i n s t a n t a n e o u s r eve r se c u r r e n t (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 150oc a t = 0oc a 0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2.0 0 10 20 40 30 c , t o t al c a p a c i t a n c e (p f ) t v , dc reverse voltage (v) fig. 4 typical total capacitance vs. reverse voltage r 11 01 0 0 fig. 5 maximum non-repetitive surge current 1 10 number of cycles i fsm 8.3ms 8.3ms 1 cyc i, f o r wa r d s u r g e c u r r e n t (a) fsm fig. 6 maximum non-repetitive surge current 1 10 0.1 1 10 100 pulse width (ms) i, f o r wa r d su r g e c u r r ent (a) fsm i fsm t package outline dimensions sod323 dim min max a 0.25 0.35 b 1.20 1.40 c 2.30 2.70 h 1.60 1.80 j 0.00 0.10 k 1.0 1.1 l 0.20 0.40 m 0.10 0.15 0 8 all dimensions in mm k l m j c h b a
1n4148ws / bav16ws document number: ds30097 rev. 20 - 2 4 of 4 www.diodes.com march 2012 ? diodes incorporated 1n4148ws / bav16ws suggested pad layout important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com dimensions value (in mm) z 3.75 g 1.05 x 0.65 y 1.35 c 2.40 z x c g y


▲Up To Search▲   

 
Price & Availability of 1N4148WSQ-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X