Part Number Hot Search : 
74F299SC C10100 DL4752A TDA4851 120FC S1300 2460LW 73120
Product Description
Full Text Search
 

To Download 0402TF5N9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com smd thin film (ceramic) chip inductors? 0402tf series smd thin film chip inductor: p/n 0402tf-series rev. c july. 05, 2008. page: 1 of 7 a. electrical specifications: part no. l (nh) tolerance (% or nh) q (min) srf (min) (ghz) dcr ( ) (max) i rms. (ma) 0402tfn20 0.2 b, c, s 13/500mhz 14 0.10 800 0402tfn40 0.4 b, c, s 13/500mhz 14 0.10 800 0402tfn80 0.8 b, c, s 13/500mhz 14 0.15 700 0402tf1n0 1.0 b, c, s 13/500mhz 12 0.15 700 0402tf1n2 1.2 b, c, s 13/500mhz 12 0.15 700 0402tf1n5 1.5 b, c, s 13/500mhz 10 0.25 700 0402tf1n6 1.6 b, c, s 13/500mhz 10 0.25 560 0402tf1n6 1.8 b, c, s 13/500mhz 10 0.25 560 0402tf2n0 2.0 b, c, s 13/500mhz 8.0 0.35 560 0402tf2n2 2.2 b, c, s 13/500mhz 8.0 0.35 440 0402tf2n5 2.5 b, c, s 13/500mhz 8.0 0.35 440 0402tf2n7 2.7 b, c, s 13/500mhz 8.0 0.35 440 0402tf3n1 3.1 b, c, s 13/500mhz 6.0 0.45 380 0402tf3n3 3.3 b, c, s 13/500mhz 6.0 0.45 380 0402tf3n6 3.6 b, c, s 13/500mhz 6.0 0.55 380 0402tf3n9 3.9 b, c, s 13/500mhz 6.0 0.55 340 0402tf4n7 4.7 b, c, s 13/500mhz 6.0 0.65 320 0402tf5n6 5.6 b, c, s 13/500mhz 6.0 0.85 280 0402TF5N9 5.9 b, c, s 13/500mhz 6.0 0.85 280 0402tf6n8 6.8 b, c, s 13/500mhz 6.0. 1.05 260 0402tf7n2 7.2 b, c, s 13/500mhz 6.0 1.05 260 0402tf8n0 8.0 b, c, s 13/500mhz 5.5 1.25 220 0402tf8n2 8.2 b, c, s 13/500mhz 5.5 1.25 220 0402tf9n1 9.1 b, c, s 13/500mhz 5.5 1.25 220 0402tf10n 10.0 j, h, g, f 13/500mhz 4.5 1.35 200 0402tf12n 12.0 j, h, g, f 13/500mhz 3.7 1.55 180 0402tf13n8 13.8 j, h, g, f 13/500mhz 3.7 1.75 180 0402tf15n 15.0 j, h, g, f 13/500mhz 3.3 1.75 130 0402tf17n 17.0 j, h, g, f 13/500mhz 3.1 1.95 100 0402tf18n 18.0 j, h, g, f 13/500mhz 3.1 2.15 100 0402tf20n8 20.8 j, h, g, f 13/500mhz 2.8 2.55 90 0402tf22n 22.0 j, h, g, f 13/500mhz 2.8 2.65 90 0402tf27n 27.0 j, h, g, f 13/500mhz 2.5 3.25 75 0402tf33n 33.0 j 13/500mhz 2.5 4.50 75 parts are rohs compliant.
frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com smd thin film (ceramic) chip inductors? 0402tf series smd thin film chip inductor: p/n 0402tf-series rev. c july. 05, 2008. page: 2 of 7 b. mechanical dimensions: (unit: mm) series a b c d 0402tf 1.0 0.05 0.5 0.05 0.32 0.05 0.20 0.10 c. part number: d. general information: 1. tolerance: j: 5%, h: 3%, g: 2%, f: 1%. and b: 0.1nh, c: 0.2nh, s: 0.3nh. 2. a photo lithographic single layer ceramic chip. 3. high srf, excellent q, superior temperature stability 4. tight tolerance of 1% or 0.1nh 5. stable inductance in high frequency circuit 6. for 15oc temperature rise at 25oc ambient. 7. inductance & q measured using the hp4286a and agilent 16196b. 8. srf measured using the hp8720d or hp8753e. 9. dcr measured using the 502bc. 10. operating temperature: -40 c to +125oc. 11. storage temperature: 25oc 3oc; humidity < 80%rh 12. inductance range: ? 0402tf (thin film) series: 0.20nh (800ma) 33.0nh(75ma). srf from 14ghz to 2.5ghz. 13. rohs compliant. d. applications: ? cellular-phone, pagers and gps products. ? vco, tcxo circuit and rf transceiver module. ? wireless lan, bluetooth module, communication appliances hybrid. special specifications are available for customer?s requirement.
frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com smd thin film (ceramic) chip inductors? 0402tf series smd thin film chip inductor: p/n 0402tf-series rev. c july. 05, 2008. page: 3 of 7 e. characteristic curve: 0402tfn80b 0402tf1n0b 0402tf1n5b 0402tf1n2b 0402tf1n6b 0402tfn20b 0402tfn40b 0402tf1n8b
frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com smd thin film (ceramic) chip inductors? 0402tf series smd thin film chip inductor: p/n 0402tf-series rev. c july. 05, 2008. page: 4 of 7 e. characteristic curve: 0402tf2n5b / 0402tf2n7b 0402tf3n1b 0402tf3n3b 0402tf3n9b 0402tf3n6b 0402tf4n7b 0402tf2n2b 0402tf2n0b
frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com smd thin film (ceramic) chip inductors? 0402tf series smd thin film chip inductor: p/n 0402tf-series rev. c july. 05, 2008. page: 5 of 7 e. characteristic curve: 0402tf6n8b 0402tf7n2b 0402tf8n0b 0402tf9n1b 0402tf8n2b 0402tf10ng 0402TF5N9b 0402tf5n6b
frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com smd thin film (ceramic) chip inductors? 0402tf series smd thin film chip inductor: p/n 0402tf-series rev. c july. 05, 2008. page: 6 of 7 e. characteristic curve: 0402tf15ng 0402tf17ng 0402tf18ng 0402tf22ng 0402tf20n8g 0402tf27ng 0402tf12ng 0402tf13n8g 0402tf33nj
frontier electronics corp. 667 e. cochran street, simi valley, ca 93065 tel: (805) 522-9998 fax: (805) 522-9989 e-mail: frontiersales@frontierusa.com web: http://www.frontierusa.com smd thin film (ceramic) chip inductors? 0402tf series smd thin film chip inductor: p/n 0402tf-series rev. c july. 05, 2008. page: 7 of 7 f. reel specification: a b c w t quantity 178 1 60 1.0 13.5 0.70 9.5 1.0 11.5 1.0 10,000 pcs g. paper tape specification: a b w e f po p1 p2 do t 0.70 0.05 1.16 0.05 8.00 0.10 1.75 0.05 3.50 0.05 4.00 0.10 2.00 0.05 2.00 0.05 1.55 0.05 0.40 0.03 h. environmental characteristics: ta p e & reel stora g e tem p erature: 25oc 3oc , humidit y : < 80% rh. item specification test method jis-c-5202-6.1.4 1 bending test as spec. bending amplitude 3mm for 10 seconds mil-std-202f method 301. 2 dielectric withstand voltage >100v apply 100va (rms) for 1minute. mil-std-202f method 302 3 insulation resistance >1000m ? apply 100vdc for 1minute. mil-std-202f method 210e 4 resistance to soldering heat Q 10% 260oc 5oc, 101seconds jis-c-5202-7.2 5 high temperature exposure Q 10% 85oc 2oc, 1000 +48/-0 hours mil-std-202f method 103b 6 moisture resistance Q 10% 40oc 2oc, 90~95%rh, 1000 +48/-0 hours jis-c-5202-7.1 7 low temperature storage Q 10% -40oc 3oc, 1000 +48/-0 hours jis-c-5202-7.4 8 temperature cycle Q 10% -40/rt/85/rt, 10 cycles mil-std-202f method 208h 9 solder-ability 95% min coverage 245oc 5oc, 2 0.5(sec)


▲Up To Search▲   

 
Price & Availability of 0402TF5N9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X