Part Number Hot Search : 
SP38F6 2SC4484 SMART SKIIP2 TLP3114 MW7IC EPM240F RJP30E
Product Description
Full Text Search
 

To Download UF5404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf5401 thru uf5407 do-201ad outline dimensions do-201ad axial lead ultra fast rectifiers unit:mm weitron http://www.weitron.com.tw le a d( p b)- f r ee p b 25.40 7.30 9.50 1.20 1.30 4.80 5.60 do-201ad 1/3 05-mar-09 reverse v ol t age 100 t o 800 v ol ts for w ard current 5 .0 ampere features: *low forward voltage drop *high current capability *high reliability *high surge current capability *high speed switching *case: molded plastic *epoxy: ul 94v-0 rate ame retardant *lead: axial leads, solderable per *mil-std-202, method 208 guranteed *polarity: color band denotes cathode en *mounting position: any *weight: 1.10grams mechanical data:
maximum rating characteristic m aximum r ecu r r e n t p eak r e v erse v oltage m aximum a v e r age f o r w a r d r e c c u r r e n t see fig.1 p eak f o r w a r d su r ge c u r r e n t 8.3 ms single half sin e - w a v e supe r imposed on r a t ed load ( jedec method) ope r a ting jun c tion t empe r a tu r e r ange v rrm i f ( a v ) i fsm t j t rr unit v v v 3.0 150 -55 t o +150 -55 t o +150 a a c characteristic electrical characteristic m aximum i nsta n taneous r e v erse c u r r e n t r a t ed dc bloc k ing v oltag e , t a =25c r a t ed dc bloc k in g , t a =100c m aximum i nstan a tneous f o r w a r d v oltage i f =5.0a symbol unit v f i r 1.0 1.7 1.3 1.5 v u a 10.0 300 symbol weitron uf5401 uf5402 uf5403 UF5404 uf5405 uf5406 uf5407 uf5401 uf5402 uf5403 UF5404 uf5405 uf5406 uf5407 http://ww w .weitron.com.tw uf5401 thru uf5407 2/3 05-mar-09 100 200 300 400 500 600 800 100 200 300 400 500 600 800 70 140 210 280 350 420 560 s t o r age jun c tion t empe r a tu r e r ange maximum reverse recovery time t s t g c thermal resistance r ja 60 50 75 c/w diode jun c tion c apacitan c e f=1mhz and applied 4v dc reverse voltage c j 75 pf ns m aximum dc bloc k ing v oltage rms r e v erse v oltage v r vr (rms) 1 no t es 1. r e v erse r e c o v e r y t ime t est c ondition: if=3a, ir=1.0a, irr=0.25a
weitron weitron http://ww w .weitron.com.tw uf5401 thru uf5407 3/3 05-mar-09 ratingand characteristic curves fig. 1 - forward current derating curve fig. 2 - peak forward surge current fig. 3 - typical forward characteristics fig.4 - typical reverse leakage characteristics 2 5 0 1. 0 2. 0 3. 0 4. 0 5. 0 6. 0 5 0 7 5 10 0 12 5 15 0 17 5 singl e phas e hal f w a v e 60h z resistiv e o r inductiv e loa d .375 " lea d length s 100 0 20 0 18 0 15 0 21 0 10 0 12 0 9 0 6 0 5 0 1 0 3 0 5 1 0 1 0 1 . 0 0 . 1 . 0 1 0. 4 0 . 6 0. 8 1. 0 1. 2 1 . 4 t = 2 5 c a o 1. 6 1 . 8 400 v 5 00 - 6 0 0 v 800 v 100-300 v ins t an t aneou s fo r w ar d vo lt age,vo l t s t n e r r u c d r a w r o f s u o e n a t n a t s n i s e r e p m a ambien t temper a ture , c o s e r e p m a , t n e r r u c d r a w r o f e g a r e v a no . o f cycle s a t 60h z s e r e p m a , t n e r r u c e g r u s d r a w r o f percen t o f pea k rever e vo lt age, % a u , t n e r r u c e s r e v e r s u o e n a t n a t s n i 10 0 1. 0 0.0 1 2 0 4 0 6 0 8 0 10 0 12 0 14 0 0. 1 0 1 0 t =2 5 c j o t =7 5 c j o t =12 5 c j o


▲Up To Search▲   

 
Price & Availability of UF5404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X