Part Number Hot Search : 
MC79M00 MLX902 2SK1449 4743A 24100 BL05A XXXBCP 62304AF
Product Description
Full Text Search
 

To Download TMCSE0G686 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  136 t antalum electrolytic capacitors hitachi aic inc. tmcs test conditions jis c5101-1:1998 operating temperature range ?5? ~ +125? rated voltage dc4 ~ 35v 85? surge voltage dc5 ~ 45v 85? derated voltage dc2.5 ~ 22v 125? capacitance 0.1 ~ 68? capacitance tolerance ?0% or 20% paragraph 4.7, 120 hz leakage current tan paragraph 4.8, 120hz paragraph 4.26 thermal shock failure rate 1%/1000hours specified initial value ?5 85 125 c/c ? 10 ~ 0% 0 ~ +10% 0 ~ +12% tan 0.04 0.04 0.05 0.05 value shown table 0.06 0.06 0.07 0.07 or less lc 0.01cv 0.1cv 0.125cv or or or 0.5? or less 5? or less 6.25? or less (standard tantalum chip capacitors) features ?the product is a standard type that has been most widely used among tantalum chip capacitors. the product has high solder heat resistance and is suitable for automatic mounting. ?the product is provided with both excellent frequency characteristic and excellent impedance characteristics. product symbol : (example) tmcs series a case 16v 1 f 20% terminal code packing polarity code packing method code (t:carrier tape) capacitance tolerance code(m : 20%) capacitance code rated voltage code case size code tmcs a 1c 105 m t r f type of series outline of drawings and dimensions anode indication belt mark e case a, b, c case a l h w a a w case code case size l ?.2 w ?.2 h ?.2 r ?.3 a ?.2 a 3.2 1.6 1.6 0.7 1.2 b 3.5 2.8 1.9 0.8 2.2 c 5.8 3.2 2.5 1.3 2.2 e 7.3 4.3 ?.3 2.8 1.3 2.4 dimensions (unit: mm) 0.1 ~ 1.0 0.04 or less 1.5 ~ 68 0.06 or less c/c 5% or less tan specified initial value or less lc specified initial value or less 0.01 cv or 0.5?, whichever is larger or less paragraph 4.9, in 5 minutes after the rated voltage is applied. c/c 5% or less tan specified initial value or less lc specified initial value or less c/c 5% or less tan specified initial value or less lc specified initial value or less c/c 10% or less tan specified initial value or less lc 125% specified initial value or less c/c 5% or less tan specified initial value or less lc specified initial value or less c/c 10% or less tan 150% specified initial value or less lc 125% specified initial value or less product specifications paragraph 4.24 solder dip 260?? a,b case c,e case 10? sec. 5?.5 sec. reflow?60? 10? sec. paragraph 4.22, 40? 90 ~ 95%rh,500hours leave at -55?, normal temperature, 125?, and normal temperature for 30 min., 3 min., 30 min., and 3 min. repeat this operation 20 times running. 40?, humidity 90 to 95%rh the rated voltage is applied for 500 hours. paragraph 4.23, 85? the rated voltage is applied for 2000 hours. 85?. the rated voltage is applied (through a protective resistor of 1 ? /v). tmcs series rated voltage (v.dc) capitance f 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 code 104 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 4 0g a b c e 7 0j a b c e 10 1a a b c e 16 1c a b c e 20 1d a b c e 25 1e a b c e 35 1v a a a a b b b c c c e e standard value and case size surge withstanding voltage temperature characteristics solder heat resistance moisture resistance no load high-temperature load moisture resistance load t5ijtdbubmphjteftjhofegpsqspwjejohhfofsbmjogpsnbujpo1m fbtfjorvjsf pgpvs4bmft%fqbsunfouupdpogjsntqfdjgjdbujpotqsjpsupvtf
137 hitachi aic inc. t antalum electrolytic capacitors rated voltage capacitance tan leakage current case product name v.dc ? ? code 4 3.3 0.06 0.5 a tmcsa0g335 10 0.06 0.5 b tmcsb0g106 33 0.06 1.3 c tmcsc0g336 68 0.06 2.7 e TMCSE0G686 7 2.2 0.06 0.5 a tmcsa0j225 6.8 0.06 0.5 b tmcsb0j685 22 0.06 1.5 c tmcsc0j226 47 0.06 3.3 e tmcse0j476 10 1.5 0.06 0.5 a tmcsa1a155 4.7 0.06 0.5 b tmcsb1a475 15 0.06 1.5 c tmcsc1a156 33 0.06 3.3 e tmcse1a336 16 1.0 0.04 0.5 a tmcsa1c105 3.3 0.06 0.5 b tmcsb1c335 10 0.06 1.6 c tmcsc1c106 22 0.06 3.5 e tmcse1c226 20 0.68 0.04 0.5 a tmcsa1d684 2.2 0.06 0.5 b tmcsb1d225 6.8 0.06 1.4 c tmcsc1d685 15 0.06 3.0 e tmcse1d156 25 0.47 0.04 0.5 a tmcsa1e474 1.5 0.06 0.5 b tmcsb1e155 4.7 0.06 1.2 c tmcsc1e475 10 0.06 2.5 e tmcse1e106 35 0.1 0.04 0.5 a tmcsa1v104 0.15 0.04 0.5 a tmcsa1v154 0.22 0.04 0.5 a tmcsa1v224 0.33 0.04 0.5 a tmcsa1v334 0.47 0.04 0.5 b tmcsb1v474 0.68 0.04 0.5 b tmcsb1v684 1.0 0.04 0.5 b tmcsb1v105 1.5 0.06 0.5 c tmcsc1v155 2.2 0.06 0.8 c tmcsc1v225 3.3 0.06 1.2 c tmcsc1v335 4.7 0.06 1.6 e tmcse1v475 6.8 0.06 2.4 e tmcse1v685 standard product table - tmcs series standard product tables - tmcs series marking indication tmcs series a, b case c, e case a7 a ? anode indication belt mark ? lot indication (a:for manufacturing in january, 2009) ? simplified code of nominal capacitance (a7 : 10 f) ? anode indication belt mark ? rated voltage (16v) ? nominal capacitance volue (10 f) 10 16 a ? lot indication (a:for manufacturing in january, 2009) ? ? ? ? ? ? ?   " # $ % & ' ( ) + , - .  / 1 2 3 4 5 6 7 8 9 : ;  b c d e f g h i k l m n  o q r s t u v w x y z [ lot indication .poui :fbs


▲Up To Search▲   

 
Price & Availability of TMCSE0G686

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X