Part Number Hot Search : 
10C80 MS3106 UPC3205 CA3260E 1N6278A 9899P AC180 TT6061BS
Product Description
Full Text Search
 

To Download T493B227J006CK6430 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 22 ? standard cases sizes a - x per eia535baac ? termination finishes offered per mil-prf-55365: gold plated, hot solder dipped, solder plated, solder fused , 100% tin ? weibull grading available: b (0.1%/1000hrs) and c (0.01%/1000hrs) ? surge current testing available per mil-prf-55365: 10 cycles @ +25c; 10 cycles @ -55c and +85c ? standard and low esr options ? operating temperature range: -55c to +125c ? capacitance: 0.1 to 330f ? voltage: 4 to 50 volts case size 0.20 0.1 0.3 b 0.15 kemet eia/iecq l w h k (.008) f (.004) s (.012) (ref) .006 x(ref) t(ref) a(min) g(ref) e(ref) a 3216-18 3.2 0.2 1.6 0.2 1.6 0.2 1.2 0.8 0.4 0.10 0.10 0.13 1.1 1.3 (.126 .008) (.063 .008) (.063 .008) (.035) (.047) (.031) (.016) (.004 .004) (.005) (.043) (.051) b 3528-21 3.5 0.2 2.8 0.2 1.9 0.2 1.1 2.2 0.8 0.4 0.10 0.10 0.13 1.8 2.2 (.138 .008) (.110 .008) (.075 .008) (.043) (.087) (.031) (.016) (.005) (.071) (.087) c 6032-28 6.0 0.3 3.2 0.3 2.5 0.3 1.4 2.2 1.3 0.5 0.10 0.10 0.13 2.8 2.4 (.236 .012) (.126 .012) (.098 .012) (.055) (.087) (.051) (.020) (.004 .004) (.005) (.110) (.094) d 7343-31 7.3 0.3 4.3 0.3 2.8 0.3 1.5 2.4 0.5 0.13 3.8 3.5 3.5 (.287 .012) (.169 .012) (.110 .012) (.059) (.094) (.051) (.020) (.004 .004) (.005) (.150) (.138) (.138) x 7343-43 7.3 0.3 4.3 0.3 4.0 0.3 2.3 2.4 1.3 0.5 0.10 0.10 0.13 3.8 (.287 .01 2) (.169 .012) (.157 .012) (.091) (.094) (.020) (.004 .004) (.005) (.150) (.138) (.138) dimensions - millimeters (inches) outline drawing    
      
           
 

    
    features notes: 1. metric dimensions govern. 2. (ref) - dimensions provided for reference only. (.051) 1.4 (.055) 1.3 (.004 .004) 2.1 0.9 (.083) (.122) 0.10 0.10 3.1 3.5 3.5 features outline drawing dimensions- millimeters (inches) component marking         !
" #  $% &
' 
 &
" ( $ 
    & )* 
 + %# , - . /  %#  )* 0+12 , +1  )*
' .33 component marking solid tantalum chip capacitors t493 seriesmilitary cots 515 515 = 15th week of 2005 kemet eia a 3216-18 3.2 0.2 (.126 .008) 1.6 0.2 (.063 .008) 1.6 0.2 (.063 .008) 0.9 (.035) 1.2 (.047) 0.8 (.031) 0.4 (.016) 0.10 0.10 (.004 .004) 0.4 (.016) 0.4 (.016) 1.4 (.055) 1.1 (.043) 1.3 (.051) b 3528-21 3.5 0.2 (.138 .008) 2.8 0.2 (.110 .008) 1.9 0.1 (.075 .008) 1.1 (.043) 2.2 (.087) 0.8 (.031) 0.4 (.016) 0.10 0.10 (.004 .004) 0.5 (.020) 1.0 (.039) 2.1 (.083) 1.8 (.071) 2.2 (.087) c 6032-28 6.0 0.3 (.236 .012) 3.2 0.3 (.126 .12) 2.5 0.3 .098 .012) 1.4 (.055) 2.2 (.087) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 .004) 0.9 (.0235) 1.0 (.039) 3.1 (.122) 2.8 (.110) 2.4 (.094) d 7343-31 7.3 0.3 (.287 .012) 4.3 0.3 (.169 .012) 2.8 0.3 (.110 .012) 1.5 (.059) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 .004) 0.9 (.0235) 1.0 (.039) 3.8 (.150) 3.5 (.138) 3.5 (.138) x 7343-43 7.3 0.3 (.287 .012) 4.3 0.3 (.169 .012) 4.0 0.3 (.157 .012) 2.3 (.091) 2.4 (.094) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 .004) 1.7 (.067) 1.0 (.039) 3.8 (.150) 3.5 (.138) 3.5 (.138) e 7260-38 7.3 0.3 (.287 .012) 6.0 0.3 (.236 .012) 3.6 0.2 (.142 .008) 2.3 (.091) 4.1 (.161) 1.3 (.051) 0.5 (.020) 0.10 0.10 (.004 .004) 0.9 (.035) 1.0 (.039) 3.8 (.150) 3.5 (.138) 3.5 (.138) case size lwh a (min) g (ref) e (ref) k 0.20 f 0.1 s 0.3 x (ref) b 0.15 (ref) (.006) p (ref) r (ref)
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 * 23 ordering information t493 ratings and part number reference (1) to complete kemet part number, insert m for 20% or k for 10% capacitance tolerance. to request 5% tolerance,contact kemet sales representative. (2) to complete kemet part number, insert a for non-er; b for 0.1%/1000 hrs.; or c for 0.01%/1000 hrs. reliability level. (3) to complete kemet part number, insert b for gold plated (50 inch minimum); c for hot solder dipped (60 inch minimum); h for solder plated (100 inch minimum); k for solder fused (60 inch minimum termination finish or t for 100% tin . (4) to complete kemet part number for surge current testing, insert 61 for none; 62 for 10 cycles +25c; or 64 for 10 cycles, -55c & +85c. (5) to complete kemet part number, insert 10 for standard esr; 20 for low esr or 30 for ultra-low esr option. solid tantalum chip capacitors t493 seriesmilitary cots solid tantalum surface mount capaci- tance f case size kemet part number dcl a @ 25oc max df % @ +25oc 120 hz max std. esr ohms @+25c 100 khz max low esr ohms @+25c 100 khz max ultra-low esr, ohms @+25c 100 khz max 2.2 a t493a225(1)004(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 3.3 a t493a335(1)004(2)(3)(4)(5) 0.5 6.0 8.0 4.0 n/a 4.7 a t493a475(1)004(2)(3)(4)(5) 0.5 6.0 8.0 3.5 n/a 6.8 a t493a685(1)004(2)(3)(4)(5) 0.5 6.0 6.0 3.0 n/a 6.8 b t493b685(1)004(2)(3)(4)(5) 0.5 6.0 5.5 2.0 n/a 10.0 a t493a106(1)004(2)(3)(4)(5) 0.5 6.0 6.0 2.0 n/a 10.0 b t493b106(1)004(2)(3)(4)(5) 0.5 6.0 3.5 1.2 n/a 15.0 a t493a156(1)004(2)(3)(4)(5) 0.6 6.0 4.0 1.5 n/a 15.0 b t493b156(1)004(2)(3)(4)(5) 0.6 6.0 3.5 1.2 n/a 22.0 a t493a226(1)004(2)(3)(4)(5) 0.9 6.0 4.0 1.5 n/a 22.0 b t493b226(1)004(2)(3)(4)(5) 0.9 6.0 3.5 0.6 n/a 22.0 c t493c226(1)004(2)(3)(4)(5) 0.9 6.0 1.8 0.5 n/a 33.0 a t493a336(1)004(2)(3)(4)(5) 1.3 6.0 4.0 3.0 n/a 33.0 b t493b336(1)004(2)(3)(4)(5) 1.3 6.0 3.5 0.5 n/a 33.0 c t493c336(1)004(2)(3)(4)(5) 1.3 6.0 1.8 0.5 n/a 47.0 b t493b476(1)004(2)(3)(4)(5) 1.9 6.0 3.0 0.5 n/a 47.0 c t493c476(1)004(2)(3)(4)(5) 1.9 6.0 1.8 0.5 n/a 68.0 b t493b686(1)004(2)(3)(4)(5) 2.7 6.0 3.5 2.0 n/a 68.0 c t493c686(1)004(2)(3)(4)(5) 2.7 6.0 1.6 0.25 n/a 68.0 d t493d686(1)004(2)(3)(4)(5) 2.7 6.0 0.8 0.2 n/a #100.0 *b t493b107(1)004(2)(3)(4)(5) 4.0 8.0 1.0 0.7 0.50 100.0 c t493c107(1)004(2)(3)(4)(5) 4.0 8.0 1.2 0.2 n/a 100.0 d t493d107(1)004(2)(3)(4)(5) 4.0 8.0 0.8 0.2 n/a #150.0 *c t493c157(1)004(2)(3)(4)(5) 6.0 8.0 1.2 0.3 0.25 150.0 d t493d157(1)004(2)(3)(4)(5) 6.0 8.0 0.8 0.15 n/a 220.0 d t493d227(1)004(2)(3)(4)(5) 8.8 8.0 0.9 0.7 n/a 330.0 d t493d337(1)004(2)(3)(4)(5) 13.2 8.0 0.7 0.15 n/a 330.0 x t493x337(1)004(2)(3)(4)(5) 13.2 8.0 0.5 0.2 n/a 1.5 a t493a155(1)006(2)(3)(4(5) 0.5 6.0 8.0 6.0 n/a 2.2 a t493a225(1)006(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 3.3 a t493a335(1)006(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 4.7 a t493a475(1)006(2)(3)(4)(5) 0.5 6.0 6.0 3.5 n/a 4.7 b t493b475(1)006(2)(3)(4)(5) 0.5 6.0 5.5 3.5 n/a 6.8 a t493a685(1)006(2)(3)(4)(5) 0.5 6.0 6.0 2.0 n/a 6.8 b t493b685(1)006(2)(3)(4)(5) 0.5 6.0 3.5 1.2 n/a 10.0 a t493a106(1)006(2)(3)(4)(5) 0.6 6.0 4.0 2.0 n/a 10.0 b t493b106(1)006(2)(3)(4)(5) 0.6 6.0 3.5 1.0 n/a 15.0 a t493a156(1)006(2)(3)(4)(5) 0.9 6.0 4.0 1.5 n/a 15.0 b t493b156(1)006(2)(3)(4)(5) 0.9 6.0 3.5 0.7 n/a 15.0 c t493c156(1)006(2)(3)(4)(5) 0.9 6.0 1.8 0.6 n/a 22.0 a t493a226(1)006(2)(3)(4)(5) 1.4 6.0 4.0 3.0 n/a 22.0 b t493b226(1)006(2)(3)(4)(5) 1.4 6.0 3.5 0.6 n/a 22.0 c t493c226(1)006(2)(3)(4)(5) 1.4 6.0 1.8 0.5 n/a 4 volt rating at +85oc (2.7 volt rating at +125oc) 6 volt rating at +85oc (4 volt rating at +125oc) * extended values #maximum capacitance change @ 125c = +15% esr/surge designator first 2 numbers 61 = surge - none 62 = surge - 10 cycles, +25c 64 = surge - 10 cycles, -55c and +85c second 2 numbers 10 = esr - standard 20 = esr - low 30 = esr - ultra-low note: for order entry purposes the last 4-digits of the part number will be entered in the kemet customer specification (c-spec)field. termination finish b - gold plated c - hot solder dipped h - solder plated k - solder fused t - 100% tin capacitance tolerances m = 10% k = 10% j = 5% (for 5% tolerance contact kemet sales rep.) reliability level a = non-er; b = 0.1%/k hrs.; c = 0.01%/k hrs. tantalum series t493 military commercial off-the-shelf case size a, b, c, d, x capacitance picofarad code first two digits represent significant figures. third digit specifies number of zeros to follow. t 493 d 227 k 006 c h 6120 voltage as shown capaci- tance f case size kemet part number dcl a @ 25oc max df % @ +25oc 120 hz max std. esr ohms @+25c 100 khz max low esr ohms @+25c 100 khz max ultra-low esr, ohms @+25c 100 khz max 2.2 a t493a225(1)004(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 3.3 a t493a335(1)004(2)(3)(4)(5) 0.5 6.0 8.0 4.0 n/a 4.7 a t493a475(1)004(2)(3)(4)(5) 0.5 6.0 8.0 3.5 n/a 6.8 a t493a685(1)004(2)(3)(4)(5) 0.5 6.0 6.0 3.0 n/a 6.8 b t493b685(1)004(2)(3)(4)(5) 0.5 6.0 5.5 2.0 n/a 10.0 a t493a106(1)004(2)(3)(4)(5) 0.5 6.0 6.0 2.0 n/a 10.0 b t493b106(1)004(2)(3)(4)(5) 0.5 6.0 3.5 1.2 n/a 15.0 a t493a156(1)004(2)(3)(4)(5) 0.6 6.0 4.0 1.5 n/a 15.0 b t493b156(1)004(2)(3)(4)(5) 0.6 6.0 3.5 1.2 n/a 22.0 a t493a226(1)004(2)(3)(4)(5) 0.9 6.0 4.0 1.5 n/a 22.0 b t493b226(1)004(2)(3)(4)(5) 0.9 6.0 3.5 0.6 n/a 22.0 c t493c226(1)004(2)(3)(4)(5) 0.9 6.0 1.8 0.5 n/a 33.0 a t493a336(1)004(2)(3)(4)(5) 1.3 6.0 4.0 3.0 n/a 33.0 b t493b336(1)004(2)(3)(4)(5) 1.3 6.0 3.5 0.5 n/a 33.0 c t493c336(1)004(2)(3)(4)(5) 1.3 6.0 1.8 0.5 n/a 47.0 b t493b476(1)004(2)(3)(4)(5) 1.9 6.0 3.0 0.5 n/a 47.0 c t493c476(1)004(2)(3)(4)(5) 1.9 6.0 1.8 0.5 n/a 68.0 b t493b686(1)004(2)(3)(4)(5) 2.7 6.0 3.5 2.0 n/a 68.0 c t493c686(1)004(2)(3)(4)(5) 2.7 6.0 1.6 0.25 n/a 68.0 d t493d686(1)004(2)(3)(4)(5) 2.7 6.0 0.8 0.2 n/a #100.0 b t493b107(1)004(2)(3)(4)(5) 4.0 8.0 1.0 0.7 0.50 100.0 c t493c107(1)004(2)(3)(4)(5) 4.0 8.0 1.2 0.2 n/a 100.0 d t493d107(1)004(2)(3)(4)(5) 4.0 8.0 0.8 0.2 n/a #150.0 c t493c157(1)004(2)(3)(4)(5) 6.0 8.0 1.2 0.3 0.25 150.0 d t493d157(1)004(2)(3)(4)(5) 6.0 8.0 0.8 0.15 n/a 220.0 d t493d227(1)004(2)(3)(4)(5) 8.8 8.0 0.9 0.7 n/a 330.0 d t493d337(1)004(2)(3)(4)(5) 13.2 8.0 0.7 0.15 n/a 330.0 x t493x337(1)004(2)(3)(4)(5) 13.2 8.0 0.5 0.2 n/a 1.5 a t493a155(1)006(2)(3)(4(5) 0.5 6.0 8.0 6.0 n/a 2.2 a t493a225(1)006(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 3.3 a t493a335(1)006(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 4.7 a t493a475(1)006(2)(3)(4)(5) 0.5 6.0 6.0 3.5 n/a 4.7 b t493b475(1)006(2)(3)(4)(5) 0.5 6.0 5.5 3.5 n/a 6.8 a t493a685(1)006(2)(3)(4)(5) 0.5 6.0 6.0 2.0 n/a 6.8 b t493b685(1)006(2)(3)(4)(5) 0.5 6.0 3.5 1.2 n/a 10.0 a t493a106(1)006(2)(3)(4)(5) 0.6 6.0 4.0 2.0 n/a 10.0 b t493b106(1)006(2)(3)(4)(5) 0.6 6.0 3.5 1.0 n/a 15.0 a t493a156(1)006(2)(3)(4)(5) 0.9 6.0 4.0 1.5 n/a 15.0 b t493b156(1)006(2)(3)(4)(5) 0.9 6.0 3.5 0.7 n/a 15.0 c t493c156(1)006(2)(3)(4)(5) 0.9 6.0 1.8 0.6 n/a 22.0 a t493a226(1)006(2)(3)(4)(5) 1.4 6.0 4.0 3.0 n/a 22.0 b t493b226(1)006(2)(3)(4)(5) 1.4 6.0 3.5 0.6 n/a 22.0 c t493c226(1)006(2)(3)(4)(5) 1.4 6.0 1.8 0.5 n/a 4 volt rating at +85oc (2.7 volt rating at +125oc) 6 volt rating at +85oc (4 volt rating at +125oc)
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 24 t493 ratings and part number reference solid tantalum chip capacitors t493 seriesmilitary cots (1) to complete kemet part number, insert m for 20% or k for 10% capacitance tolerance. to request 5% tolerance,contact kemet sales representative. (2) to complete kemet part number, insert a for non-er; b for 0.1%/1000 hrs.; or c for 0.01%/1000 hrs. reliability level. (3) to complete kemet part number, insert b for gold plated (50 inch minimum); c for hot solder dipped (60 inch minimum); h for solder plated (100 inch minimum); k for solder fused (60 inch minimum termination finish or t for 100% tin. (4) to complete kemet part number for surge current testing, insert 61 for none; 62 for 10 cycles +25c; or 64 for 10 cycles, -55c & +85c. (5) to complete kemet part number, insert 10 for standard esr; 20 for low esr or 30 for ultra-low esr option. * extended values #maximum capacitance change @ 125c = +15% capaci- tance f case size kemet part number dcl a @ 25oc max df % @ +25oc 120 hz max std. esr ohms @+25c 100 khz max low esr ohms @+25c 100 khz max ultra-low esr, ohms @+25c 100 khz max 33.0 b t493b336(1)006(2)(3)(4)(5) 2.0 6.0 3.0 0.6 n/a 33.0 c t493c336(1)006(2)(3)(4)(5) 2.0 6.0 1.8 0.3 n/a 47.0 b t493b476(1)006(2)(3)(4)(5) 2.9 6.0 3.5 2.0 n/a 47.0 c t493c476(1)006(2)(3)(4)(5) 2.9 6.0 1.6 0.25 0.25 47.0 d t493d476(1)006(2)(3)(4)(5) 2.9 6.0 0.8 0.22 n/a 68.0 b t493b686(1)006(2)(3)(4)(5) 4.1 8.0 1.0 0.65 n/a 68.0 c t493c686(1)006(2)(3)(4)(5) 4.1 6.0 1.2 0.2 n/a 68.0 d t493d686(1)006(2)(3)(4)(5) 4.1 6.0 0.8 0.2 0.18 #100.0 b t493b107(1)006(2)(3)(4)(5) 6.3 15.0 10.0 8.0 0.70 100.0 c t493c107(1)006(2)(3)(4)(5) 6.0 8.0 1.2 0.3 0.15 100.0 d t493d107(1)006(2)(3)(4)(5) 6.0 8.0 0.8 0.15 n/a #150.0 c t493c157(1)006(2)(3)(4)(5) 9.0 8.0 1.2 0.3 0.20 150.0 d t493d157(1)006(2)(3)(4)(5) 9.0 8.0 0.7 0.15 n/a #220.0 c t493c227(1)006(2)(3)(4)(5) 13.2 10.0 1.2 0.3 0.23 220.0 d t493d227(1)006(2)(3)(4)(5) 13.2 8.0 0.7 0.1 0.10 220.0 x t493x227(1)006(2)(3)(4)(5) 13.2 8.0 0.7 0.15 0.07 330.0 d t493d337(1)006(2)(3)(4)(5) 19.8 8.0 0.5 0.15 0.10 330.0 x t493x337(1)006(2)(3)(4)(5) 19.8 8.0 0.5 0.1 0.07 1.0 a t493a105(1)010(2)(3)(4)(5) 0.5 4.0 10.0 6.0 n/a 1.5 a t493a155(1)010(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 2.2 a t493a225(1)010(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 3.3 a t493a335(1)010(2)(3)(4)(5) 0.5 6.0 6.0 4.0 n/a 3.3 b t493b335(1)010(2)(3)(4)(5) 0.5 6.0 5.5 3.5 n/a 4.7 a t493a475(1)010(2)(3)(4)(5) 0.5 6.0 6.0 3.0 n/a 4.7 b t493b475(1)010(2)(3)(4)(5) 0.5 6.0 3.5 1.5 1.3 6.8 a t493a685(1)010(2)(3)(4)(5) 0.7 6.0 6.0 3.0 n/a 6.8 b t493b685(1)010(2)(3)(4)(5) 0.7 6.0 3.5 1.2 0.90 10.0 a t493a106(1)010(2)(3)(4)(5) 1.0 6.0 4.0 1.8 n/a 10.0 b t493b106(1)010(2)(3)(4)(5) 1.0 6.0 3.5 0.8 0.75 10.0 c t493c106(1)010(2)(3)(4)(5) 1.0 6.0 1.8 0.6 n/a #15.0 a t493a156(1)010(2)(3)(4)(5) 1.5 8.0 6.0 4.0 3.2 15.0 b t493b156(1)010(2)(3)(4)(5) 1.5 6.0 3.5 0.7 n/a 15.0 c t493c156(1)010(2)(3)(4)(5) 1.5 6.0 1.8 0.5 0.48 22.0 b t493b226(1)010(2)(3)(4)(5) 2.2 6.0 3.0 0.7 n/a 22.0 c t493c226(1)010(2)(3)(4)(5) 2.2 6.0 1.8 0.4 0.29 33.0 b t493b336(1)010(2)(3)(4)(5) 3.3 6.0 3.5 2.0 n/a 33.0 c t493c336(1)010(2)(3)(4)(5) 3.3 6.0 1.6 0.3 n/a 33.0 d t493d336(1)010(2)(3)(4)(5) 3.3 6.0 0.8 0.3 n/a 47.0 c t493c476(1)010(2)(3)(4)(5) 4.7 6.0 1.2 0.3 n/a 47.0 d t493d476(1)010(2)(3)(4)(5) 4.7 6.0 0.8 0.2 0.08 68.0 c t493c686(1)010(2)(3)(4)(5) 6.8 6.0 1.2 0.3 0.23 68.0 d t493d686(1)010(2)(3)(4)(5) 6.8 6.0 0.8 0.2 0.09 68.0 x t493x686(1)010(2)(3)(4)(5) 5.4 4.0 0.5 0.15 0.15 #100.0 c t493c107(1)010(2)(3)(4)(5) 10.0 8.0 1.2 0.3 n/a 100.0 d t493d107(1)010(2)(3)(4)(5) 10.0 8.0 0.7 0.1 0.08 150.0 d t493d157(1)010(2)(3)(4)(5) 15.0 8.0 0.7 0.1 0.08 150.0 x t493x157(1)010(2)(3)(4)(5) 15.0 8.0 0.7 0.2 0.09 #220.0 d t493d227(1)010(2)(3)(4)(5) 22.0 8.0 0.5 0.2 0.08 220.0 x t493x227(1)010(2)(3)(4)(5) 22.0 8.0 0.5 0.1 0.05 330.0 x t493x337(1)010(2)(3)(4)(5) 33.0 10.0 0.5 0.1 0.05 0.68 a t493a684(1)016(2)(3)(4)(5) 1.1 6.0 12.0 8.0 n/a 1.0 a t493a105(1)016(2)(3)(4)(5) 0.5 4.0 10.0 6.0 n/a 1.5 a t493a155(1)016(2)(3)(4)(5) 0.5 6.0 8.0 6.0 n/a 2.2 a t493a225(1)016(2)(3)(4)(5) 0.5 6.0 6.0 4.0 n/a 3.3 a t493a335(1)016(2)(3)(4)(5) 0.5 6.0 6.0 3.5 n/a 3.3 b t493b335(1)016(2)(3)(4)(5) 0.5 6.0 3.5 2.0 n/a 4.7 a t493a475(1)016(2)(3)(4)(5) 0.8 6.0 6.0 3.0 n/a 4.7 b t493b475(1)016(2)(3)(4)(5) 0.8 6.0 3.5 1.5 n/a #6.8 a t493a685(1)016(2)(3)(4)(5) 1.1 6.0 7.0 3.0 n/a 6.8 b t493b685(1)016(2)(3)(4)(5) 1.1 6.0 3.5 1.2 n/a 6.8 c t493c685(1)016(2)(3)(4)(5) 1.1 6.0 1.9 0.8 0.75 10.0 b t493b106(1)016(2)(3)(4)(5) 1.6 6.0 3.5 0.8 n/a 10.0 c t493c106(1)016(2)(3)(4)(5) 1.6 6.0 1.8 0.6 n/a #15.0 b t493b156(1)016(2)(3)(4)(5) 2.4 6.0 3.0 0.8 0.80 15.0 c t493c156(1)016(2)(3)(4)(5) 2.4 6.0 1.8 0.4 n/a #22.0 b t493b226(1)016(2)(3)(4)(5) 3.5 6.0 2.2 0.8 n/a 22.0 c t493c226(1)016(2)(3)(4)(5) 3.6 6.0 1.6 0.4 n/a 22.0 d t493d226(1)016(2)(3)(4)(5) 3.6 6.0 0.8 0.3 n/a 6 volt rating at +85oc (4 volt rating at +125oc) cont. 16 volt rating at +85oc (10 volt rating at +125oc)
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 25 solid tantalum chip capacitors t493 seriesmilitary cots t493 ratings and part number reference solid tantalum surface mount (1) to complete kemet part number, insert m for 20% or k for 10% capacitance tolerance. to request 5% tolerance,contact kemet sales representative. (2) to complete kemet part number, insert a for non-er; b for 0.1%/1000 hrs.; or c for 0.01%/1000 hrs. reliability level. (3) to complete kemet part number, insert b for gold plated (50 inch minimum); c for hot solder dipped (60 inch minimum); h for solder plated (100 inch minimum); k for solder fused (60 inch minimum termination finish or t for 100% tin. (4) to complete kemet part number for surge current testing, insert 61 for none; 62 for 10 cycles +25c; or 64 for 10 cycles, -55c & +85c. (5) to complete kemet part number, insert 10 for standard esr; 20 for low esr or 30 for ultra-low esr option. * extended values #maximum capacitance change @ 125c = +15% ? maximum capacitance change @ 125c = +20% 20 volt rating at +85oc (13 volt rating at +125oc) 25 volt rating at +85oc (17 volt rating at +125oc) capaci- tance f case size kemet part number dcl a @ 25oc max df % @ +25oc 120 hz max std. esr ohms @+25c 100 khz max low esr ohms @+25c 100 khz max ultra-low esr, ohms @+25c 100 khz max 33.0 c t493c336(1)016(2)(3)(4)(5) 5.3 6.0 1.2 0.3 0.23 33.0 d t493d336(1)016(2)(3)(4)(5) 5.3 6.0 0.8 0.25 0.15 #47.0 c t493c476(1)016(2)(3)(4)(5) 7.5 6.0 1.2 0.5 0.35 47.0 d t493d476(1)016(2)(3)(4)(5) 7.5 6.0 0.8 0.2 0.10 68.0 d t493d686(1)016(2)(3)(4)(5) 10.9 6.0 0.7 0.2 0.15 #100.0 d t493d107(1)016(2)(3)(4)(5) 16.0 8.0 0.7 0.125 0.10 100.0 x t493x107(1)016(2)(3)(4)(5) 16.0 8.0 0.7 0.1 0.08 #150.0 x t493x157(1)016(2)(3)(4)(5) 24.0 8.0 0.5 0.2 0.10 0.47 a t493a474(1)020(2)(3)(4)(5) 0.5 4.0 14.0 9.0 n/a 0.68 a t493a684(1)020(2)(3)(4)(5) 0.5 4.0 12.0 8.0 n/a 1.0 a t493a105(1)020(2)(3)(4)(5) 0.5 4.0 10.0 5.5 n/a 1.5 a t493a155(1)020(2)(3)(4)(5) 0.5 6.0 8.0 4.5 n/a 1.5 b t493b155(1)020(2)(3)(4)(5) 0.5 6.0 6.0 4.0 n/a 2.2 a t493a225(1)020(2)(3)(4)(5) 0.5 6.0 7.0 4.0 n/a 2.2 b t493b225(1)020(2)(3)(4)(5) 0.5 6.0 3.5 1.5 n/a #3.3 a t493a335(1)020(2)(3)(4)(5) 0.7 6.0 7.0 4.0 n/a 3.3 b t493b335(1)020(2)(3)(4)(5) 0.7 6.0 3.5 1.3 n/a #4.7 a t493a475(1)020(2)(3)(4)(5) 1.0 8.0 6.0 1.8 n/a 4.7 b t493b475(1)020(2)(3)(4)(5) 1.0 6.0 3.5 1.0 n/a 4.7 c t493c475(1)020(2)(3)(4)(5) 1.0 6.0 2.4 0.6 n/a #6.8 b t493b685(1)020(2)(3)(4)(5) 1.4 6.0 3.5 1.0 n/a 6.8 c t493c685(1)020(2)(3)(4)(5) 1.4 6.0 1.9 0.6 n/a #10.0 b t493b106(1)020(2)(3)(4)(5) 2.0 6.0 3.0 1.0 1.0 10.0 c t493c106(1)020(2)(3)(4)(5) 2.0 6.0 1.8 0.5 0.48 15.0 c t493c156(1)020(2)(3)(4)(5) 3.0 6.0 1.7 0.4 0.38 15.0 d t493d156(1)020(2)(3)(4)(5) 3.0 6.0 1.0 0.35 0.28 #22.0 c t493c226(1)020(2)(3)(4)(5) 4.4 6.0 1.2 0.4 n/a 22.0 d t493d226(1)020(2)(3)(4)(5) 4.4 6.0 0.8 0.3 0.18 33.0 d t493d336(1)020(2)(3)(4)(5) 6.6 6.0 0.8 0.2 0.15 47.0 d t493d476(1)020(2)(3)(4)(5) 9.4 6.0 0.7 0.2 0.10 47.0 x t493x476(1)020(2)(3)(4)(5) 7.5 4.0 0.7 0.15 0.10 #68.0 d t493d686(1)020(2)(3)(4)(5) 13.6 8.0 0.7 0.2 0.15 68.0 x t493x686(1)020(2)(3)(4)(5) 13.6 6.0 0.7 0.15 0.12 0.33 a t493a334(1)025(2)(3)(4)(5) 0.5 4.0 15.0 10.0 n/a 0.47 a t493a474(1)025(2)(3)(4)(5) 0.5 4.0 14.0 9.0 n/a 0.68 a t493a684(1)025(2)(3)(4)(5) 0.5 4.0 10.0 6.0 n/a 0.68 b t493b684(1)025(2)(3)(4)(5) 0.5 4.0 7.5 5.5 n/a 1.0 a t493a105(1)025(2)(3)(4)(5) 0.5 4.0 8.0 4.0 n/a 1.0 b t493b105(1)025(2)(3)(4)(5) 0.5 4.0 5.0 2.0 n/a 1.5 a t493a155(1)025(2)(3)(4)(5) 0.5 6.0 10.0 3.0 n/a 1.5 b t493b155(1)025(2)(3)(4)(5) 0.5 6.0 5.0 1.5 n/a 2.2 b t493b225(1)025(2)(3)(4)(5) 0.6 6.0 4.5 1.2 n/a 2.2 c t493c225(1)025(2)(3)(4)(5) 0.6 6.0 3.5 2.2 1.30 3.3 b t493b335(1)025(2)(3)(4)(5) 0.9 6.0 3.5 2.0 n/a 3.3 c t493c335(1)025(2)(3)(4)(5) 0.9 6.0 2.5 1.2 0.75 #4.7 b t493b475(1)025(2)(3)(4)(5) 1.2 6.0 1.5 1.0 n/a 4.7 c t493c475(1)025(2)(3)(4)(5) 1.2 6.0 2.4 0.6 0.58 6.8 c t493c685(1)025(2)(3)(4)(5) 1.7 6.0 1.9 0.6 0.49 6.8 d t493d685(1)025(2)(3)(4)(5) 1.7 6.0 1.4 1.0 n/a 10.0 c t493c106(1)025(2)(3)(4)(5) 2.5 6.0 1.5 0.5 0.45 10.0 d t493d106(1)025(2)(3)(4)(5) 2.5 6.0 1.0 0.4 n/a #15.0 c t493c156(1)025(2)(3)(4)(5) 3.8 6.0 1.5 0.9 n/a 15.0 d t493d156(1)025(2)(3)(4)(5) 3.8 6.0 1.0 0.35 0.28 15.0 x t493x156(1)025(2)(3)(4)(5) 3.0 6.0 0.7 0.2 0.20 22.0 d t493d226(1)025(2)(3)(4)(5) 5.5 6.0 0.8 0.2 0.20 22.0 x t493x226(1)025(2)(3)(4)(5) 4.4 4.0 0.7 0.23 0.23 33.0 d t493d336(1)025(2)(3)(4)(5) 8.3 6.0 0.7 0.4 0.09 33.0 x t493x336(1)025(2)(3)(4)(5) 8.3 6.0 0.7 0.3 0.18 ?47.0 d t493d476(1)025(2)(3)(4)(5) 11.8 10.0 0.7 0.2 0.12 ?47.0 x t493x476(1)025(2)(3)(4)(5) 11.8 6.0 0.7 0.3 0.15 20 volt rating at +85oc (13 volt rating at +125oc) 25 volt rating at +85oc (17 volt rating at +125oc) 16 volt rating at +85oc (10 volt rating at +125oc) cont.
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 26 solid tantalum chip capacitors t493 seriesmilitary cots t493 ratings and part number reference (1) to complete kemet part number, insert m for 20% or k for 10% capacitance tolerance. to request 5% tolerance,contact kemet sales representative. (2) to complete kemet part number, insert a for non-er; b for 0.1%/1000 hrs.; or c for 0.01%/1000 hrs. reliability level. (3) to complete kemet part number, insert b for gold plated (50 inch minimum); c for hot solder dipped (60 inch minimum); h for solder plated (100 inch minimum); k for solder fused (60 inch minimum termination finish or t for 100% tin. (4) to complete kemet part number for surge current testing, insert 61 for none; 62 for 10 cycles +25c; or 64 for 10 cycles, -55c & +85c. (5) to complete kemet part number, insert 10 for standard esr; 20 for low esr or 30 for ultra-low esr option. * extended values #maximum capacitance change @ 125c = +15% capaci- tance f case size kemet part number dcl a @ 25oc max df % @ +25oc 120 hz max std. esr ohms @+25c 100 khz max low esr ohms @+25c 100 khz max ultra-low esr, ohms @+25c 100 khz max 0.10 a t493a104(1)035(2)(3)(4)(5) 0.5 4.0 20.0 10.0 n/a 0.15 a t493a154(1)035(2)(3)(4)(5) 0.5 4.0 19.0 6.0 n/a 0.22 a t493a224(1)035(2)(3)(4)(5) 0.5 4.0 18.0 6.0 n/a 0.33 a t493a334(1)035(2)(3)(4)(5) 0.5 4.0 15.0 6.0 n/a 0.47 a t493a474(1)035(2)(3)(4)(5) 0.5 4.0 14.0 4.0 n/a 0.47 b t493b474(1)035(2)(3)(4)(5) 0.5 4.0 8.0 2.5 1.5 0.68 a t493a684(1)035(2)(3)(4)(5) 0.5 4.0 10.0 6.0 n/a 0.68 b t493b684(1)035(2)(3)(4)(5) 0.5 4.0 6.5 2.5 n/a 1.0 a t493a105(1)035(2)(3)(4)(5) 0.5 4.0 10.0 6.0 n/a 1.0 b t493b105(1)035(2)(3)(4)(5) 0.5 4.0 5.0 2.0 1.5 1.5 b t493b155(1)035(2)(3)(4)(5) 0.5 6.0 5.0 3.0 n/a 1.5 c t493c155(1)035(2)(3)(4)(5) 0.5 6.0 4.5 2.5 n/a 2.2 b t493b225(1)035(2)(3)(4)(5) 0.8 6.0 4.0 2.5 1.5 2.2 c t493c225(1)035(2)(3)(4)(5) 0.8 6.0 3.5 1.5 0.75 #3.3 b t493b335(1)035(2)(3)(4)(5) 1.2 6.0 3.5 1.3 n/a 3.3 c t493c335(1)035(2)(3)(4)(5) 1.2 6.0 2.5 0.8 0.60 4.7 c t493c475(1)035(2)(3)(4)(5) 1.7 6.0 2.5 0.6 0.45 4.7 d t493d475(1)035(2)(3)(4)(5) 1.7 6.0 1.5 0.7 n/a 6.8 c t493c685(1)035(2)(3)(4)(5) 2.4 6.0 2.0 0.9 n/a 6.8 d t493d685(1)035(2)(3)(4)(5) 2.4 6.0 1.3 0.5 0.40 #10.0 c t493c106(1)035(2)(3)(4)(5) 3.5 6.0 2.0 1.2 n/a 10.0 d t493d106(1)035(2)(3)(4)(5) 3.5 6.0 1.0 0.3 0.25 10.0 x t493x106(1)035(2)(3)(4)(5) 2.8 4.0 0.9 0.25 0.18 15.0 d t493d156(1)035(2)(3)(4)(5) 5.3 6.0 0.8 0.3 0.23 15.0 x t493x156(1)035(2)(3)(4)(5) 5.3 6.0 0.9 0.3 0.20 #22.0 d t493d226(1)035(2)(3)(4)(5) 7.7 6.0 0.7 0.4 0.20 22.0 x t493x226(1)035(2)(3)(4)(5) 7.7 6.0 0.7 0.3 0.20 #33.0 x t493x336(1)035(2)(3)(4)(5) 11.6 6.0 0.6 0.3 0.18 #47.0 e t493e476(1)035(2)(3)(4)(5) 16.5 10.0 0.5 0.3 n/a 0.10 a t493a104(1)050(2)(3)(4)(5) 0.5 4.0 20.0 10.0 n/a 0.15 a t493a154(1)050(2)(3)(4)(5) 0.5 4.0 19.0 10.0 n/a 0.15 b t493b154(1)050(2)(3)(4)(5) 0.5 4.0 16.0 10.0 n/a 0.22 b t493b224(1)050(2)(3)(4)(5) 0.5 4.0 14.0 10.0 n/a 0.33 b t493b334(1)050(2)(3)(4)(5) 0.5 4.0 10.0 2.5 n/a 0.47 b t493b474(1)050(2)(3)(4)(5) 0.5 4.0 9.0 2.0 n/a 0.47 c t493c474(1)050(2)(3)(4)(5) 0.5 4.0 8.0 1.8 n/a 0.68 c t493c684(1)050(2)(3)(4)(5) 0.5 4.0 7.0 1.6 n/a 1.0 c t493c105(1)050(2)(3)(4)(5) 0.5 4.0 5.5 1.6 1.3 1.5 c t493c155(1)050(2)(3)(4)(5) 0.8 6.0 4.5 1.5 n/a 1.5 d t493d155(1)050(2)(3)(4)(5) 0.8 6.0 3.5 1.0 n/a 2.2 c t493c225(1)050(2)(3)(4)(5) 1.1 6.0 3.5 1.5 n/a 2.2 d t493d225(1)050(2)(3)(4)(5) 1.1 6.0 2.5 0.8 0.60 3.3 d t493d335(1)050(2)(3)(4)(5) 1.7 6.0 2.0 0.8 0.70 4.7 d t493d475(1)050(2)(3)(4)(5) 2.4 6.0 1.5 0.6 0.28 4.7 x t493x475(1)050(2)(3)(4)(5) 1.9 4.0 0.9 0.3 0.30 6.8 x t493x685(1)050(2)(3)(4)(5) 3.5 6.0 1.0 0.5 n/a 35 volt rating at +85oc (23 volt rating at +125oc) 50 volt rating at +85oc (33 volt rating at +125oc)
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 tape & reel packaging kemets molded tantalum and aluminum chip capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with eia standard 481-1: taping of surface mount components for automatic handling. this packaging system is compatible with all tape fed automatic pick and place systems. right hand orientation only (+) (C) embossed carrier embossment top tape thickness .10mm (.004") max thickness 8mm .30 (.315 .012") or 12mm .30 (.472 .012") 178mm (7.00") or 330mm (13.00") 8mm (0.315") or 12mm (0.472") 180mm (7.0") or 330mm (13.0") quantities packaged per reel case code tape kemet eia width-mm 7" reel* 13" reel* r 2012-12 8 2,500 10,000 s 3216-12 8 2,500 10,000 t 3528-12 8 2,500 10,000 u 6032-15 12 1,000 5,000 w 7343-15 12 1,000 3,000 v 7343-20 12 1,000 3,000 a 3216-18 8 2,000 9,000 b 3528-21 8 2,000 8,000 c 6032-28 12 500 3,000 d 7343-31 12 500 2,500 y 7343-40 12 500 2,000 x 7343-43 12 500 2,000 e 7260-38 12 500 2,000 * no c-spec required for 7" reel packaging. c-7280 required for 13" reel packaging. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia-556. tantalum and aluminum chip capacitors packaging information packaging * standard reel packaging is not mandatory . * bulk packaging also available using c-7610 . 92
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 newton to 1.0 newton (10g to 100g) 12 mm 0.1 newton to 1.3 newton (10g to 130g) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. reel sizes: molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with c-7280). note that 13 reels are preferred. 4. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia-556. embossed carrier tape configuration: figure 1 notes 1. b1 dimension is a reference dimension for tape feeder clearance only. 2. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 3. tape with components shall pass around radius r without damage (see sketch a). the minimum trailer length (fig. 2) may require additional length to provide r min. for 12 mm embossed tape for reels with hub diameters approaching n min. (table 2) 4. the cavity defined by a 0 , b 0 , and k 0 shall be configured to surround the part with sufficient clearance such that the chip does not pro- trude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mecha nical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restric ted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.) table 1 embossed tape dimensions (metric will govern) constant dimensions millimeters (inches) tape size d 0 ep 0 p 2 t max t 1 max 8 mm 1.5 1.75 0.10 4.0 0.10 2.0 0.05 0.600 0.100 and +0.10 -0.0 12 mm (0.059 (0.069 0.004) (0.157 0.004) (0.079 0.002) (0.024) (0.004) +0.004, -0.0) variable dimensions millimeters (inches) tape size pitch b 1 max. d 1 min. f p 1 r min. t 2 max w a 0 b 0 k 0 note 1 note 2 note 3 note 4 8 mm single 4.4 1.0 3.5 0.05 4.0 0.10 25.0 2.5 8.0 0.30 (4 mm) (0.173) (0.039) (0.138 0.002) (0.157 0.004) (0.984) (0.098) (.315 0.012) 12 mm double 8.2 1.5 5.5 0.05 8.0 0.10 30.0 4.6 12.0 0.30 (8 mm) (0.323) (0.059) (0.217 0.002) (0.315 0.004) (1.181) (0.181) (0.472 0.012) tantalum, ceramic and aluminum chip capacitors packaging information 94
?kemet electronics corporation, p.o. box 5928, greenville, s.c. 29606, (864) 963-6300 embossed carrier tape configuration (cont.) sketch d: tape camber (top view) allowable camber to be 1 mm/250 mm. 250mm (9.843) 1mm (0.039) max. 1mm (0.039) max. table 2 C reel dimensions (metric will govern) figure 3: reel dimensions (metric dimensions will govern) tape size a max b* min c d* min n min w 1 w 2 max w 3 8 mm 330.0 1.5 13.0 0.20 20.2 50.0 8.4 14.4 7.9 min (12.992) (0.059) (0.512 0.008) (0.795) (1.969) +1.5, -0.0 (0.567) (0.311) see (0.331 10.9 max note 3 +0.059, -0.0) (0.429) 12 mm 330.0 1.5 13.0 0.20 20.2 table 1 12.4 18.4 11.9 min (12.992) (0.059) (0.512 0.008) (0.795) +2.0, -0.0 (0.724) (0.469) (0.488 15.4 max +0.078, -0.0) (0.606) tantalum, ceramic and aluminum chip capacitors packaging information figure 2: tape leader & trailer dimensions (metric dimensions will govern) 400mm (15.75) min. 20 95 packaging


▲Up To Search▲   

 
Price & Availability of T493B227J006CK6430

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X