Part Number Hot Search : 
08783 MIC2586 MURA210G S3C9648 1C102 0HSR3 MPC4D VG024
Product Description
Full Text Search
 

To Download REC3-XX05DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.recom-international.com ec 71 august 2002 selection guide specifications (core operating area) and operating temperature / derating-graph output power (watts) 6.0 4.5 1,5 3.0 100 50 0 -25 71 125 150 operating temperature ?c safe operating area 0 econoline - dc/dc-converter rec3-sr und dr series, 3 watt, dip24, regulated (single & dual output) part input output output efficiency number voltage voltage current dip24 (vdc) (vdc) (ma) (%) rec3-xx05sr 5, 12, 24 5 600 52 rec3-xx12sr 5, 12, 24 12 250 55 rec3-xx15sr 5, 12, 24 15 200 62 rec3-xx24sr 5, 12, 24 24 125 62 REC3-XX05DR 5, 12, 24 ? ?00 52 rec3-xx12dr 5, 12, 24 ?2 ?25 55 rec3-xx15dr 5, 12, 24 ?5 ?00 62 rec3-xx24dr 5, 12, 24 ?4 63 62 input voltage ?0% output accuracy ?% line voltage regulation ?.5% output power 3watt max. load voltage regulation ?.5% ripple and noise (20mhz limited) 100mvp-p max. efficiency at full load 50% min. isolation voltage 500vdc min. isolation resistance (viso = 500vdc) 10 g ? min. isolation capacitance 50pf min./2nf max. short circuit protection continuous switching frequency at full load 31khz min. / 85khz max. operating temperature -25? to +71? (see graph) storage temperature -55? to +125? package weight single 12.2g dual 12.3g 500vdc isolation cost effective ul94v-0 package material up to 3w regulated output power dual in-line package 100% burned in features
ec 72 www.recom-international.com august 2002 econoline - dc/dc-converter rec3-sr und dr series, 3 watt, dip24, regulated (single & dual output) package style and pinning (mm) 20.30 rec3-0505sr recom **** 31.50 4.10 15.24 10.29 17.78 typ. 2.0 0.51 typ. 2.54 t op view sr = single output 15 vout 14 +vout 13 24 23 nc 22 nc +vin 1 nc 2 nc 3 10 11 ?in12 t op view dr = dual output 15 com 14 +vout 13 24 23 vout 22 com +vin 1 2 3 10 11 ?in12 2.54 1.00 +0.15/? 2.54 xx.x 0.5 mm xx.xx 0.25 mm 3rd angle projection recommended footprint details 24 pin dip package


▲Up To Search▲   

 
Price & Availability of REC3-XX05DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X