Part Number Hot Search : 
KIA78 02002 040HP XR1016CD 0E30A C164CM D1308 2A222
Product Description
Full Text Search
 

To Download PLCC-068-F-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54mm) .100" icf, plcc series www.samtec.com plcc?068?f?a icf?624?s?o specify from chart below row spacing & no. of con tacts tail option other option plating option ?s =30" (0,76m) gold on contact, matte tin on tail ?t = matte tin note: some sizes, styles and options are non-standard, non-returnable. 08 14 16 18 20 22 24 28 24 28 32 40 48 no. of contacts ??xxx? ?308 ?314 ?316 ?318 ?320 ?322 ?324 ?328 ?624 ?628 ?632 ?640 ?648 row space .300 (7,62) .600 (15,24) ?i =tails in ?tr =tape & reel packaging specifications for complete speci cations and recommended pcb layouts see www.samtec.com?icf insulator material: black lcp contact material: becu plating: au or sn over 50? (1,27?) ni current rating: 1a operating temp range: -55? to +125? contact resistance: 10 m max insertion depth: (2,54mm) .100" to (3,81mm) .150" insertion force/contact: 5oz (1,39n) average withdrawal force/contact: 4oz (1,11n) average rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead-free solderable: yes smt lead coplanarity: .006" (0,15mm) max ?o =tails out .300" row: .415 (10,54) .600" row: .715 (18,16) (2,54) .100 x no. of spaces (4,57) .180 (2,54) .100 x no. of positions (2,54) .100 typ (7,62) .300 or (15,24) .600 row spacing + (1,91) .075 icf specifications for complete speci cations and recommended pcb layouts see www.samtec.com?plcc insulator material: black liquid crystal polymer contact material: becu plating: sn or au over 50? (1,27?) ni current rating: 1a operating temp range: -55? to +105? contact resistance: 10m max rohs compliant: ye s processing: max processing temp: 230? for 60 seconds, or 260? for 20 seconds 3x lead-free solderable: ye s lead coplanarity: less than 52 leads= .006" (0,15mm) max; 52 leads and more= .008" (0,20 mm) max note: some sizes, styles and options are non-standard, non-returnable. ?tr =tape and reel align ment pin option plating option plcc ?020, ?028, ?032, ?044, ?052, ?068, ?084 ?n =no alignment pins ?a =alignment pins pack age option leave package option blank for packaging in a tube. ?f =gold ? ash on contact, matte tin on tail ?t matte tin no. of contacts plcc socket plca b ?100 (2,54) (bottom view) no. 1 pin (5,08) .200 (1,52) .060 (1,27) .050 typ (0,51) .020 typ (1,27) .050 typ (1,78) .070 no. 1 pin (1,52) .060 dia (2) optional (2) (0,64) .025 dia ca b d (4,11) .162 d .370 (9,40) .470 (11,94) .570 (14,48) .670 (17,02) .770 (19,56) .970 (24,64) 1.170 (29,72) b .600 (15,24) .700 (17,78) .800 (20,32) .900 (22,86) 1.000 (25,40) 1.200 (30,48) 1.400 (35,56) c .370 (9,40) .470 (11,94) .670 (17,02) .770 (19,56) .970 (24.64) 1.170 (29,72) no.of pins ?020 ?028 ?032 ?044 ?052 ?068 ?084 a .600 (15,24) .700 (17,78) .900 (22,86) 1.000 (25,40) 1.200 (30,48) 1.400 (35,56) *32 position has .040" (1,00mm) dia x .030" (0,76mm) high standoffs in corners. f-210 supplement smt dip & chip carrier sockets


▲Up To Search▲   

 
Price & Availability of PLCC-068-F-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X