Part Number Hot Search : 
HCT04 1060CT 11QMQ 200K6TR MC1488M HXXDC1 SG308 TLP862
Product Description
Full Text Search
 

To Download PCL-10120-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.advantech.com/products online download features pcld-788 16-ch relay multiplexer board specifcations i/o ? channel closed signal ttl-level pulse ? cold-junction sensor +24.4 mv/ c, 0 v at 0 c output ? contact rating break-before-make with 3 msec. minimum break time ? contact resistance 200 m ? max. ? input channels 16 isolated differential inputs ? programming do bit 0, 1, 2 and 3 for channel selection, do bit 4, 5, 6 and 7 for board selection. onboard dip switches for board-address setting ? max. input voltage 100 v dc or 100 v peak ac ? max. switching current 0.5 a ? max. switching power 10 va ? operating time 1 ms max. ? relay life expectancy 100 million cycles min. at 10 v dc and 1 ma ? release time 1 msec. max. general ? certifcations ce ? connectors controller: 2 x 20-pin box header, second connector in parallel for daisy chaining i/o: screw terminals ? dimensions (l x w) 205 x 114 mm (8" x 4.5") ? mounting 4 x screw holes for fat surface mounting ? power consumption +5 v @ 380 ma max. pcld-788 block diagram ? 16 to 1 channel expansion ? differential and fully isolated multiplexing ? break-before-make relay control ? channel closed signal for precise a/d triggering ? up to 16 pcld-788s can be cascaded for 256 channels ? easy wiring for large channel count confguration ? onboard cold-junction circuitry for thermocouple measurement pin assignments introduction pcld-788 multiplexes 16 channels into a single i/o channel of an a/d converter, voltmeter or ieee-488-based instrument. up to 16 pcld-788s can be cascaded for a total of 256 fully-isolated differential channels. the pcld-788 can be controlled by any pc-labcard? product via a 16-bit 20-pin digital output port, found on cards such as the pcl-711b, pcl-812pg or the pcl-818 series. channel selection (0-15) and board selection (0-15) are done by programming the high-order four bits and low order four bits of a digital output byte from the main i/o card in use. ordering information ? pcld-788 16-ch relay mux board w/ two 20-pin flat cables ? PCL-10120-1 20-pin flat cable, 1 m ? pcl-10120-2 20-pin flat cable, 2 m


▲Up To Search▲   

 
Price & Availability of PCL-10120-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X