Part Number Hot Search : 
K3564 3002E TDA7427 ADA3R3 26EUA M5S33 70257 LB111
Product Description
Full Text Search
 

To Download PCL-10120-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.advantech.com/products online download features rohs compliant 2002/95/ec specifcations analog input channels 16 single-ended resolution 12 bits max. sampling rate 30 ks/s fifo size 0 overvoltage protection 30 vp-p input impedance >10 m w sampling modes software, pacer or external trigger input range (v, software programmable) 10, 5, 2.5, 1.25, 0.625, 0.3125 accuracy 0.4% of reading 1 lsb analog output channels 2 double-buffered resolution 12 bits output rate software polling output range (v, software programmable) internal reference unipolar 0 ~ 5, 0 ~ 10 external reference 10 max. driving capability 5 ma digital input channels 16 compatibility 5 v/ttl input voltage logic 0: 0.8 v logic 1: 2.0 v ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 30 ks/s, 12-bit, 16-ch isa multifunction card pcl-812pg 16-ch single-ended analog input 12-bit a/d converter, with up to 30 khz sampling rate programmable gain two 12-bit analog output channels 16-ch digital input and 16-ch digital output onboard programmable counter a/d with dma or interrupt ? ? ? ? ? ? ? digital output channels 16 compatibility 5 v/ttl output voltage logic 0: 0.5 v max., logic 1: 2.4 v min. output capacity sink: 8.0 ma, source: 0.4 ma counter/timer channels 1 resolution 16 bits compatibility 5 v/ttl max. input frequency 500 khz reference clock internal: 2 mhz external frequency: 10 mhz external voltage range: 5v/ttl general bus type isa i/o connectors 5 x 20-pin box header dimensions (l x h) 185 x 100 mm (7.3" x 3.9") power consumption +5 v @ 500 ma typical, 1.0 a max. +12 v @ 50 ma typical, 100 ma max. operating temperature 0 ~ 50 c (32 ~ 122 f) storage temperature -20 ~ 65 c (-4 ~ 149 f) storage humidity 5 ~ 95% rh, non-condensing (refer to iec 68-2-3) ordering information pcl-812pg 30 ks/s, 12-bit, 16-ch isa multifunction card PCL-10120-1 20-pin flat cable, 1 m pcl-10120-2 20-pin flat cable, 2 m pcld-780 screw terminal board w/ two 20-pin flat cables ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? introduction pcl-812pg is a multifunction analog and digital i/o card that features the fve most desired measurement and control functions for pc/at and compatible systems: a/d conversion, d/a conversion, digital input, digital output and counter/timer. this half-size card neatly packages 16 12-bit analog input channels, two 12-bit analog output channels, 16 digital input channels, 16 digital output channels and a programmable counter/timer. in addition to all the features listed above, pcl-812pg offers the convenience of programmable analog input ranges, where the analog input range can be switched by software commands instead of dip switches. pcl-812pg also delivers convenience and maximum resolution for applications that need different gains for different channels or different gains for different stages of a process. comprehensive software support, numerous i/o options and a wide range of available daughterboards make the pcl-812pg ideal for industrial applications that require a combination of analog and digital i/o.


▲Up To Search▲   

 
Price & Availability of PCL-10120-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X