Part Number Hot Search : 
AO4268 B2405S A2000 0SJETT TC234 AO4268 A2003 0100M
Product Description
Full Text Search
 

To Download PCJ0E181MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cj higher capacitance, low esr, high ripple current. load life of 2000 hours at 105 c. smd type : lead free reflow soldering condition at 260 c peak correspondence. adapted to the rohs directive ( 2002/95/ec ) . series ?5 ~ +105 c 2.5 ~ 16v 39 ~ 2700 f 20% at 120hz, 20 c not more than value of standard ratings at 120hz, 20 c not more than value of standard ratings at 100khz, 20 c not more than value of standard ratings. after 2 minute's application of rated voltage. 20 c z +105 c / z + 20 c 1.25 ( 100khz ) z-55 c / z + 20 c 1.25 after 2000 hours' application of rated voltage at 105 c, capacitors meet the specified value for life characteristics listed at right. after 1000 hours' application of rated voltage at 60 c 90%rh, capacitors meet the specified value for life characteristics listed at right. to comply with recommended conditions for reflow soldering. pre-heating shall be done at 150 ~ 200 c and for 60 ~ 180 sec. in the case of peak temp, less than 250 c, reflow soldering shall be within two times. in the case of peak temp, less than 260 c, reflow soldering shall be once. measurement for solder temperature profile shall be made at the capacitor top and the terminal. navy blue print on the case top. conductive polymer aluminum solid electrolytic capacitors 1 esr measurements should be made at a point on the terminal nearest where the ternimals protrude through the plastic platform . 2 conditioning : if there is doubt about the measured result, measurement should be made again after the rated voltage is appl ied for 120 minutes at the temperature of 105 c. 3 initial value : the value before test of examination of resistance to soldering. item performance characteristics category temperature range rated voltage range rated capacitance range capacitance tolerance tan esr ( 1 ) leakage current ( 2 ) characteristics of temperature impedance ratio endurance damp heat resistance to soldering heat marking capacitance change tan esr ( 1 ) leakage current ( 2 ) within 20% of initial value ( 3 ) 150% or less of the initial specified value 150% or less of the initial specified value initial specified value or less capacitance change tan esr ( 1 ) leakage current ( 2 ) within 20% of initial value ( 3 ) 150% or less of the initial specified value 150% or less of the initial specified value initial specified value or less capacitance change tan esr ( 1 ) leakage current ( 2 ) within 10% of initial value ( 3 ) 130% or less of the initial specified value 130% or less of the initial specified value initial specified value or less specifications higher capacitance, low esr cf cj higher capacitance, low esr
10 10l 10 8l series cj conductive polymer aluminum solid electrolytic capacitors rated voltage ( v ) rated capacitance ( f ) leakage current ( a ) case size d l ( mm ) 2.5 16 10 6.3 4 180 390 560 680 820 1200 1500 2200 2700 150 330 560 560 1000 1200 1500 1500 1800 2200 100 120 220 390 820 820 1500 1800 68 120 270 470 680 39 68 120 220 330 90 195 280 340 410 600 750 1100 1350 120 264 448 448 800 960 1200 1200 1440 1760 126 151 277 491 1033 1033 1890 2268 136 240 540 940 1360 124 217 384 704 1056 21 15 13 13 9 12 9 10 9 22 15 14 9 13 9 9 10 10 9 24 24 15 14 10 13 12 11 28 25 21 19 13 35 28 24 22 16 2500 3400 4000 4100 5300 4800 5300 5400 5800 2400 3300 4000 5200 4600 5200 5200 5000 5300 5700 2300 2300 3200 3900 5000 4500 4800 5200 2100 2500 3200 3700 4600 1900 2300 3000 3400 4100 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 5 6 6.3 6 8 7 8 7 8 12 10 8 8 12 10 10 10 12.7 5 6 6.3 6 8 7 8 12 10 8 8 12 8 12 10 10 10 10 10 12.7 5 6 5 6 6.3 6 8 7 8 12 10 8 10 10 10 12.7 5 6 6.3 6 8 7 10 8 10 10 5 6 6.3 6 8 7 10 8 10 10 p 1 c 2 j 3 0 4 j 5 2 6 2 7 1 8 m 9 c 10 l 11 1 12 g 13 s 14 capacitance tolerance ( 20 % ) rated capacitance ( 220 f ) rated voltage ( 6.3v ) series name configuration size code taping code type dimensions type numbering system (example : 6.3v 220 f) standard ratings esr ( m ? ) ( 20?c / 100khz ) rated ripple (marms) ( 105?c / 100khz ) d l a b 6.3 6.3 6l 8 7l 5.9 7.3 6.6 8.0 6.9 9.0 8.3 size 10.0 7.9 11.0 10.3 10.0 9.9 11.0 10.3 c e h 6.6 2.1 0.5 ~ 0.8 5.0 5 6l 5.9 6.0 5.3 5.3 1.2 0.5 ~ 0.8 8.3 3.2 0.8 ~ 1.1 8 12l 8.0 11.9 9.0 8.3 8.3 3.2 0.8 ~ 1.1 10.3 4.6 0.8 ~ 1.1 10.3 4.6 0.8 ~ 1.1 10 12.7l 10.0 12.6 11.0 10.3 10.3 4.6 0.8 ~ 1.1 (mm) tan code cj 220 j 681 h 0.3 max. d+0.5 max. b 0.2 a 0.2 c 0.2 0.5 max. e l series voltage ( j:6.3v ) plastic platform lot no. capacitance negative positive +0.1 -0.4 : in this case, 9 will be put at 12th digit of type numbering system. : in this case, 4 will be put at 12th digit of type numbering system. printed in japan t.2006.i.1c design, specifications are subject to change without notice. v code 2.5 e 4 g voltage 6.3 j 10 a 16 c PCJ0E181MCL1GS pcj0e391mcl1gs pcj0e561mcl1gs pcj0e681mcl1gs pcj0e821mcl1gs pcj0e122mcl1gs pcj0e152mcl1gs pcj0e222mcl1gs pcj0e272mcl1gs pcj0g151mcl1gs pcj0g331mcl1gs pcj0g561mcl1gs pcj0g561mcl9gs pcj0g102mcl1gs pcj0g122mcl1gs pcj0g152mcl4gs pcj0g152mcl1gs pcj0g182mcl1gs pcj0g222mcl1gs pcj0j101mcl1gs pcj0j121mcl1gs pcj0j221mcl1gs pcj0j391mcl1gs pcj0j821mcl4gs pcj0j821mcl1gs pcj0j152mcl1gs pcj0j182mcl1gs pcj1a680mcl1gs pcj1a121mcl1gs pcj1a271mcl1gs pcj1a471mcl1gs pcj1a681mcl1gs pcj1c390mcl1gs pcj1c680mcl1gs pcj1c121mcl1gs pcj1c221mcl1gs pcj1c331mcl1gs


▲Up To Search▲   

 
Price & Availability of PCJ0E181MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X