Part Number Hot Search : 
DTA12 AD797BR 10C12A Q9012 AEP15024 C87F7032 AOXYY C87F7032
Product Description
Full Text Search
 

To Download OSW33014C1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com 1 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 features outline dimension top view white led (3.0 x 1.4 x 0.8mm) super high brightness of surface mount led lead frame package with individual 2 pins esd protection compatible to ir reflow soldering. applications general lighting decoration lighting indicator 2, anode 1, cathode unit:mm tolerances: 0.1mm ? cathode mark 2 1 2 1 2 1 top view back view side view absolute maximum rating 5b

directivity item symbol value unit dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 110 mw operating temperature topr -40 ~ +85 
storage temperature tstg -40~ +85 
lead soldering temperature tsol 260 
/5sec    *pulse width max 0.1ms, duty ratio max 1/10  electrical -optical charac teristics 5b

v f (v) i r (a) iv(mcd) cct 2 1/2(deg) min. typ. max. max. min. typ. max. min. typ. max. typ. part number color i f =20ma v r =5v i f =20ma OSW33014C1A white w ? 2.9 3.1 3.6 10 2000 - 3000 5000k - 6000k 120 osm53014c1a warm white m ? 2.9 3.1 3.6 10 2000 - 3000 2800k - 3500k 120 note: * vf tolerance: 0.05v * luminous flux measurem ent allowance is:10% led & application technologies
http://www.optosupply.com 2 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 rank * correspondence table of luminous flux ? intensity chromaticity diagram led & application technologies
http://www.optosupply.com 3 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 * bin range of chromaticity coordinates (OSW33014C1A) led & application technologies code  x1  y1  x2  y2  x3  y3  x4  y4  %         %         %         %         &         &         &         &        
http://www.optosupply.com 4 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 * bin range of chromaticity coordinates (osm53014c1a) *if color binning is required, only one color group is allowed for each chip within a reel. chromaticity coordinate groups are measured with an accuracy of 0.01 *color coordinate is derived from the cie 1931 chromaticity. *bin rank of vf white rank (i f =20ma) 88t-999 aaa bbb dc forward voltage(v) 2.9-3.2 3.2-3.4 3.4-3.6 *forward voltage is measured with an accuracy of 0.1v. led & application technologies code  x1  y1  x2  y2  x3  y3  x4  y4  (         (         (         (         )         )         )         )         )         )         )         )        
http://www.optosupply.com 5 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 typical electro-optical characteristics curves led & application technologies
http://www.optosupply.com 6 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 reliability test report classification test time test condtion operation life if:20ma ta:25+5 test itme=1000hrs(-24hrs,+72hrs) high temperture high humidity storage r.h:90~95% ta:65+5 test itme=240hrs(+2hrs) high temperture storage ta:105+ 5 test itme=500hrs(-24hrs,+48hrs) endurance test low temperture storage ta:-55+ 5 test itme=500hrs(-24hrs,+48hrs) temperture cycling 105 ~25 ~-55 ~25 60min 10min 60min 10min 20cycles thermal shock 105 ~-55 10min 10min 10cycles solder resistance ta:260+ 5 test itme=10+ 1sec environmental test solderability ta:230+ 5 test itme=5+ 1sec judgment criteria of falure for the reliability measuring itme symbol conditions failuer luminous intensity iv if=20ma iv<0.5*initial value forward voltage vf if=20ma vf>1.2*initial value reverse current ir vr=5v ir>2*spec led & application technologies
http://www.optosupply.com 7 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 recommended reflow soldering profile surface mounting condition in automatic mounting of the smd leds on printed circuit boards, any bending, expanding and pulling forces or shock against the smd leds should be kept min. to prevent them from electrical failures and mechanical damages of the devices. soldering reflow -soldering of the smd leds should conform to the soldering condition in the individual specifications. -smd leds are designed for reflow soldering. -in the reflow soldering, too high temperature and too large temperature gradient such as rapid heating/cooling may cause electrical & opt ical failures and damages of the devices. -wellypower can?t guarantee the le ds after they have been assembled using the solder dipping method. led & application technologies
http://www.optosupply.com 8 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 3) manual soldering. - lead solder max. 300 
for max. 3sec, and only one time. - lead-free solder max. 350 
for max. 3sec, and only one time. - there is possibility that the brightness of leds is decreased, which is influenced by heat or ambient atmosphere during reflow. it is recommended to use t he nitrogen reflow method use the nitrogen reflow method. - after leds have been soldered, repairs should not be done. as repair is unavoidable, a doublehead soldering iron should be used. it should be confirme d beforehand whether the ch aracteristics of the leds will be damaged by repairing or not. - reflow soldering should not be done more than two times. led & application technologies
http://www.optosupply.com 9 ver a.0 3 3 . . 0 0 x x 1 1 . . 4 4 x x 0 0 . . 8 8 m m m m s s m m d d osxx3014c1a v v e e r r . . a a . . 2 2 package model loaded quantity 4000 pcs. per reel reel part led & application technologies optosupply label


▲Up To Search▲   

 
Price & Availability of OSW33014C1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X