Part Number Hot Search : 
GP2L01 40140 28C256 2SC5587 GU040 RC121 W86L488Y NX5322EH
Product Description
Full Text Search
 

To Download MUR2010CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  600 200 400 200 400 600 140 280 420 2.0 150 20 v a i r ? ta= 25 ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols ta=125 maximum forward voltage maximum reverse current v f -55---+150 v v v a a /w v rrm v rms v dc i f(av) i fsm ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? symbols unit operating junction and storage temperature range tj, tstg r jc features mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ??? low power loss high efficiency MUR2010CT ...... mur2060ct ? 100---600v 20a reverse voltage 100 to 600 v forward current 20 a MUR2010CT mur2040ct mur2060ct i f = 1 0 a ?? low forward voltage drop high current capability ?? ns trr i f =0.5a i r =1.0a i rec =0.25a max. reverse recovery time 1.00 1.30 1.50 10 35 50 ?? plastic ultra-fast recover rectifier mur2020ct 100 100 70 MUR2010CT mur2040ct mur2060ct mur2020ct dachang electronics ?? : ?? 0.3 ? * mounting torque recommend 0.3 n*m ???rohs? lead and body according with rohs standard 3.0 250 siyu r unit inch mm to-220ab 123
siyu r i f (a) ?? ? v f (v) ? ta( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) tamb, ambient temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 0.01 0.1 1 10 100 0 0.8 1.6 2.0 0 255075100125150175 24 20 16 12 8 4 0 1 2 4 6 10 20 40 100 120 90 60 30 0 150 0.4 1.2 MUR2010CT ...... mur2060ct m u r 2 0 6 0 c t m u r 2 0 4 0 c t m u r 2 0 1 0 c t m u r 2 0 2 0 c t dachang electronics


▲Up To Search▲   

 
Price & Availability of MUR2010CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X