Part Number Hot Search : 
MMBR931L 0M135 KBPC2510 BR2020 FC126 2SD14 SMC120 TF321M
Product Description
Full Text Search
 

To Download MC7805CT-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mc7805ct three-terminal positive voltage regulators features parameter symbol value unit input voltage v 1 30 v operating junction temperature t opr 0---+125 o c storage temperature range t stg -55---+125 o c electrical characteristics (vi=10v, io=500ma, o o c  omp onents 20736 marilla street chatsworth       
     mcc revision: 5 2009 /12/18 tm micro commercial components www. mccsemi .com 1 of 3 maximum ratings @ t a =25 o c, unless otherwise noted ? output current in excess of 1.0 ampere ? no external components required ? internal thermal overload protection ? internal short-circuit current limiting ? output voltage offered in 2% tolerance p d 15 w power dissipation ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1 notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max g r b q h u l d c j k a f s t 1 3 2 n v pin 1. in put pin 2. g nd pin 3. ou t put
mc7805ct mcc representation schematic diagram revision: 5 2009 /12/18 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: 5 2009/12/18 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box 3


▲Up To Search▲   

 
Price & Availability of MC7805CT-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X