0 description 0 the new mb91580 series, a part of the fujitsu fr family of 32- bit risc microcontrollers (mcus), offers 3-phase inverter motor control and an embedded resolver interface for electric (ev) and hybrid electric vehicles (hev). the mcu series offer high performance combined with optimized peripherals for electric and hybrid electric vehicles. the mb91580 series was designed to provide special features for effcient loopback control. the device offers a 12-bit analog to digital converter (adc) and a 12-bit resolver to digital converter (rdc) to detect motor current and position at high speed and with high resolution. the electric angle of the revolver, which is calculated by the rdc, is latched into dedicated registers and synchronized with the three phase current detected by the adc. control algorithms will beneft from the foating point unit (fpu) and will speed up vector conversion and calculations using decimal point numbers by 10-15% compared to standard integer processing. the mb91580 series feature fujitsus advanced flash memory technology, including dedicated program memory and a separate work flash for eeprom emulation storage. 0applications0 ? generic electric motor control ? hev/ev inverter ? hev/ev generator control fs fact sheet current sensing sine / cosine signals excitation cpu mb91580 ppgs adc rdc igb/ mosfet gate driver power stage m resolver mb91580 motor control: current, positioning detection and feedback control mb91580 series 32-bit motor control mcu for electric (ev) and hybrid electric vehicles (hev)
fujitsu semiconductor america, inc. corporate headquarters 1250 e. arques avenue, m/s 333, sunnyvale, ca 94085-5401 tel: (800) 866-8608 fax: (408) 737-5999 e-mail: fsa_inquiry@us.fujitsu.com | website: http://us.fujitsu.com/semi ? 2011 fujitsu semiconductor america, inc. all company and product names are trademarks or registered trademarks of their respective owners. printed in the u.s.a. mcu-fs-21405-05/2011 8 product flash ram work flash MB91F585 576kb 48kb 64kb mb91f587 108.8kb 96kb 64kb product lineup 0 key features 0 main processor ? fr81s core ? single precision fpu ? 128mhz cpu frequency ? 8ch dma motor control features ? integrated rdc ? rdc excitation signal waveform generation ? 12ch motor timing waveform generator ? quadrature encoder connectivity ? 3ch can / 64msg buffers ? 5ch multifunctional serial (lin, spi, i 2 c, uart) ? flexray? interface (a+b) functional safety features ? mpu ? ecc for all memory types ? watchdog ? low voltage detector for internal/external power supply ? clock supervisor ? cpu diagnostic ? bus diagnostic ? ram diagnostic ? nmi ? 16/32-bit crc generator 0 development t ools 0 development tools, including debuggers, evaluation boards, starter kits and compilers, are available to support the fujitsu mb91580 series. 2 x udc 2 x dac 8-bit main oscillator sub-clock oscillator plls sscg pll rc oscillator ocd tcon vram lcdc smc sound video input graphics controller fpu pwr mgmt mpu ram watchdog ecc flash & ram clock supervisor flash flash security work flash 64kb 3 x adc x 8ch 12-bit 8 x irq ext. diagnostic fuctions 24 x adc 10-bit pin relocation lv d nmi 8 x dma crc 8 x icu 16-bit 24 x ppg 16-bit 6 x frt 16-bit 4 x rlt 16-bit 12 x ocu 16-bit rtc waveform generator rdc 2 x base timer rs media lb ethernet flexray 4 x un usart 3 x can 64msg 5 x multi func. serial ext. bus vf 22a / 16d fr81s 128mhz 4.5 to 5.5v -40 to + 125?c 144 pin mb91580 series block diagram
|