Part Number Hot Search : 
40C100A MTH8N50E 20017TS STYN225S SI3034 SM6T22A MUR104 20017TS
Product Description
Full Text Search
 

To Download MA3S781F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier diodes (sbd) publication date: january 2005 skh 00143 aed 1 MA3S781F silicon epitaxial planar type for high speed switching circuits ? features ? f e a t u r e s ? ? optimum for high-density mounting ? o p t i m u m f o r h i g h - d e n s i t y m o u n t i n g ? ? short reverse recovery time t ? s h o r t r e v e r s e r e c o v e r y t i m e t ? rr short reverse recovery time t r r short reverse recovery time t , optimum for high-frequency recti? cation rr , o p t i m u m f o r h i g h - f r e q u e n c y r e c t i ? c a t i o n rr ? absolute maximum ratings ? a b s o l u t e m a x i m u m r a t i n g s ? t a = 25 a = 2 5 a c parameter symbol rating unit reverse voltage v r 30 v maximum peak reverse voltage v rm v r m v 30 v forward current single i f 30 ma series 20 peak forward current single i fm 150 ma series 110 junction temperature t j t j t 125 c storage temperature t stg t s t g t C 55 to + 125 c ? electrical characteristics ? e l e c t r i c a l c h a r a c t e r i s t i c s ? t a = 25 a = 2 5 a c 3 c parameter symbol conditions min typ max unit forward voltage v f 1 v f 1 v i f = 1 ma 0 . 4 v v f 2 v f 2 v i f = 30 ma 1 . 0 reverse current i r v r = 30 v r = 3 0 v r 300 na terminal capacitance c t v r = 1 v, f = 1 mhz r = 1 v , f = 1 m h z r 1 . 5 pf reverse recovery time * t rr t r r t i f = i r = 10 ma, i r = 1 0 m a , i r rr = 1 ma rr = 1 m a rr r l r l r = 100 l = 1 0 0 l ? 1 . 0 ns detection ef? ciency v in = 3 v in = 3 v in (peak) , f = 30 mhz r l r l r = 3 . 9 k l = 3 . 9 k l ? = 3 . 9 k ? = 3 . 9 k , c l = 10 pf l = 1 0 p f l 65 % note) 1 . measuring methods are based on japanese industrial standard jis c 7031 measuring methods for diodes. 2 . absolute frequency of input and output is 2 000 mhz 2 . this product is sensitive to electric shock (static electricity, etc.). due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 3. * : t rr measurement circuit rr measurement circuit rr bias application unit (n-50bu) 90% pulse generator (pg-10n) r s = 50 ? wa ve form analyzer (sas-8130) r i = 50 ? t p t p t = 2 s t r = 0.35 ns = 0.05 i f = i r = 10 ma r l = 100 ? 10% input pulse output pulse i rr = 1 ma t r t p t p t t rr v r i f t t a a marking symbol: m 1 u internal connection unit: mm 1: anode 1 2: cathode 2 3: cathode 1 anode 2 eiaj : sc-81 ssmini3-f2 package 0.28 0.05 3 1 2 0.28 0.05 (0.80 ) 1.60 +0.05 C0.03 0.1 2 +0.0 5 C0.0 2 0.6 0 +0.0 5 C0.0 3 (0.80 ) (0.51) (0.51 ) 0 to 0.1 (0.15 ) 3 (0.44) (0.44) 0.88 (0.375) +0.0 5 C0.0 3 0.80 0.05 (0.80 ) 1.60 0.05 3 1 3 2
ma 3 s 781 f 2 skh 00143 aed i f ? v ? v ? f v f v i r ? v ? v ? r v r v r f v f v ? t ? t ? a t a t i r ? t ? t ? a t a t c a c a t ? v ? v ? r v r v i r i r f(surge) ? t ? t ? w t w t 0 0.4 0.8 1.2 10 3 10 2 10 1 10 ? 1 10 ? 2 MA3S781F_ i f -v f forward current i f (ma) forward voltage v f (v) t a = 125 c 75 c 25 c ? 20 c 0 10 20 30 10 3 10 2 10 1 10 ? 1 10 ? 2 MA3S781F_ i r -v r reverse current i r ( a) reverse voltage v r (v ) t a = 125 c 75 c 25 c -40 40 120 200 1.6 1.2 0.8 0.4 0 MA3S781F_ v f - t a forward voltage v f (v) ambient temperature t a ( c) i f = 30 ma 3 ma 1 ma ? 40 40 120 200 10 3 10 2 10 1 10 ? 1 10 ? 2 MA3S781F_ i r - t a reverse current i r ( a) ambient temperature t a ( c) v r = 30 v 10 v 1 v 0 10 20 30 3.0 2.0 1.0 0 MA3S781F_ c t -v r te rminal capacitance c t (pf) reverse voltage v r (v) 10 ? 1 1 10 3.0 2.0 1.0 0 MA3S781F_ i f(sur ge) - t w forward sur ge current i f(sur ge) (a) pulse width t w (ms) t w i f(su rg e) t a = 25 c
request for your special attention and precautions in using the technical information and semiconductors described in this material (1) an export permit needs to be obtained from the competent authorities of the japanese government if any of the products or technical information described in this material and controlled under the "foreign exchange and foreign trade law" is to be exported or taken out of japan. (2) the technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. it neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) we are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) the products described in this material are intended to be used for standard applications or general elec- tronic equipment (such as office equipment, communications equipment, measuring instruments and house- hold appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combus- tion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (5) the products and product specifications described in this material are subject to change without notice for modification and/or improvement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifica- tions satisfy your requirements. (6) when designing your equipment, comply with the guaranteed values, in particular those of maximum rat- ing, the range of operating power supply voltage, and heat radiation characteristics. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) when using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) this material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. 2003 sep


▲Up To Search▲   

 
Price & Availability of MA3S781F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X