Part Number Hot Search : 
CY7C4255 554FBX AD679AD MUR16 ZS310L AP450BN C143ZC NMH4812D
Product Description
Full Text Search
 

To Download LCC-40K2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c c c o o o lcd modules LCC-40K2, lcd character module 40 x 2 features electrical characteristics 5 x 7 dots with cursor item symbol condition min. typ. max. unit built-in controller (ks0066 or equivalent) lcd operating t=0 - 4.8 - v 5 v power s upply voltage v dd -v o t=25 - 4.5 - v 1/16 duty cycle t=50 - 4.2 - v 4.2 v led forward voltage supply voltage v dd -v ss - 4.7 5 5.3 v supply current i dd - -3.26ma input "high" level v ih - 2.2 - v dd v voltage "low" level v il - 0-0.6v mechanical d ata output "high" level v oh - 2.4 - - v item unit voltage "low" level v ol - --0.4v module size (w x h x t) 182.0 x 33.5 x 8.8 ( 12.7 led ) mm viewing area ( w x h ) 154.0 x 15.3 mm block diagram character size ( w x h ) 3.20 x 5.55 mm character pitch (w x h) 3 .70 x 5.95 mm dotsize(wxh) 0.60x0.65 mm dot pitch ( w x h ) 0.65 x 0.70 mm interface p in connections no. symbol no. symbol function 1v ss supply ground 9 db2 data bit 2 2v dd supply voltage 10 db3 data bit 3 3v o contrast adj. 11 db4 data bit 4 4 rs register select 12 db5 data bit 5 5 r/w read/write 13 db6 data bit 6 6 e enable signal 14 db7 data bit 7 7 db0 data bit 0 15 a led power 8 db1 data bit 1 16 k led power external dimensions function dimensions de lta co mp on ents au weg 2 7 d - 79 761 wa lds hut -t ieng en te l : +4 9/ 77 51 /83 99 - 0 fa x : +4 9/ 77 51 /83 99 -9 9 ma il : in fo @ de lta -c om po nent s.d e www .de lta -c om po n ent s. de


▲Up To Search▲   

 
Price & Availability of LCC-40K2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X