Part Number Hot Search : 
3N189 Z9951 ULS2015J AD8682 AMC7637 Z9951 BFY40511 FXXXX
Product Description
Full Text Search
 

To Download LBXLENP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  patent pending durosite ? series led low bay for indoor and outdoor applications
durosite ? led low bay features & benefits ? l70 rated for >100,000 hours @ 25c ambient ? 5 year full performance warranty ? up to 84lm/w ? significant energy savings ? low profile versus traditional hid fixtures ? instant on/off ? maintenance free ? mercury free ? no uv or ir ? produces minimal heat compared to traditional fixtures ? reflector based optics for precise light control ? resistant to shock and vibration ? temperature compensation technology for long life ? copper free aluminum ? typical payback < 2 years typical applications ? parking structures ? cold storage ? warehouse ? walkways ? manufacturing ? fuel pump canopy city of london parking deck fox31 parking deck view the full case studies at: fox3 parking garage - www.dialight.com/news/details/fox31_case_study city of london parking garage - www.dialight.com/news/details/city_of_london_corp complete your own return on investment calculation at: www.dialight.com/tcocalculator/durosite_lowbay
durosite ? led low bay fixture mechanical information fixture weight: 18 lbs (8.2 kg) shipping weight: 24 lbs (10.92 kg) mounting: (1) 3/4 npt or (2) 5/16-18 x .75 unc electrical specifications operating voltage: 100-277vac, 50/60 hz total system power consumption: 45w, 80w, 140w operating temp: -40f to +149f (-40c to +65c) noise requirements/ fcc title 47, subpart b, section 15, class a emc: device. rf immunity; 10v/m, 80mhz-1ghz harmonics: en61000-3-2 transient protection: 1 kv line to line 2 kv line to ground thd: <15% power factor: > 0.9 construction body: powder coated aluminum epa: 0.60 finish: epoxy polyester powder coated for superior corrosion resistance lens: polycarbonate photometric information cri: 70 cct: 6,000k (cool white) 4,300k (neutral white) all values typical unless otherwise stated all lumen values are typical (tolerance +/- 10%) dimensions in inches [mm] certifications and ratings ? ul1598/a (suitable for wet locations) ? csa c22.2 no. 250.0-08 ? ul8750 compliances ? iec 60529 (ip 66) ? nema 4x ? ansi c 136.15-2011 test reports ? lm-79 ? lm-80 application: dialights durosite ? led low bay fixture was designed specifically to replace conventional lighting in a wide variety of industrial applications; both indoor and outdoor. its low profile light weight design and versatile mounting options make it ideal for many applications such as parking decks, garages, cold storage and other applications with mounting heights up to 20 feet. all of dialights long life led luminaires are designed to meet the most demanding specification criteria while offering maximum energy savings, reduced maintenance costs, and a superior quality of light. www.dialight.com ordering code: 5.04 (127,9) 8.19 (208) ? 10.37 (263,5) ? 16.00 (406,4) 16.25 (412,8) between bracket mount locations (5/16-18unc) 3/4 npt for conduit mount part number lumens wattage lumens per watt cct occupancy sensor variable dimming lbw1c1a 3,800 45 84 cool white lbw1n1a 3,800 45 84 neutral white lbw1c2a 3,800 45 84 cool white ? lbw1n2a 3,800 45 84 neutral white ? lbw1c5a 3,800 45 84 cool white ? lbw1n5a 3,800 45 84 neutral white ? lbw1c1d 6,000 80 75 cool white lbw1n1d 6,000 80 75 neutral white lbw1c2d 6,000 80 75 cool white ? lbw1n2d 6,000 80 75 neutral white ? lbw1c5d 6,000 80 75 cool white ? lbw1n5d 6,000 80 75 neutral white ? hbwc4l 8,750 140 62 cool white hbwn4l 8,750 140 62 neutral white meets buy american for projects requiring buy american certification, consult factory for additional information and details
part number description kit includes no part number 3/4 npt pendant mount (conduit supplied by installer) conduit supplied by installer hbxw2 swivel bracket and cable gland swivel bracket bracket to fixture hardware cable gland (1/2) reducer (3/4 to 1/2) hbxw3 swivel bracket swivel bracket bracket to fixture hardware hbxcu ceiling mount swivel hanger cover 3" conduit nipple hbxcg cable gland cable gland (1/2) reducer (3/4 to 1/2) hbxl loop hanger loop (ge loopm353) hbxh hook hanger hook (ge hookm353) LBXLENP replacement dome lens lens replacement screws gasket durosite ? series led low bay fixture options and accessories www.dialight.com mdexlbx001_d dialight reserves the right to make changes at any time in order to supply the best product possible. the most current version of this document will always be available at: www.dialight.com/assets/brochures_and_catalogs/illumination/mdexlbx001.pdf warranty statement: except for the warranty expressly provided for [herein/above/below], dialight disclaims any and all other w arranties, express or implied, including, without limitation, any warranties of merchantability, fitness for a particular purpose, title, and noninfr ingement. candela plot - lbw1n1d


▲Up To Search▲   

 
Price & Availability of LBXLENP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X