Part Number Hot Search : 
OA162 U2N60 2SD1263A ZX84C18 SDN8000G SMAJ51A AOZ8102 NB2760A
Product Description
Full Text Search
 

To Download IRL1004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRL1004 hexfet ? power mosfet pd - 91702b s d g parameter typ. max. units r q jc junction-to-case CCC 0.75 r q cs case-to-sink, flat, greased surface 0.50 CCC c/w r q ja junction-to-ambient CCC 62 thermal resistance v dss = 40v r ds(on) = 0.0065 w i d = 130a ? l logic-level gate drive l advanced process technology l ultra low on-resistance l dynamic dv/dt rating l 175c operating temperature l fast switching l fully avalanche rated fifth generation hexfet ? power mosfets from international rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry. description 11/29/99 parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 130 ? i d @ t c = 100c continuous drain current, v gs @ 10v 92 ? a i dm pulsed drain current ? 520 p d @t c = 25c power dissipation 200 w linear derating factor 1.3 w/c v gs gate-to-source voltage 16 v e as single pulse avalanche energy ? 700 mj i ar avalanche current ? 78 a e ar repetitive avalanche energy ? 20 mj dv/dt peak diode recovery dv/dt ? 5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case) c mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) absolute maximum ratings www.irf.com 1 to-220ab
IRL1004 2 www.irf.com parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 40 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.04 CCC v/c reference to 25c, i d = 1ma CCC CCC 0.0065 v gs = 10v, i d = 78a ? CCC CCC 0.009 v gs = 4.5v, i d = 65a ? v gs(th) gate threshold voltage 1.0 CCC CCC v v ds = v gs , i d = 250a g fs forward transconductance 63 CCC CCC s v ds = 25v, i d = 78a CCC CCC 25 v ds = 40v, v gs = 0v CCC CCC 250 v ds = 32v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 na v gs = 16v gate-to-source reverse leakage CCC CCC -100 v gs = -16v q g total gate charge CCC CCC 100 i d = 78a q gs gate-to-source charge CCC CCC 32 nc v ds = 32v q gd gate-to-drain ("miller") charge CCC CCC 43 v gs = 4.5v, see fig. 6 and 13 ? t d(on) turn-on delay time CCC 16 CCC v dd = 20v t r rise time CCC 210 CCC i d = 78a t d(off) turn-off delay time CCC 25 CCC r g = 2.5 w , v gs = 4.5v t f fall time CCC 14 CCC r d = 0.18 w , see fig. 10 ? between lead, 6mm (0.25in.) from package and center of die contact c iss input capacitance CCC 5330 CCC v gs = 0v c oss output capacitance CCC 1480 CCC pf v ds = 25v c rss reverse transfer capacitance CCC 320 CCC ? = 1.0mhz, see fig. 5 electrical characteristics @ t j = 25c (unless otherwise specified) i gss i dss drain-to-source leakage current l d internal drain inductance CCC 4.5 CCC l s internal source inductance CCC 7.5 CCC r ds(on) static drain-to-source on-resistance a ns s d g source-drain ratings and characteristics ? repetitive rating; pulse width limited by max. junction temperature. (see fig. 11) ? i sd 78a, di/dt 370a/s, v dd v (br)dss , t j 175c notes: ? starting t j = 25c, l =0.23mh r g = 25 w , i as = 78a. (see figure 12) ? pulse width 300s; duty cycle 2% ? calculated continuous current based on maximum allowable junction temperature; for recommended current-handling of the package refer to design tip #93-4 parameter min. typ. max. u nits conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s = 78a, v gs = 0v ? t rr reverse recovery time CCC 78 120 ns t j = 25c, i f = 78a q rr reverse recovery charge CCC 180 270 nc di/dt = 100a/s ? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) s d g 130 ? 520 a nh w
IRL1004 www.irf.com 3 fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 130a 0.1 1 10 100 1000 10000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 175 c j top bottom vgs 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v 0.1 1 10 100 1000 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 v = 50v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j 25
IRL1004 4 www.irf.com fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 30 60 90 120 150 180 0 2 4 6 8 10 12 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 78 a v = 20v ds v = 32v ds 1 10 100 1000 10000 1 10 100 operation in this area limited by r ds(on) sin g le pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 1 10 100 0 2000 4000 6000 8000 10000 v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss g s g d , ds rss g d oss ds g d c iss c oss c rss 0.1 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j
IRL1004 www.irf.com 5 fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 4.5v + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case 25 50 75 100 125 150 175 0 20 40 60 80 100 120 140 t , case temperature ( c) i , drain current (a) c d limited by package 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
IRL1004 6 www.irf.com d.u.t. v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - fig 13b. gate charge test circuit fig 12c. maximum avalanche energy vs. drain current 25 50 75 100 125 150 175 0 300 600 900 1200 1500 1800 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 32a 55a 78a fig 12a. unclamped inductive test circuit fig 12b. unclamped inductive waveforms v ds l d.u.t. v dd i as t p 0.01 w r g + - t p v ds i as v dd v (br)dss 4.5 v q g q gs q gd v g charge fig 13a. basic gate charge waveform 4.5 v
IRL1004 www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfet ? power mosfets * v gs = 5v for logic level devices peak diode recovery dv/dt test circuit ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? *
IRL1004 8 www.irf.com to-220ab part marking information to-220ab package outline dimensions are shown in millimeters (inches) part number international rectifier lo g o example : this is an irf1010 w it h as se m b ly lo t c o de 9b1m assembly lo t co de date code (yyww) yy = year ww = week 9246 irf1010 9b 1m a lead assignments 1 - g at e 2 - d ra in 3 - source 4 - d ra in - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) min 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.01 4) m b a m 4 1 2 3 notes: 1 d im en s io n ing & tol er a nc in g p er a n si y 14 .5 m, 19 82. 3 o u tlin e c on f or ms to je de c o ut lin e to -2 20a b . 2 c o n tro llin g d ime n s io n : inc h 4 he a ts ink & le ad m e as u re m e nts d o n ot include burrs. world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir japan: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 data and specifications subject to change without notice. 11/99


▲Up To Search▲   

 
Price & Availability of IRL1004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X