Part Number Hot Search : 
50050 16N80 5C180 143V20M 100FPY 2N6896 LM317LBZ 100EP1
Product Description
Full Text Search
 

To Download IRF840F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irf840/fi irf841/fi n - channel enhancement mode power mos transistors n typical r ds(on) = 0.74 w n avalanche rugged technology n 100% avalanche tested n repetitive avalanche data at 100 o c applications n high current, high speed switching n switch mode power supplies (smps) n chopper regulators, converters, motor control, lighting for industrial and consumer environment internal schematic diagram type v dss r ds(on) i d irf840 IRF840Fi 500 v 500 v <0.85 w <0.85 w 8a 4.5 a irf841 irf841fi 450 v 450 v <0.85 w <0.85 w 8a 4.5 a 1 2 3 to-220 isowatt220 may 1993 absolute maximum ratings symbol parameter value unit irf 840 841 840fi 841fi v ds drain-source voltage (v gs = 0) 500 450 500 450 v v dgr drain- gate voltage (r gs =20k w ) 500 450 500 450 v v gs gate-source voltage 20 v i d drain current (cont.) at t c =25 o c884.54.5a i d drain current (cont.) at t c = 100 o c 5.1 5.1 2.8 2.8 a i dm ( ? ) drain current (pulsed) 32 32 32 32 a p tot total dissipation at t c =25 o c 125 40 w derating factor 1 0.32 w/ o c v iso insulation withstand voltage (dc) ? 2000 t st g storage temperature -65 to 150 o c t j max. operating junction temperature 150 o c ( ? ) pulse width limited by safe operating area 1 2 3 1/10
thermal data to-220 isowatt220 r thj-case thermal resistance junction-case max 1 3.12 o c/w r thj-amb r th c-s t l thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 62.5 0.5 300 o c/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max, d <1%) 8a e as single pulse avalanche energy (starting t j =25 o c, i d =i ar ,v dd =25v) 510 mj e ar repetitive avalanche energy (pulse width limited by t j max, d <1%) 13 mj i ar avalanche current, repetitive or not-repetitive (t c = 100 o c, pulse width limited by t j max, d <1%) 5.1 a electrical characteristics (t case =25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d =250 m av gs =0 for irf840/840fi for irf841/841fi 500 450 v v i dss zero gate voltage drain current (v gs =0) v ds =maxrating v ds = max rating x 0.8 t c =125 o c 250 1000 m a m a i gss gate-body leakage current (v ds =0) v gs = 20 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds =v gs i d =250 m a234v r ds(on) static drain-source on resistance v gs =10v i d =4.4a 0.74 0.85 w i d(on) on state drain current v ds >i d(on) xr ds(on)max v gs =10v 8 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * )forward transconductance v ds >i d(on) xr ds(on)max i d =4.4a 4.9 6 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v f=1mhz v gs = 0 1100 190 80 1500 240 110 pf pf pf irf840/fi - irf841/fi 2/10
electrical characteristics (continued) switching resistive load symbol parameter test conditions min. typ. max. unit t d(on) t r t d(off) t f turn-on time rise time turn-off delay time fall time v dd =200v i d =4a r i =4.7 w (see test circuit) 40 35 80 20 50 43 100 25 ns ns ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge i d =8a v gs =10v v dd = max rating x 0.8 (see test circuit) 75 9 39 95 nc nc nc source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ? ) source-drain current source-drain current (pulsed) 8 32 a a v sd ( * ) forward on voltage i sd =8a v gs =0 2 v t rr q rr reverse recovery time reverse recovery charge i sd = 8 a di/dt = 100 a/ m s v dd = 100 v t j = 150 o c 700 12 ns m c ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ? ) pulse width limited by safe operating area safe operating area for to-220 safe operating area for isowatt220 irf840/fi - irf841/fi 3/10
thermal impedance for to-220 derating curve for to-220 output characteristics thermal impedance for isowatt220 derating curve for isowatt220 output characteristics irf840/fi - irf841/fi 4/10
transfer characteristics transconductance static drain-source on resistance maximum drain current vs temperature capacitance variations gate charge vs gate-source voltage irf840/fi - irf841/fi 5/10
normalized breakdown voltage vs temperature normalized on resistance vs temperature source-drain diode forward characteristics unclamped inductive load test circuit unclamped inductive waveforms irf840/fi - irf841/fi 6/10
gate charge test circuit switching time test circuit irf840/fi - irf841/fi 7/10
dim. mm inch min. typ. max. min. typ. max. a 4.40 4.60 0.173 0.181 c 1.23 1.32 0.048 0.051 d 2.40 2.72 0.094 0.107 d1 1.27 0.050 e 0.49 0.70 0.019 0.027 f 0.61 0.88 0.024 0.034 f1 1.14 1.70 0.044 0.067 f2 1.14 1.70 0.044 0.067 g 4.95 5.15 0.194 0.203 g1 2.4 2.7 0.094 0.106 h2 10.0 10.40 0.393 0.409 l2 16.4 0.645 l4 13.0 14.0 0.511 0.551 l5 2.65 2.95 0.104 0.116 l6 15.25 15.75 0.600 0.620 l7 6.2 6.6 0.244 0.260 l9 3.5 3.93 0.137 0.154 dia. 3.75 3.85 0.147 0.151 l6 a c d e d1 f g l7 l2 dia. f1 l5 l4 h2 l9 f2 g1 to-220 mechanical data p011c irf840/fi - irf841/fi 8/10
dim. mm inch min. typ. max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.4 0.7 0.015 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 0.385 0.417 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 3 3.2 0.118 0.126 l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 isowatt220 mechanical data p011g irf840/fi - irf841/fi 9/10
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specifications mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. sgs-thomson microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of sgs-thomson microelectonics. ? 1994 sgs-thomson microelectronics - all rights reserved sgs-thomson microelectronics group of companies australia - brazil - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a irf840/fi - irf841/fi 10/10


▲Up To Search▲   

 
Price & Availability of IRF840F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X